Part Number Hot Search : 
TC4069U RB153 2SA132 MRT400 24LC00 2SC387 TEH7223 222ME
Product Description
Full Text Search
 

To Download CT3043SL-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ct micro rev 1 proprietary & confidential page 1 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler package outline schematic note: different lead forming options available. see package dimension. features ? ?? ? high isolation 5000 vrms ? ?? ? peak breakdown voltage  250v ? ct3031,3032,3033  400v ? ct3041,3042,3043 ? ?? ? temperature range - 55 c to 100 c ? ?? ? regulatory approvals  ul - ul1577 (e364000)  vde - en60747-5-5(vde0884-5)  cqc ? gb4943.1, gb8898  iec60065, iec60950 applications ? ?? ? motor controls ? ?? ? lamp ballasts ? ?? ? static ac power switch ? ?? ? solenoid/ valve control description the ct3031, ct3032, ct3033, ct3041, ct3042 and ct3043 consists of a zero cross photo triac optically coupled to a gallium arsenide infrared-emitting diode in a 6-pin dip package with different lead forming options.
ct micro rev 1 proprietary & confidential page 2 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler absolute maximum rating at 25 o c symbol parameters ratings units notes v iso isolation voltage 5000 v rms t opr operating temperature -55 ~ +100 o c t stg storage temperature -55 ~ +150 o c t sol soldering temperature 260 o c emitter i f forward current 60 ma i f(trans) peak transient current ( 1 s p.w,300pps) 1 a v r reverse voltage 6 v p d power dissipation 100 mw detector p d power dissipation 300 mw v drm off-state output terminal voltage ct3031,3032,3033 250 v ct3041,3042,3043 400 v i tsm peak repetitive surge current 1 a
ct micro rev 1 proprietary & confidential page 3 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler electrical characteristics t a = 25c (unless otherwise specified) emitter characteristics symbol parameters test conditions min typ max units notes v f forward voltage i f =10ma - - 1.5 v i r reverse current v r = 6v - - 5 a c in input capacitance f= 1mhz - 45 - pf detector characteristics symbol parameters test conditions min typ max units notes i drm1 peak blocking current i f = 0ma, v drm = rated v drm - - 100 na i drm2 inhibit leakage current i f = rated i ft, v drm = rated v drm - - 500 a v inh inhibit voltage i f = rated i ft, - - 20 v v tm peak on-state voltage i f = rated i ft , i tm = 100ma - - 3 v dv/dt critical rate of rise off-state voltage v peak = rated v drm 1000 - - v/ s transfer characteristics symbol parameters test conditions min typ max units notes i ft input trigger current ct3031, ct3041 terminal voltage = 3v i tm =100ma - - 15 ma ct3032, ct3042 - - 10 ct3033, ct3043 - - 5 i h holding current - 270 - a r io isolation resistance v io = 500v dc 1x10 11 - -  c io isolation capacitance f= 1mhz - 0.25 - pf
ct micro rev 1 proprietary & confidential page 4 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler typical characteristic curve
ct micro rev 1 proprietary & confidential page 5 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler
ct micro rev 1 proprietary & confidential page 6 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler package dimension dimensions in mm unless otherwise stated standard dip ? through hole wide lead forming ? through hole (m type)
ct micro rev 1 proprietary & confidential page 7 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler surface mount forming (s type) surface mount forming (low profile) (sl type)
ct micro rev 1 proprietary & confidential page 8 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler recommended solder mask dimensions in mm unless otherwise stated marking information note: ct : denotes ?ct micro? 3031 : part number v : vde option y : fiscal year ww : work week k : manufacturing code ct 3031 v ywwk
ct micro rev 1 proprietary & confidential page 9 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler ordering information ct303x(v)(y)(z)-g, ct304x(v)(y)(z)-g x = part no. (x=1,2,3) v = vde option (v or none) y = lead form option (s, sl, m or none) z = tape and reel option (t1, t2 or none) g= material option (g: green, none: non-green) option description quantity none standard 6 pin dip 50units/tube m gullwing (400mil) lead forming 50units/tube s(t1) surface mount lead forming ? with option 1 taping 10 00 units/reel s(t2) surface mount lead forming ? with option 2 taping 10 00 units/reel sl(t1) surface mount (low profile) lead forming? with option 1 taping 1000 units/reel sl(t2) surface mount (low profile) lead forming ? with optio n 2 taping 1000 units/reel
ct micro rev 1 proprietary & confidential page 10 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler carrier tape specifications dimensions in mm unless otherwise stated option s(t1) & sl(t1) option s(t2) & sl(t2)
ct micro rev 1 proprietary & confidential page 11 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler reflow profile profile feature pb-free assembly profile temperature min. (tsmin) 150c temperature max. (tsmax) 200c time (ts) from (tsmin to tsmax) 60-120 seconds ramp-up rate (t l to t p ) 3c/second max. liquidous temperature (t l ) 217c time (t l ) maintained above (t l ) 60 ? 150 seconds peak body package temperature 260c +0c / -5c time (t p ) within 5c of 260c 30 seconds ramp-down rate (t p to t l ) 6c/second max time 25c to peak temperature 8 minutes max.
ct micro rev 1 proprietary & confidential page 12 jul, 2014 ct3031, ct3032, ct3033 ct3041, ct3042, ct3043 250v/400v zero cross 6-pin phototriac optocoupler disclaimer ct micro reserves the right to make changes without further notice to any products herein to improve reliability, function or design. ct micro does not assume any liability arising out of the application or use of any produc t or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. ___________________________________________________ ___________________________________ discoloration might occur on the package surface af ter soldering, reflow or long term use. this does not impact the product performa nce nor the product reliability. ct micro are not authorized for use as critical com ponents in life support devices or systems without express written approval of ct micr o international corporation. 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain li fe, or (c) whose failure to perform when properly used in accordance with instruction for use provided in the labelling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of CT3043SL-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X