Part Number Hot Search : 
DA15PE1 BSP50 APTGF HCT59 AOD474 AM4463P 2SK1283 FP9266
Product Description
Full Text Search
 

To Download 968C032G0Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10-1 nitx-bd1 intel? 5th gen processor nano-itx board with 2 dp, 1 lvds and 7 usb port intel? 5th generation ult 15w processor three independent display: display port x 2, lvds port x 1 (optional) dual gigabit ethernet usb 3.0 port x 4, usb 2.0 port x 3 mini-pcie slot x 1, m.2 slot x 1 packing list ? support dvd ? nitx-bd1 ? cpu heatsink module system processor intel? 5th gen. 14nm broadwell ult i7-5650u/ i5-5350u/ i3-5010u, bga cpu, 15 w t d p. chipset intergrate into soc memory so-dimm x 2, max. 16gb, ddr3l 1600 mhz, non-ecc, un-buffered memory graphics nct5538d i/o chipset realtek 8111g giga lan 10/100/1000mb lans x 2, rj-45 x 2 ethernet realtek? alc887 audio tpm m.2 slot(m-key) x 1, length:60mm (msata colay lvds), auto detect, mini-card half size (usb+pcie+msata) x 1, default usb+pcie, msata bom change expansion slots 128mbit flash rom, ami bios bios temperature monitor on cpu/system, voltage monitor on vcore/5v/3.3v/12v, fan monitor on chassis h/w monitor 1~255 steps by software program watchdog timer chassis fan smart fan control yes (wol / pxe) wake on lan/ pxe s3, s4, s5 power state s3, s4, s5 graphics graphics chipset integrated graphics, lvds via chrontel ch7511, support by add on m2 module graphics multi display dp1+dp2+lvds, dp1+dp2, lvds+dp1, lvds+dp2 vga dvi hdmi display port (u): 3840 x 2160, (h): 4096 x 2304 lvds 1920 x 1200 edp backlight control yes environement & power & me battery lithium battery power requirement dc power jack x 1 (dc: 12v~19v, wide rage:12v-5%~ 19v+10%) power compliance compliant with eup / erp operating temperature 32f ~ 140f (0c ~ 60c) storage temperature -40f ~185f (-40c ~85c) operating humidity 20% ~ 90% rh, non-condensing certificate ce & fcc class a form factor nano itx: 120mm x 120mm (4.72" x 4.72") weight mtbf (hours) 434,910 front panel i/o ports usb usb 3.0 port x 2, usb 2.0 port x 2, usb header support 1 usb 2.0 port x 1 (p=2.00mm) display i/o audio i/o audio jack x 2: line-out (green), mic-in (pink) lan i/o serial port ps/2 port others on/off button x 1, power led + hd led x 1 rear panel i/o ports usb usb 3.0 port x 2 display i/o dp connector x 2 audio i/o lan i/o rj-45 connector x 2 serial port ps/2 port others reset switch x 1, dc power jack x 1 (dc: 12v~19v, wide rage:12v- 5%~ 19v + 10%), antenna output x 1 (from internal mini-card) internal i/o connectors storage sata 6.0 gb/s port x 1, m.2 slot for msata x 1 (optional) usb usb header support 1 usb 2.0 port x 1 (p=2.00mm) display i/o lvds connector x 1, support by add on m.2 module audio i/o serial port com port header x 1, p=2.00mm (rs-232) ps/2 port parallel port dio fan chassis fan connector x 1 (3-pin, p=2.00mm) power sata power connector x 1, support by add on m.2 module others mini-card half size x 1 (usb+pcie+msata, default usb+pcie, msata bom change), lvds inverter x 1, support by add on m.2 module os os supported windows? 7 32/64-bit, windows? 8.1 32/64-bit, windows? 10 64-bit, linux fedora usb 3.0 x 2 line-out power led power button mic-in usb 2.0 x 2 dp x 2 reset switch lan x 2 usb 3.0 x 2 dc jack part number description per-v03b-a10 m2(m-key).lvds module.asus 1702150300 sata power cable (4p, 300mm, p=2.54mm) 968C032G0Z m.2 2260 32g ssd 968c064g1g m.2 2260 64g ssd 968c128g1l m.2 2260 128g ssd 968c256g0c m.2 2260 256g ssd 968c512g07 m.2 2260 512g ssd optional accessories note: all specifications are subject to change without notice. 10 features specifications industrial motherboards
10-2 nitx-bd1 order information part number cpu ram fan/ fanless display storage lvds lan usb rs-232 rs- 232/422/485 expansion slot power tpm temp. nitx-bd1-5650-a10 i7-5650u 2.2g/4m ddr3 1600/1333 fan/fanless dp x 2 sata3 x 1 support by add on m.2 module gbe x 2 usb3 x 4, usb2 x 2, int. usb2 x 1 int. rs-232 x 1 0 m.2 x 1, mini pci-e x 1 dc12-19v 0~60c nitx-bd1-5350-a10 i5-5350u 1.8g/3m ddr3 1600/1333 fan/fanless dp x 2 sata3 x 1 support by add on m.2 module gbe x 2 usb3 x 4, usb2 x 2, int. usb2 x 1 int. rs-232 x 1 0 m.2 x 1, mini pci-e x 1 dc12-19v 0~60c nitx-bd1-5010-a10 i3-5010u 2.1g /3m ddr3 1600/1333 fan/fanless dp x 2 sata3 x 1 support by add on m.2 module gbe x 2 usb3 x 4, usb2 x 2, int. usb2 x 1 int. rs-232 x 1 0 m.2 x 1, mini pci-e x 1 dc12-19v 0~60c su p e r i o n u v o t o n n ct 5 5 3 8 d i n t e l p r o c e s s o r br o a d w e l l u l t ( i n t e gr a t e d p c h ) c h an n e l a d d r 3 l so - d i m m d p 1 c h an n e l b d d r 3 l so - d i m m 1 x s a t a 3 . 0 ( in t . ) sp i flash 1 x u sb 2 . 0 ( in t . h e ad e r ) sp i lp c s a t a i i i 6 gb / s c o m 1 r s - 2 3 2 x 1 a l c 8 8 7 m . 2 s lo t ( m - k e y ) l e n g t h : 60m m h d a lin e o u t m ic in c p u f an x 1 ( r e s e r v e ) h / w m o n it o r w a t c h d o g s a t a i i i ( 6 gb / s ) h alf s iz e m in i c ar d p c i e ge n 2 r t l8 1 1 1 g x 2 r j 4 5 x 2 p c i e ge n 2 d d i 1 d p 2 d d i 2 u sb 2 . 0 4 8 0 m b / s 4 x u sb 3 . 0 / 2 . 0 ( 2 @ r e ar i o , 2 @ f r o n t i o ) 2 x u sb 2 . 0 ( 2 @ f r o n t i o ) u sb 3 . 0 u sb 2 . 0 e d p s u p p o r t l v d s m o d u le s a t a i i i 6 gb / s ( o p to n al ) www.aaeon.com note: all specifications are subject to change without notice. block diagram dimension unit: mm


▲Up To Search▲   

 
Price & Availability of 968C032G0Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X