Part Number Hot Search : 
74LVC74A QTAN0016 C1005CH1 LC7070NM 40128 FR5004 AEP25024 LC150A
Product Description
Full Text Search
 

To Download 2SD669A-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon plastic-encapsulate transistor features electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units off characteristics v (br)ceo collector-emitter breakdown voltage (i c =10madc, i b =0) v (br)cbo collector-base breakdown voltage (i c =1 m adc, i e =0) v (br)ebo emitter-base breakdown voltage (i e =1 m adc, i c =0) 5 .0 --- v dc i cbo collector cutoff current (v cb = 160 vdc, i e =0) --- 10 uadc i ebo emitter cutoff current (v eb = 4 vdc, i c =0) --- 10 uadc on characteristics h fe-1 dc current gain (i c =1 50m adc, v ce = 5 vdc) h fe-2 dc current gain (i c = 5 00madc, v ce = 5 vdc) 3 0 --- --- v ce(sat) collector-emitter saturation voltage (i c = 500m adc, i b = 50m adc) --- 1 . 0 vdc v be base-emitter saturation voltage (v ce = 5v dc, i c = 150m adc) --- 1 . 5 vdc f transition frequency (v ce =5vdc, i c = 150m adc ) classification of h fe rank b c d range 2sd669 60-120 100-200 160-320 revision: b 201 3 /01/01  
 omp onents 20736 marilla street chatsworth       
     m c c tm micro commercial components www. mccsemi .com 1 of 2 120 vdc 2sd669 2sd669a --- 160 vdc --- 180 vdc --- 2sd669 2sd669a 60 60 320 200 --- --- t 140(typ) mhz c collector output capacitance (v c b = 10 vdc, i e = 0,f=1mhz) 14(typ) pf ob 2sd669a 60-120 100-200 2sd669(a)-c 2sd669-d 2sd669(a) 2sd669(a)-b   






 

0.291 0.307
7.40 7.80  0.417 0.433 10.60 11.00 
0.602 0.618 15.30 15.70 
   4    1 3.90 4.10 
0.118 0.126 3.00 3.20  0.026 0.034 0.66 0.86  0.046 0.054 1.17 1.37 
0.090typ 2.290typ 
0.098 0.114 2.50 2.90 d b n a c e f g q k m n 0.043 0.059 1.10 1.50 q 0.018 0.024 0.45 0.60 l j pin 1. emitter pin 2. collector pin 3. base 1 2 3 l 0.083 0.091 2.10 2.30 m 0.000 0.012 0.00 0.30     dimensions capable of 1 watts of power dissipation. collector-current 1.5 a collector-base voltage 180 v operating and storage junction temperature range: - 55 o c to +150 o c lead free finish/rohs compliant (note1) ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 notes: 1. high temperature solder exemption applied, see eu directive annex notes 7. h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m c c revision: b 201 3 /01/01 tm micro commercial components www. mccsemi .com 2 of 2 3 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- b p bu lk; 1 kp cs / bo x note : adding "-hf" suffix for halogen free, eg. part number-bp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SD669A-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X