Part Number Hot Search : 
ZMM5222B AOD2610E B72210 NP3534R SKR12XG NP3534R SMDA05CM RF1405
Product Description
Full Text Search
 

To Download 2SA933AS-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp plastic-encapsulate transistors features ? power dissipation: p cm = 0.2w(t amb =25  ) ? collector current: i cm = -0.15a ? collector-base voltage: v (br)cbo =-60v ? operating and storage junction temperature range t j , t stg : -55  to + 150  electrical characteristics @ 25  unless otherwise specified symbol parameter min typ max unit v ceo collector-emitter voltage (i c =-50  a, i e =0) -50 --- --- v v cbo collector-base voltage (i c =-1  a, i b =0) -60 --- --- v v ebo emitter-base voltage (i e =-50  a, i c =0) -6.0 --- --- v i cbo collector cut-off current (v cb =-20v, i e =0) --- --- -0.1  a i ebo emitter cut-off current (v eb =-5v, i c =0) --- --- -0.1  a h fe dc current gain (v ce =-2v, i c =-0.1a) 120 --- 560 --- v ce(sat) collector-emitter saturation voltage (i c =-2a, i b =-0.1a) --- --- -0.5 v f t transition frequency (v ce =2.0vdc, i c =0.5adc) 120 --- --- mhz classification of h fe rank q r s range 120-270 180-390 270-560  
 omp onents 20736 marilla street chatsworth       
     m cc revision: c 20 1 3/01/01 tm micro commercial components w w w. m c c se m i .c om 1 of 2 x marking : type number 2sa933as-q 2SA933AS-R 2sa933as-s ? lead free finish/rohs compliant ("p"suffix designates compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 to-92s inches mm dim min max min max note a . 056 . 064 1 . 42 1 . 62 b b .1 54 .1 61 3 . 90 4. 10 c .1 2 0 .1 28 3 . 05 3 . 25 c d e dimensions e c b e c b bent lead straight lead bulk p ack ammo pack .050 1.27 d . 086 . 110 2.20 2.80 e . 096 . 104 2.44 2.64 . 173 . 220 4.40 5.60 l . 594 . 610 1 5.10 1 5.50 * for ammo packing detailed specification, click here to visit our website of product packaging for details. straight lead bent lead straight lead bent lead h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m cc revision: c 201 3/01/01 tm micro commercial components w w w. m c c se m i .c om 2 of 2 p a r t n u m b e r - bp b u l k: 1 0 0 k p c s / c a r t o n o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- a p a m m o p a c k i n g : 3 0 k p c s / ca rt o n note : adding "-hf" suffix for halogen free, eg. part number-bp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SA933AS-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X