Part Number Hot Search : 
32403 P6KE91C CTN393 C221M P4SMA91A 32F10 MP7683 CAT93C5
Product Description
Full Text Search
 

To Download 2SA1036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2SA1036 -0.5a, -40v pnp silicon general purpose transistor 31-dec-2010 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 base 2 em itter collector 3 rohs compliant product a suffix of -c specifies halogen and lead free features  i c max.= -500 ma  low v ce(sat) . ideal for low-voltage operation. classification of h fe product-rank 2SA1036-p 2SA1036-q 2SA1036-r range 82~180 120~270 180~390 marking hp hq hr package information package mpq leadersize sot-23 3k 7 inch absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol ratings unit collector to base voltage v cbo -40 v collector to emitter voltage v ceo -32 v emitter to base voltage v ebo -5 v collector currrent i c -500 ma total power dissipation p d 150 mw junction & storage temperature t j , t stg 150, -55 ~ 150 electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector-base breakdown voltage v (br)cbo -40 - - v i c =-100 a, i e =0 collector-emitter breakdown voltage v (br)ceo -32 - - v i c =-1ma, i b =0 emitter-base breakdown voltage v (br)ebo -5 - - v i e =-100 a, i c =0 collector cut-off current i cbo - - -1 a v cb =-20v, i e =0 emitter cut-off current i ebo - - -1 a v eb = -4v, i c =0 collector-emitter saturation voltage v ce(sat) - - -0.4 v i c =-100ma, i b =-10ma dc current gain h fe 82 - 390 v ce =-3v, i c =-10ma transition frequency f t - 200 - mhz v ce =-5v, i c =-20ma, f=100mhz collector output capacitance c ob - 7 - pf v cb =-10v, i e =0, f=1mhz top view a l c b d g h j f k e 1 2 3 1 2 3 millimeter millimeter ref. min. max. ref. min. max. a 2.80 3.04 g 0.09 0.18 b 2.10 2.55 h 0.45 0.60 c 1.20 1.40 j 0.08 0.177 d 0.89 1.15 k 0.6 ref. e 1.78 2.04 l 0.89 1.02 f 0.30 0.50 sot-23
elektronische bauelemente 2SA1036 -0.5a, -40v pnp silicon general purpose transistor 31-dec-2010 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SA1036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X