Part Number Hot Search : 
PT21737 201121B PC4002L WMF2M8 TB25NM 201121B C2530 LTC5336E
Product Description
Full Text Search
 

To Download 2420-31-G-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features superior protection at a low price balanced trigard ? protection patented switch-grade fail-short device quick response and high energy handling low capacitance (<2.5 pf) - ideal for high- speed networks in high exposure environments meets test requirements of telcordia gr 974, gr1361, sbc sr 5165 and rus pe-80 telcordia analysis report da-1547 listed per ul 497 (file: 53117) solid brass, gold-plated pins test point access option sealed option for harsh environments characteristics 2420 series - 5-pin gas discharge tube (gdt) protector speci? cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci? c applications. the bourns ? 3-type model 2420 overvoltage protection modules utilize bourns proprietary high-ef? ciency gas discharge tube with our patented switch-grade fail-short mechanism to provide robust and reliable surge and thermal overload protection at a very competitive price. the 2420 series is based on bourns three-terminal common chamber gdt. this design provides greatly improved and balanced turn-on characteristics for overvoltage protection. the gdt is ul listed for use without a back-up device. air back-up devices can become contaminated; the circuitry of the 2420 eliminates the air back-up gap and thus the poss ibility of its contamination. our unique switch-grade fail-short device provides more reliable thermal overload protection compared to co m- monly used solder pellet or insulation burn-through designs. bourns ? model 2420 series 5-pin protectors can be used universally for broadband voice and data circuits including adsl, adsl2+, vdsl, vdsl2 and high-speed ethernet. the 2420 series is an economical, reliable and low capacitance choice for overvoltage protection of copper pair circuits. test methods per ul 497, csa c22.2, telcordia gr 974, 1361 and sbc sr 5165. dc breakdown .................................................................................................................. ............................. 280-420 v ac breakdown @ 60 hz .......................................................................................................... ...................... 280-420 v impulse breakdown 100 v/s ................................................................................................................. ................................... 625 v 1000 v/s ................................................................................................................ .................................. 875 v insulation resistance @ 100 vdc ............................................................................................... ................... >1 g insertion loss @ 100 mhz ...................................................................................................... ....................... exceeds category 5 return loss @ 100 mhz ......................................................................................................... ....................... exceeds category 5 capacitance tip to ring @ 1 mhz ............................................................................................... .................. <1.25 pf typical capacitance tip or ring to ground @ 1 mhz ..................................................................................... ........... <2.50 pf typical impulse reset 1 52 v, 260 ma ............................................................................................................. ................................ <10 ms 135 v, 200 ma ............................................................................................................ ............................... <10 ms 150 v, 200 ma ............................................................................................................ ............................... <150 ms impulse life characteristics (tip and ring to ground simultaneously) 10 a, 10/1000 s ......................................................................................................... .............................. >3000 operations 100 a, 10/1000 s ........................................................................................................ ............................. >300 operations 300 a, 10/1000 s ........................................................................................................ ............................. >100 operations 500 a, 10/1000 s ........................................................................................................ ............................. >400 operations 2 2,000 a, 10/250 s ....................................................................................................... ............................. >25 operations 5,000 a, 20/100 s ....................................................................................................... ............................. >2 operations 20,000 a, 8/20 s ........................................................................................................ .............................. >1 operation ac life characteristics (tip and ring to ground simultaneously) 0.5 a rms continuous ..................................................................................................... ............................ >30 seconds 1 a rms, 1 second, 600 ft. cable ......................................................................................... ....................... >60 operations 1 a rms, 1 second, 1 mile cable .......................................................................................... ....................... >60 operations 10 a rms, 1 second ....................................................................................................... ............................. >5 operations 65 a rms, 11 cycles ...................................................................................................... .............................. >1 operation 2 120 a rms, 0.1 second .................................................................................................... ........................... 1 operation high current capability and thermal operation (tip and ring to ground) .................................................... >30 a rms, 15 min. storage and operating temperature ............................................................................................. ................. -55 to +85 c telcordia analyzed for controlled (non-sealed) and uncontrolled, high-exposure (sealed) environments per gr 974 and sbc sr 5165 . telcordia technical analysis report da-1547. notes: 1 network applied 2 per rus pe-80 line to line voltage is approximately 1.8 to 2 times the stated line to ground breakdown voltage.
19.0 (0.75) 11.2 (0.440) 5.6 (0.220) 42.17 (1.66) 29.9 (1.18) 10.2 (0.40) 5.1 (0.20) 11.2 (0.44) 12.8 (0.50) 2.2 (.085) dia. 2 plcs. 2.3 (.092) dia. 5 plcs. 3.6 (0.14) 6.1 (0.240) 5.7 (0.223) ?msp? and ?trigard? are registered trademarks of bourns, inc. speci? cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci? c applications. 2420 series - 5-pin gas discharge tube (gdt) protector product dimensions rev. p 04/15 dimensions: mm (inches) how to order 2420 - x xx - x - xx model number designator module length 3 = standard: 52.37 mm (2.06 in.) 7 = special short: 41.19 mm (1.62 in.) housing color/circuit type 1 = black/standard 7 = violet/standard 3 = red/special 9 = orange/standard service (non-bridgelifter) 6 = blue/standard 10 = yellow/standard pin plating g = gold plated n = tin plated special options s = sealed case st = sealed case and test points* t = test points* *t and st options are not available on 2420-7x short module. examples: 3b1e = 2420-31-g (black, no test points) 3c1e = 2420-31-g-t (black, with test points) 3b3e = 2420-33-g (red, no test points) 3c3e = 2420-33-g-t (red, with test points) 30.99 (1.22) 24.9 (0.98) 10.2 (0.40) 5.1 (0.20) 6.15 (0.24) 2420-3 module 2420-7 module schematic equipment tip equipment ring o.p. tip gnd o.p. ring asia-paci? c: tel: +886-2 2562-4117 fax: +886-2 2562-4116 emea: tel: +36 88 520 390 fax: +36 88 520 211 the americas: tel: +1-951 781-5500 fax: +1-951 781-5700 www.bourns.com


▲Up To Search▲   

 
Price & Availability of 2420-31-G-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X