Part Number Hot Search : 
IR2110L6 LA5779MP HMC464 TL3700 ML4335 P4SL0 TS2937 KU10N14
Product Description
Full Text Search
 

To Download 20V80SP-TO277 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  80sp to277 20 v to - 277 features ? advanced trench technology ? low forward voltage drop ? low power losses ? high efficiency operation ? lead free finish, rohs compliant applications ? dc/dc converters ? ac/dc adaptors 1 cathode 3 anode 2 maximum ratings and electrical characteristics (tj = 25c unless otherwise noted) notes: (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width Q 40 ms trench mos barrier schottky rectifier parameter symbol limit unit maximum repetitive peak reverse voltage v rrm 80 v maximum average forward rectified current i f(av) 20 a peak forward surge current 8.3 ms single half sine - wave superimposed on rated load per diode i fsm 320 a operating junction and storage temperature range t j , t stg -5 0 to +150 typical thermal resistance per diode (mounted on fr - 4 pcb) r ? j a 72 c/w instantaneous forward voltage v f(1) t y p . max. v i f =  a t j =25c 0.  - i f =20a 0.  0.72 i f =  a t j =125c 0.  - i f =20a 0.  - instantaneous reverse current per diode at rated reverse voltage t j =25c i r(2) 30 1 5 0 u a t j =125c 2 0 - ma www.yfwdiode.com l?\_vy?e?n-vy? g ?pqls?
l ratings and characteristics curves (ta = 25 c unless otherwise noted) 25 10000 20 1000 15 10 100 5 0 0 25 50 75 100 125 150 t , lead temp ( o c) 10 0 1 10 100 reverse voltage (v) current derating, case typical junction capacitance 100 100000 10 tj=125 tj=100 1 tj=75 10000 1000 100 tj=125 tj=100 tj=75 tj=25 0 100 150 200 250 300 350 400 450 500 550 600 vf, instantaneous forward voltage (mv) typical forward voltage 10 tj=25 1 0 20 40 60 80 vr, reverse voltage (volts) typical reverse current if, average forward current (a) if, instantaneous forward current (a) capacitance (pf) ir, reverse current (ua) www.yfwdiode.com 80sp to277 20 v l?\_vy?e?n-vy? g ?pqls?
package outline to - 277 d a d1 l e e1 e2 w l1 e b1 a2 unit:mm mounting pad layout x y x1 g y1 unit:mm c b2 dim min max a 1.1 1.3 a2 0.3 0.4 b1 0.8 1 b2 1.7 1.9 d 3.9 4.1 d1 3.054 e 6.4 6.6 e 1.84 e1 5.3 5.5 e2 3.549 l 0.8 1 l1 0.5 0.7 w 1.1 1.4 dim min c 1.8 g 0.9 x 3.4 x1 1.4 y 4.9 y1 1.4 www.yfwdiode.com 80sp to277 20 v l?\_vy?e?n-vy? g ?pqls?


▲Up To Search▲   

 
Price & Availability of 20V80SP-TO277

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X