Part Number Hot Search : 
NK60ZFP MBRF2 CDB5334 FX419J ST1151A ACT401 74F158 MBRF2
Product Description
Full Text Search
 

To Download 1584H8A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  assembly - view from top assembly - view from side assembly - view from bottom section a-a isometric view 1584h8b1 - 15' foot power cord (nema 5-15p) 1584h8** finish - top - black painted steel rated - 120 vac, 60 hz, 15 amps bottom - aluminum extrusion approvals - csa certified standards c22.2 (no. 21-9 5, 42-99) - ul listed, standard ul1363 1584H8A1 - 6' foot power cord (nema 5-15p) cord length 11 22 33 44 55 66 77 88 a a b b c c d d aa 1584h8** lighted on/off power switch 6' foot power cord (nema 5-15p) resetable circuit breaker 419.46 mm [16.514 in] 53.98 mm [2.125 in] 53.15 mm [2.093 in] 116.14 mm [4.573 in] 40.00 mm [1.575 in] typ 413.11 mm [16.264 in] 2.31 mm [0.091 in] 59.28 mm [2.334 in] 9.53 mm [0.375 in] 387.71 mm [15.264 in] 400.41 mm [15.764 in] 9.53 mm [0.375 in] 14.29 mm [0.563 in] 25.40 mm [1.000 in] r4.37 mm [0.172 in] 22.23 mm [0.875 in]


▲Up To Search▲   

 
Price & Availability of 1584H8A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X