Part Number Hot Search : 
MMBT555 C1454 PB1004G C4064 T1063 MUR3020 CMF211 5236B
Product Description
Full Text Search
 

To Download VDS-0120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ethernet over vdsl2 converter (pse) VDS-0120 h/w version: 1 overview for vdsl2 media conveters ethernet over vdsl2 media converters are innovative solutions from levelone that greatly extend lan distances. these media converters send ethernet packets at extended distances by converting and then transmitting using advanced vdsl2 protocols. this allows system installers to use regular telephone wire (rj-11) to reach incredible distance of up to 300meters with a maximum transfer speed of 100mbps/60mbps. these media converters reach 3 times farther than the regular cat.5 ethernet cabling. no additional network devices are needed; all data is transmitted using inexpensive, easy-to-deploy rj-11 telephone wiring. can a media converter also act as a pse? in the 802.3af power over ethernet standard, a pse stands for power sending equipment, a device that can send power to another compatible device. VDS-0120 is an ethernet to vdsl media converter as well as a pse. in addition to sending data over an rj-11 cable up to 300 meters, it can also send both power and data using the local rj-45 port. this added functionality puts the most fexible deployment solutions right at the system installers fngertips. fast data transfer rates, easy installation using vdsl technology, VDS-0120 allows users to achieve 100 mbps download and 60 mbps upload speeds. a great point-to-point networking solution for even the most bandwidth-hungry applications. with easy plug and play installation, sis will have no problem using these simple yet powerful devices on their next project. key features - compliance with ieee802.3, ieee802.3u and vdsl/ vdsl2 - provides one piano switch for mode confguration - low-latency for video/voice/data applications - 802.3af poe pse compatible(VDS-0120) - 802.3af poe pd compatible(vds-0130) voi-7100 poe ip phone works well with 2 1. leds 2. dip switch 3. power port 4. vdsl2 interface 5. 10/100mbps port fcs-1081 poe ip camera 3 4 5 1 2
media converter www.level1.com i one world_one brand_one level_ vdsl transmission itu-t g.993.1,g.993.2vdsl/vdsl2 and sg15q4mt compliance trellis code with 1024 dmt bins 1* rj11 port for dsl lan interface auto-detection for 10/100 base and half/full duplex fully compatible with ieee802.3/ieee802.3u/ieee 802.3af automatic mdix function rj-45 connector x 1 with pse function leds power,lan,dsl, m/s , pse technical specifcation power supply 12vdc 2a (pse) dimension 120x90x 28(mm) operating environment humidity: 5% to 95% non-condensing temperature: 0 ~ 50 degree c emi certifcations fcc rules part 15 class b ce ofce b ofce c ofce d ofce e product diagram internet vds-0200/0201 wireless router vds-0202 bnc VDS-0120 pse vds-0130 pd modem router pc server ip set up box phone pstn poe switch ethernet cable (rj 45) phone line (rj 11) bnc poe vds-0200/0201 vds-0200/0201 up to 100/60 mbps for 300meters ofce a pd switch up to 100/60 mbps for 300meters vds-0202 bnc up to 100/60 mbps for 400meters network camera up to 100/60 mbps for 300meters VDS-0120 pse pd device 3
order information VDS-0120: ethernet over vdsl2 converter (pse) package contents vdsl2 converter power adapter user manual telephone line v1.0 all mentioned brand names are registered trademarks and property of their owners. technical specifcations are subject to change without notice. ? copyright 2009 digital data communications gmbh. all rights reserved. 4


▲Up To Search▲   

 
Price & Availability of VDS-0120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X