Part Number Hot Search : 
UPC566H MC141306 PCA8516 1N982B GR8837L B5114 37010 2SK26
Product Description
Full Text Search
 

To Download UZT1C100MCL1GB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u 1 z 2 t 3 1 4 c 5 1 6 0 7 0 8 m 9 c 10 l 11 1 12 g 13 b 14 configuration taping code capacitance tolerance ( 20%) rated capacitance (10 f) rated voltage (16v) series name type voltage mark for 6.3v is 6v . d a b c e 1.8 4.3 4.3 1.0 2.1 5.3 5.3 1.3 4 (mm) 5 2.4 6.6 6.6 2.2 6.3 105c marking voltage capacitance lot no. a2p 10 16v plastic platform 0.3 max. 4.5 +0.1 0.2 d 0.5 b 0.2 c 0.2 0.5 max. a 0.3 a + 0.3 e 0.5 to 0.8 positive negative zt series 4.5mml chip type, wide temperature range chip type with 4.5mm height, operating over wide temperature range of 40 to +105 c . designed for surface mounting on high density pc board. applicable to automatic mounting machine fed with carrier tape. compliant to the rohs directive (2011/65/eu). chip type type numbering system (example : 16v 10 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking performance characteristics item 40 to +105c 6.3 to 50v 0.1 to 100f 20% at 120hz, 20 c after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a) , whichever is greater. black print on the case top. measurement frequency : 120hz at 20 c measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 1000 hours at 105 c. after storing the capacitors under no load at 105 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. resistance to soldering heat the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250 c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20 c. rated voltage (v) tan (max.) 6.3 0.38 10 0.32 16 0.20 25 0.16 35 0.14 50 0.14 z 25 c / z+20c z 40 c / z+20c rated voltage (v) impedance ratio zt / z20 (max.) 6.3 6 10 10 5 10 16 3 6 25 3 6 35 3 4 50 3 4 capacitance change leakage current tan within 25% of the initial capacitance value (16v or less) within 20% of the initial capacitance value (25v or more) 300% or less than initial specified value less than or equal to the initial specified value capacitance change leakage current tan within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value zt dimensions 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 4 5 5 6.3 19 26 32 52 6.3 0j 10 1a 16 1c 25 1e 35 1v 50 1h v code 5 5 6.3 24 30 40 4 5 6.3 6.3 16 26 35 44 4 5 6.3 6.3 11 20 33 42 4 5 6.3 13 22 36 4 4 4 4 4 4 4 5 6.3 0.9 2.2 2.8 3.3 5.4 9.6 12 16 26 rated ripple current (marms) at 105 c 120hz cap. (f) rated ripple aluminum electrolytic capacitors case size d (mm) zg smaller wt smaller taping specifications are given in page 23. recommended land size, soldering by reflow are given in page 18, 19. please select ux(p.158), uj(p.164) series if high c/v products are reqired. please refer to page 3 for the minimum order quantity. frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz or more 0.70 1.00 1.17 1.36 1.50 cat.8100c


▲Up To Search▲   

 
Price & Availability of UZT1C100MCL1GB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X