Part Number Hot Search : 
MA150 CEM3128 SD130P Z5245B 1N5818 CXA14 FMM5829X LT1E45A
Product Description
Full Text Search
 

To Download TB62785NG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TB62785NG toshiba bi ? cmos integrated circuit silicon monolithic TB62785NG 7 ? segment drivers with built ? in decoders (common anode capability, maximum 4 ? digit control) weight sdip24-p-300-1.78 : 1.22 g (typ.) the tb6278 5 ng is multifunctional, compact, 7 ? segment led display drivers. these ics can directly drive 7 ? segment displays and individual leds, and can control either a 4 ? digit display with decimal points, or 32 individual leds. these ics can also be used with common ? anode displays. their outputs are constant current, the ampere levels at which are set using an external resistor. a synchronous serial port connects the ic to the cpu. the different modes of control prov ided by this device including duty control register set, digit set, decode set and standby set, are all based on every 16 ? bit of serial data. features ? control circuit power supply : v dd = 4.5 to 5.5 v ? digit output rating : 17 v / ? 400 ma ? decoder output rating : 17 v / 50 ma ? built ? in decoder : decodes the numerals 0 to 9, certain alphabetic characters, and of course blanks code. ? digit control function : can scan digit outputs dig ? 0 to dig ? 3 when connected to the common anode pins of a 7 ? segment display. ? maximum transmission frequency : f clk = 15 mhz ? decoder outputs (out ? a to out ? dp) output current can be set up to a 40ma maximum using an external resistor. ? constant current tolerance (ta = 25c, v dd = 5.0 v) : variation between bits = 7%, variation between devices (including variation between bits) = 15% at v ce 0.7 v ? package : 24 ? pin sdip (sdip24 ? p?300 ? 1.78) 2013-06-06 1
TB62785NG pin assignment (top view) block diagram 2013-06-06 2
TB62785NG pin functions pin number pin name function 1 v dd 5 v power pin. 2 data ? in (di) serial data input pin. 3 clock (ck) clock input pin. the shift r egister shifts data on the clock's rising edge. 4 load (ld) load signal input pin. the data in the d 8 to d 15 are read on the rising edge and the load register is selected. and, the data of the d 0 to d 7 which corresponded each register on the falling edge. 5~12 out? a to out? dp segment drive output pins. the a to dp out puts correspond to the seven segments. these pins output constant sink cu rrent. connect each of these pi ns to the corresponding led's cathode. 13, 21 p ? gnd ground pins, there are two which can be used to ground the output out ? a to out ? dp pins. 14 test ? in2 product test pin. in normal use, be sure to connect to ground. 15 test ? in1 product test pin. in normal use, be sure to connect to ground. 16, 17, 19, 20 dig ? 0 to dig ? 3 digit output pins. each of these pins can control one of the four seven ? segment digits in a display. these pins output the v cc pin voltage as a source current output. connect these pins to the led anodes. 18 v cc power pin for digit output. 22 r? ext current setting pin for the out ? a to out ? dp pins. connect a resistor between this pin and ground when setting the current. 23 data ? out (do) serial data output pin. use when TB62785NG device is used in cascade connections. 24 l? gnd ground pin for logic and analog circuits. 2013-06-06 3
TB62785NG timing diagram t dho t plh ? dig t phl ? dig t plh ? seg t phl ? seg data input ? transfer data to the data ? in pin on every 16 ? bit combining address (8bits) and data (8bits). after the 16 th clock signal input following this data transf er input a load signal from the ld pin. ? input the load signal using an active high pulse. the regist er address is set on the rising edge of the load pulse. on the subsequent falling edge, the data are re ad as data of the mode of the register. 2013-06-06 4
TB62785NG 2013-06-06 5 description of operation ? data input (data ? in, clock, load) the data are input serially using the data ? in pin. the data input interfac e consists of a total of three inputs : data ? in, load, and clock. binary code stored in the 16 ? bit shift register offers control modes includ ing duty control register set, digitset, decode set, and standby set, the data are shifted on the rising edge of the clock, starting from the msb. cascade ? connecting TB62785NG devices provides capability for cont rolling a larger number of digits. the serial data in the 16 ? bit shift register are used as follows : the four bits d 15 (msb) to d 12 select the ic operating mode (table 1), while d11 to d 8 select the register corresponding to the operating mode (table 2). bits d 7 to d 0 (lsb) of the 16 ? bit shift register are used for detail settin gs, such as number of digits in use, character settings in each digit, and light intensity. the internal registers are loaded on the rising edge of the load signal, which causes loading of data from an external source into the d 15 (msb) to d8 bits of the shift register , operating mode and the corresponding register selection data. on the subsequent falling edge, th e detail setting data of d 7 to d0 (lsb) are loaded. normally load is low. after a serial transfer of 16bits, the input of a high ? level pulse loads the data. note the following caution : use the d 15 to d 8 setting and the d 7 to d 0 detail data setting as a pair. if only the re ? input. ? ion in clear mo de (in initial state) , set the ic to normal mode again. otherwise, the . ontinues the led lighting in the state governed by the settings made re governed by any ne w settings made in the load register, as soon as the changed setting values are loaded. d 7 to d 0 data are input without setting d 15 to d 8 an error condition may result, in which the device will not operate normally. if the current mode is set again by a new signal, the data for d 15 to d 8 must also be operating precautions at power ? on or after operat ic will not drive the led. operating the ic in blank mode (all light s off) or in all on mode (all lights lit) does not affect the internal data setting the ic to normal mode again c immediately before mode change. normal mode (not shut down, clear, blank, or all on mode) continues the operations set in load register mode. in normal mode, operations a
TB62785NG ? operating modes (table 1.) these ics support the following five operating modes : 1. blank : forcibly turns off the constant ? current output both for data and for digit setting. this mode is not affected by the values in bits d 11 to d 0 . 2. normal operate : used for display operations after the settings of the digits are complete. note that setting this mode without making any other setti ngs will cause display of the numeral 0. 3. load register : used for the detail settings of the duty control register, for setting decode / no decode, for inputting display data, and for setting the number of digits to drive. d 11 to d 0 of the shift register are used for the detail settings of the digits currently being driven (table 2). 4. all on : forcibly turns on the data ? side constant ? current output. this mode is not affected by d 11 to d 0 . the initial setting is four digits. wh en the digits must be changed, use load register mode to set the number of digits to drive. 5. standby : used to set standby state (in which internal data are not cleared) and to clear data (initialization). the settings in d 3 to d 0 of the shift register determine the choice between standby state or initialization. table 1 operating mode settings register data d 15 d 14 d 13 d 12 d 11 ~d 8 d 7 ~d 4 d 3 ~d 0 hex code initial setting blank (out ? n & dig ? 0~3 all? off) 0 0 0 0 D D D 0---h normal (operation) 0 0 0 1 D D D 1---h load register (duty, decode, digit & data) 0 0 1 0 x x x 2xxxh all on (outn all ? on) 0 0 1 1 D D D 3---h stand ? by 0 1 0 0 D D x 4--xh x = input h or l. " D " = are not affected by the truth table. 2013-06-06 6
TB62785NG ? load register selection modes (table 2) these modes select the register to provide the data to control the ic operation. the load register selection mode is determined by the settings of d 15 to d 12 and d 11 to d 8 of the shift register. 1. duty register : the data in d 7 to d 0 of this register set the digit output duty cycle. duty settings can be made in 16 steps from 0 / 16 to 15 / 16. (see table 3) 2. decode & digit register : sets decode / no decode and the number of digits to drive. decode can be set using d 7 to d 4 . the number of digits driven can be set using d 3 to d 0 . decode / no decode and the number of digits driv en are set simultaneously. 3. data registers 0 to 3 : set the display data corresponding to dig0 to dig3 respectively. d 7 to d 0 of the shift register are used to set the display data. table 2 load register selection register data d 15 ~d 12 d 11 d 10 d 9 d 8 d 7 ~d 4 d 3 ~d 0 hex code load duty register 2h 0 0 0 0 x x 20xxh load decode & digit register 2h 0 0 0 1 x x 21xxh load data register 0 2h 0 0 1 0 x x 22xxh load data register 1 2h 0 0 1 1 x x 23xxh load data register 2 2h 0 1 0 0 x x 24xxh load data register 3 2h 0 1 0 1 x x 25xxh x = input h or l. " D " = are not affected by the truth table. 2013-06-06 7
TB62785NG 2013-06-06 8 duty control register settings ? duty control register detail settings and operation (table 3) writing 20h to d 15 ~d 8 and writing 0~fh to d 3 ~d 0 sets the duty cycle shown in the following table for the digit ? side source driver output. the duty cycle can be set in 16 steps. the initial setting is 15 / 16. after data clear, the setting is also 15 / 16. the current settings continue until changed (by reset executio n, or to the initial state, data clear state, or standby state). table 3 duty control register settings register data duty cycle d 15 ~d 8 d 7 ~d 4 d 3 d 2 d 1 d 0 hex code initial setting 0 / 16 20h D 0 0 0 0 20x0h 1 / 16 20h D 0 0 0 1 20x1h 2 / 16 20h D 0 0 1 0 20x2h 3 / 16 20h D 0 0 1 1 20x3h 4 / 16 20h D 0 1 0 0 20x4h 5 / 16 20h D 0 1 0 1 20x5h 6 / 16 20h D 0 1 1 0 20x6h 7 / 16 20h D 0 1 1 1 20x7h 8 / 16 20h D 1 0 0 0 20x8h 9 / 16 20h D 1 0 0 1 20x9h 10 / 16 20h D 1 0 1 0 20xah 11 / 16 20h D 1 0 1 1 20xbh 12 / 16 20h D 1 1 0 0 20xch 13 / 16 20h D 1 1 0 1 20xdh 14 / 16 20h D 1 1 1 0 20xeh 15 / 16 20h D 1 1 1 1 20xfh x = input h or l. " D " = are not affected by the truth table.
TB62785NG 2013-06-06 9 digit settings ? setting the number of digits (table 4) writing 21h to d 15 ~d 8 and at the same step writing 0h~3h to d 3 ~d 0 sets the number of digits to a maximum of four the display. the initial setting is four di gits, and four will also be set by a data clear. the current settings continue until changed (by reset executio n, or to the initial state, data clear state, or when changing the number of digits, also set d 7 to d 4 . table 4 digit settings reg r data stan dby state). iste d 8 d 7 4 d setting 15 ~d ~d 3 d 2 d 1 d 0 hex code initial activated dig ?? 0 on ly 21h x 0 0 0 0 21x0h activated dig ??0~1 21h x 0 0 0 1 21x1h activated dig ??0~2 21h x 0 0 1 0 21x2h activated dig ?? 0~3 21h x 0 0 1 1 21x3h x = input h or l. " D " = are not affected by the truth table. ? digits , described under setting, above. light ing on indi vidual leds used for a dot matrix rather than a ns out ? b on and off . ings continue until changed (by reset executio n, or to the initial state, data clear state, or d 3 to d 0 are also used for setting the number of digits, when changing the decode setting, also set d 3 to d 0 . table 5 decode settings register dat d ecode settings decod e settings (table 5) the settings for decode are the same as the settings fo r the number of writing 21h to d 15 ~d 8 and writing 0~1h to d 7 ~d 4 set decode mode. when using this ic for controlling the 7 ? segment display, set to no decode. as table 6 shows, d 0 in the data register is used to turn out ? a on and off ; d 1 tur the initial setting is decode mode, and decode mode will also be set by a data clear. the current sett standby state). since a d d 3 0 h setting 15 ~d 8 7 d 6 d 5 d 4 d ~d ex code initial pass dec oder (no decode) 21h 0 0 0 0 x 210xh decode 21h 0 0 0 1 x 211xh x = input h or l. " D " = are not affected by the truth table.
TB62785NG 2013-06-06 10 the following table shows the correspondence between the serial data and the output pins when no decode is set table 6 correspondence between serial data and output pins in no decode mode register data output initial state note d 0 out? a l d 1 out? b l d 2 out? c l d 3 out? d l d 4 out? e l d 5 out? f l d 6 out? g l d 7 out? dp l output is on when data = h and off when data = l. standby settings ? standby mode settings and operation (table 7) writing 4h to d 15 ~d 12 and writing 0h to d 3 ~d 0 sets standby mode. writing 4h to d 15 ~d 12 and writing 1h to d 3 ~d 0 sets all data clear mode. standby mode maintains the settings made immediately be fore this mode came in force, turns the output current off, and co ntrols the bias current flowing in the internal circuits. all data clear resets all settings to their initial states. table 7 standby settings egist a r er dat d 8 d 4 h 15 ~d 7 ~d d 3 d 2 d 1 d 0 ex code standby (no dat a clear) 4 ? h D 0 0 0 0 4xx0h all data clear 4? h D 0 0 0 1 4xx1h x = input h or l. " D " are not affected by the truth table.
TB62785NG 2013-06-06 11 list of character generator decoding data ? character generator decoding (table 8) as the following table shows, the characters ar e decoded using combinations of the data in d 0 to d 3 and d 5 to d 4 . in decoding, d 6 is used exclusively fo r setting decimal points. spaces where (d 0 , d 1 , d 2 , d 3 ) = (0000) and (d 5 , d 4 ) = (01) are regarded as blank . table 8 list of character generator decoding data d 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 d 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 d 2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 d 3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 d 5 d 4 hex 0 1 2 3 4 5 6 7 8 9 a b c d e f 0 0 0 0 1 1 d 7 d 6 x 0 dp off x 1 dp on
TB62785NG data input (example 1: displays and blinks characters a, b, c and d in digits 0, 1, 2 and 3 respectively. period after "d" part of it, or a sentence ? end marker? ) step d15~ d12 d11~ d8 d7~ d4 d3~ d0 dig ? 0~3 seg ? a, b, c, d, e, f, g seg ? dp mode display indicate 0 D D D D off off off at power ? on ( = clear mode) all blank 1 0010 0000 xxxx 1111 off off off duty = 15 / 16 all blank 2 0010 0001 0001 0011 off off off decode, 4dig all blank 3 0010 0010 x000 1010 off off off dig ? 0 = a all blank 4 0010 0011 x000 1011 off off off dig ? 1 = b all blank 5 0010 0100 x000 1100 off off off dig ? 2 = c all blank 6 0010 0101 x000 1101 off off off dig ? 3 = d all blank 7 0001 xxxx xxxx xxxx on on off normal a ? b? c ? d 8 0010 0000 xxxx 1000 on on off duty = 8 / 16 a ? b? c ? d 9 0000 xxxx xxxx xxxx off off off blank all blank 10 0001 xxxx xxxx xxxx on on off normal a ? b? c ? d 11 0000 xxxx xxxx xxxx off off off blank all blank 12 0001 xxxx xxxx xxxx on on off normal a ? b? c ? d 13 0000 xxxx xxxx xxxx off off off blank all blank 14 0001 xxxx xxxx xxxx on on off normal a ? b? c ? d 15 0100 xxxx xxxx 0000 off off off stand ? by (shut down) all blank data input (example 2: scroll ? lights digits 0, 1, 2, 3 = a., ? b., ? c., ? d. ?seq; and please explain the data on rhs? digit by digit (with decimal points)) step d15~ d12 d11~d 8 d7~ d4 d3~ d0 dig ? 0~3 seg ? a, b, c, d, e, f, g seg ? dp mode display indicate 0 D D D D off off off at power ? on ( = clear mode) all blank 1 0010 0000 xxxx 1111 off off off duty = 15 / 16 all blank 2 0010 0001 0001 0011 off off off decode, 4dig all blank 3 0010 0010 x100 1010 off off off dig ? 0 = a. all blank 4 0010 0011 x001 0000 off off off dig ? 1 = blank all blank 5 0010 0100 x001 0000 off off off dig ? 2 = blank all blank 6 0010 0101 x001 0000 off off off dig ? 3 = blank all blank 7 0001 xxxx xxxx xxxx on on on normal a. ??? 8 0010 0010 x001 0000 off on off dig ? 0 = blank all blank 9 0010 0011 x100 1011 on on on dig ? 1 = b. ? b.?? 10 0010 0011 x001 0000 off on off dig ? 1 = blank all blank 11 0010 0100 x100 1100 on on on dig ? 2 = c. ??c. ? 12 0010 0100 x001 0000 off on off dig ? 2 = blank all blank 13 0010 0101 x100 1101 on on on dig ? 3 = d. ???d. 14 0100 xxxx xxxx 0000 off off off stand ? by (shut down) all blank 2013-06-06 12
TB62785NG state transition diagram 2013-06-06 13
TB62785NG 2013-06-06 14 absolute maximum ratings (ta = 25c) characteristic symbol rating unit supply voltage for logic circuits v dd 6.0 v supply voltage v cc 17 v dig ? 0 to dig ? 3 output current i dig ? 400 ma out? a to dp output current i out 50 ma output current for logic block i oh / i ol 5 ma input voltage v in ? 0.3~vdd + 0.3 (note 1) v operating frequency f ck 15.0 (operation with 1ic) mhz total supply current i vdd 400 ma power dissipation p d 1.78 w operating temperature t opr ? 40~85 c storage temperature t stg ? 55~150 c note 1: however, do not exceed 6.0 v electrical characteristics (unless otherwise stated, v dd = 5.0 v, v cc = 5.0 v, r ext = 760 ? , ta = 25c) characteristic symbol test cir? cuit test condition min typ. max unit i cc1 1 set normal ope. mode, rext = 760 ? @out ? a~dp all on, ta = 25c D 300 D operating power supply current for output block i cc2 1 set normal ope. mode, rext = 760 ? @out ? a~dp all on v cc = 12 v, ta = 2 5c D 320 D ma dig ? 0 to dig ? 3 scan frequency f osc 2 normal ope. mode, v dd = 4.5~5.5 v 240 480 960 hz out-a to dp output sink current i seg 3 normal ope. mode, v ce = 0.7 v, r ext = 760 ? 29 34 40 ma dig ? 0 to 3 output leakage current i leak1 4 all off mode, v cc = 17 v D D ? 1 a out? a to dp output leakage current i leak2 4 all off mode, v cc = 17 v D D 1 a dig ? 0 to 3 output voltage v out 5 normal ope. mode, i dig = ? 320 ma 3.0 D D v
TB62785NG logic block characteristic symbol test cir? cuit test condition min typ. max unit i dd1 6 standby mode, ta = 25c D D 200 a static power supply current for logic circuits i dd2 6 blank mode, ta = 25c D D 12.5 ma operating power supply current for logic circuits i dd3 6 normal ope. mode, f clk = 10mhz, data ? in : out ? a~dp = on, ta = 25c D D 20.5 ma high input current for logic circuits i ih D data ? in, load & clock : v in = 5 v D D 1 a low input current for logic circuits i il D data ? in, load & clock : v in = 0 v D D ? 1 a v oh1 6 data ? out, i oh = ? 1.0 ma 4.6 D D high output voltage for logic circuits v oh2 6 data ? out, i oh = ? 1.0 a D v dd D v v ol1 6 data ? out, i ol = 1.0 ma D D 0.4 low output voltage for logic circuits v ol2 6 data ? out, i oh = 1.0 a D 0.1 D v clock frequency f clk 6 cascade connected, ta = ? 40~85c D D 10 mhz 2013-06-06 15
TB62785NG switching characteristics (unless otherwise stated, v dd = 5.0 v, v cc = 5.0 v, ta = 25c) characteristic symbol test cir? cuit test condition min typ. max unit data hold time (d ? in ? clock) t dho D D D 10 D ns data setup time (d ? in ? clock) t dst D D D 20 D ns t phl ? so c l = 10 pf D 25 D serial output delay time (clock ? d? out) t plh ? so D c l = 10 pf D 25 D ns high clock pulse width t ckh D D D 30 D ns low clock pulse width t ckl D D D 30 D ns load pulse width t wld D D D 100 D ns load clock time (clock ? load) t ckld D D D 50 D ns clock load time (load ? clock) t ldck D D D 50 D ns t phl ? seg c l = 10 pf, test mode D D 5.0 out? a to dp output delay time (load(internal en) ? outn) t plh ? seg D c l = 10 pf, test mode D D 5.0 s out? a to dp output rise time (outn) t r seg D c l = 10 pf 0.2 1.0 D s out? a to dp output fall time (outn) t f seg D c l = 10 pf 0.2 1.0 D s t phl ? dig c l = 10 pf, test mode D D 10.0 dig ? 0~dig ? 3 output delay time (load(internal en) ? dign) t plh ? dig D c l = 10 pf, test mode D D 10.0 s dig ? 0~dig ? 3 output rise time (dign) t r dig D c l = 10 pf 5 20 D ns dig ? 0~dig ? 3 output fall time (dign) t f dig D c l = 10 pf 50 150 D ns 2013-06-06 16
TB62785NG recommended operating conditions (unless otherwise stated, v dd = 5.0 v, v cc = 5.0 v, ta = ? 40~85c) output characteristic symbol test cir? cuit test condition min typ. max unit supply voltage for output block v cc D D 4.0 D 6.0 v dig ? 0 to dig ? 3 output source current i dig D v out = 3.0 v D D ? 320 ma out? a to out ? dp output sink current i seg D v ce = 0.7 v D D 40 ma logic block characteristic symbol test cir? cuit test condition min typ. max unit supply voltage for logic block v dd D D 4.5 D 5.5 v high input current for logic circuits i ih D data ? in, load & clock, v in = v dd D D 1 a low input current for logic circuits i il D data ? in, load & clock, v in = 0v D D ? 1 a high input voltage for logic circuits v ih D D 0.7 v dd D D v low input voltage for logic circuits v il D D D D 0.3 v dd v switching conditions characteristic symbol test cir? cuit test condition min typ. max unit data hold time (d ? in ? clock) t dho D D 30 D D ns data setup time (d ? in ? clock) t dst D D 50 D D ns serial output delay time (clock ? d? out) t pdso D c l = 10 pf 50 D D ns high clock pulse width t ckh D D 30 D D ns low clock pulse width t ckl D D 30 D D ns load pulse width t wld D D 150 D D ns load clock time (clock ? load) t clkld D D 100 D D ns clock load time (load ? clock) t ldclk D D 100 D D ns 2013-06-06 17
TB62785NG test circuits (1) i cc1, i cc2 t est-in2 test-in1 TB62785NG l oad data-in clock r-ext data-out (2) f osc test -in1 load TB62785NG da t a-in clock da t a-out r-ext test-in2 2013-06-06 18
TB62785NG (3) i seg da t a-in da t a-out test-in1 test-in2 load TB62785NG clock r-ext (4) i leak1, i leak2 t est-in2 test-in1 TB62785NG l oad data-in clock r-ext data-out 2013-06-06 19
TB62785NG 2013-06-06 20 (5) v out (6) i dd1, i dd2, i dd3, v oh1, v oh2, v ol1, v ol2, f clk TB62785NG l oad data-in clock t est-in2 test-in1 r-ext data-out TB62785NG load data-in clock test-in2 test-in1 r-ext data-out
TB62785NG duty cycle settings and output current values (TB62785NG) (TB62785NG) 2013-06-06 21
TB62785NG 2013-06-06 22 external resistance and output current values the following diagram show s application circuits. because operation may be unstable due to influences such as the electromagne tic induction of the wiring, the ic should be located as close as possible to the led. the l ? gnd and p ? gnd of the ic are connected to the substrate in the ic. take care to avoid a potential difference exceeding 0.4v at two pins. when executing the pattern layout, toshiba recommends not including inductance components in the gnd or output pin lines, and not inserting capacitance co mponents exceeding 50pf be tween the r-ext and gnd. i out - r-ext
TB62785NG application circuit example (connection example) TB62785NG precautions for using utmost care is necessary in th e design of the output line, v cc (v dd ) and (l ? gnd, p ? gnd) line since ic may be destroyed due to short ? circuit between outputs, air contamination fault, or fault by improper grounding. 2013-06-06 23
TB62785NG package dimensions weight: 1.22 g (typ.) 2013-06-06 24
TB62785NG notes on contents 1. block diagrams some of the functional blocks, circuits, or constants in the block diagram may be omitted or simplified for explanatory purposes. 2. equivalent circuits the equivalent circuit diagrams may be simplified or some parts of them may be omi tted for explanatory purposes. 3. timing charts timing charts may be simplified for explanatory purposes. 4. application circuits the application circuits shown in this document are prov ided for reference purposes only. thorough evaluation is required, especially at the mass production design stage. toshiba does not grant any license to any industrial property rights by providing these examples of application circuits. 5. test circuits components in the test circuits are used only to obtain a nd confirm the device characteri stics. these components and circuits are not guaranteed to preven t malfunction or failure from occu rring in the application equipment. ic usage considerations notes on handling of ics [1] the absolute maximum ratings of a semiconductor device ar e a set of ratings that must not be exceeded, even for a moment. do not exceed any of these ratings. exceeding the rating(s) may cause the device breakdown , damage or deterioration, and may result injury by explosion or combustion. [2] use an appropriate power supply fuse to ensure that a large current does not continuously flow in case of over current and/or ic failure. the ic will fully break down when used under conditions that exceed its absolute maximum ratings, when the wiring is routed improperly or when an abnormal pulse noise occurs from the wiring or load, causing a large current to continuously flow and the breakdown can lead smoke or ignition. to minimize the effects of the flow of a large current in case of breakdown, appropriate setting s, such as fuse capacity, fusing time and insertion circuit location, are required. [3] if your design includes an inductive load such as a mo tor coil, incorporate a protection circuit into the design to prevent device malfunction or breakdown caused by the current resulting from the inrush current at power on or the negative current resulting from the back electromotive force at power off. ic breakdown may cause injury, smoke or ignition. use a stable power supply with ics with built-in protection functions. if the power supply is unstable, the protection function may not operate, causing ic breakdown. ic breakdown may cause injury, smoke or ignition. [4] do not insert devices in the wrong orientation or incorrectly. make sure that the positive and negative termi nals of power supplies are connected properly. otherwise, the current or power consumption may exceed the absolute maximum rating, and exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or combustion. in addition, do not use any device that is applied the current with inserting in the wrong orientation or incorrectly even just one time. 2013-06-06 25
TB62785NG [5] carefully select external components (such as inputs and negative feedback capacitors) and load components (such as speakers), for example, power amp and regulator. if there is a large amount of leakage current such as in put or negative feedback condens er, the ic output dc voltage will increase. if this output voltage is connected to a spea ker with low input withstand voltage, overcurrent or ic failure can cause smoke or ignition. (the over current can caus e smoke or ignition from the ic itself.) in particular, please pay attention when using a bridge tied load (btl) co nnection type ic that inputs output dc voltage to a speaker directly. points to remember on handling of ics (1) heat radiation design in using an ic with large current flow such as power amp, regulator or driver, please desi gn the device so that heat is appropriately radiated, not to exceed the specified junction temperature (t j ) at any time and condition. these ics generate heat even during normal use. an inadequate ic heat radiation design can lead to decrease in ic life, deterioration of ic characteristics or ic breakdown. in addition, please design the device taking into considerate the effect of ic heat radiation with peripheral components. (2) back-emf when a motor rotates in the reverse direction, stops or slows down abruptly, a current flow back to the motor?s power supply due to the effect of back-emf. if the current sink capability of the power supply is small, the device?s motor power supply and output pins might be exposed to conditions beyond absolute maximum ratings. to avoid this problem, take the effect of back-emf in to consideration in system design. 2013-06-06 26
TB62785NG 2013-06-06 27 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduc tion is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and condi tions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific appl ications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nse q uential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitat ion, the japanese foreign exchange and foreign trade law and t he u.s. export administration regulations. export and re-export of pr oduct or related software or technology are strictly prohibit ed except in compliance with all appl icable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. please use product in compliance with all applicable laws and re gulations that regulate the inclusion or use of controlled substances, incl uding without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TB62785NG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X