Part Number Hot Search : 
F10UP60 BSS138W DUD1215 PS1201 PS1201 T210I IR2110E4 1205S
Product Description
Full Text Search
 

To Download T570N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  netz - thyristor phase control thyristor technische information / technical information t57 0 n date of publication: 201 4 - 0 6 - 18 revision: 2 . 3 seite/page: 1 /1 1 key parameters v drm / v rrm 6500 v i tavm 540 a (t c =85c) 35 70a (t c =55c) i tsm 10500 a v t0 1,35 v r t 1,4 m? r thjc 21 k/kw clamping force 1323 kn max. diameter 76 mm contact diameter 50 mm height 26 mm for type designation please refer to actual shortform catalog http://www.ifbip.com/catalog merk male features ? volle sperrf?higkeit 50/60hz ber einen weiten temperaturbereich ? full blocking 50/60hz over a wide range temperature range ? hermetisch dichtes keramikgeh?use ? hermeticaly sealed ceramic package ? hohe sto?strombelastbarkeit ? high surge current capability ? hohe einschaltf?higkeit di/dt ? high di/dt turn on capability typische anwendungen typical applications ? mittelspannungssanftanlasser ? medium voltage softstarter ? gleichrichter fr antriebsapplikationen ? rectifier for drives applications ? mittelspannungsumrichter ? medium voltage converters content of customer dmx code dmx code dmx code digit digit quantity serial number 1..7 7 sp material number 8..16 9 datecode (production day) 17..18 2 datecode (production year) 19..20 2 datecode (production month) 21..22 2 vt class (optional) 23..26 4 qr class (optional) 27..30 4 www.ifbip.com support@infineon - bip.com 1 2 4 5
netz - thyristor phase control thyristor technische information / technical information t57 0 n date of publication: 201 4 - 0 6 - 18 revision: 2 . 3 seite/page: 2 /1 1 elektrische eigenschaften elektrische eigenschaften / electrical properties h?chstzul?ssige werte / maximum rated values periodische vorw?rts - und rckw?rts - spitzensperrspannun g repetitive peak forward off - state and reverse voltage t vj = 25 c... t vj max v drm ,v rrm 6500 v durchla?strom - grenzeffektivwert maximum rms on - state current t c = 85 c i trmsm 850 a dauergrenzstrom average on - state current t c = 85 c t c = 70 c t c = 55 c i tavm 540 6 60 760 a a a sto?strom - grenzwert surge current t vj = 25 c, t p = 10 ms t vj = t vj max , t p = 10 ms i tsm 10500 9400 a a grenzlastintegral i2t - value t vj = 25 c, t p = 10 ms t vj = t vj max , t p = 10 ms i2t 551,25 441,8 103 a2s 103 a2s kri tische stromsteilheit critical rate of rise of on - state current din iec 60747 - 6 f = 50 hz, i gm = 3 a, di g /dt = 6 a/s (di t /dt) cr 150 a/s kritische spannungssteilheit critical rate of rise of off - state voltage t vj = t vj max , v d = 0,67 v drm 5.kennbuchstabe / 5 th letter f (dv d /dt) cr 1000 v/s charakteristische werte / characteristic values durchla?spannung on - state voltage t vj = t vj max , i t = 1000 a v t m ax. 2,75 v schleusenspannung threshold voltage t vj = t vj max v (to) max. 1,35 v ersatzwiderstand slo pe resistance t vj = t vj max r t m ax. 1,4 m durchla?kennlinie 100 a ? i t ? 2700 a on - state characteristic t vj = t vj max max. a - 0,3296 b 0,001724 c 0,4376 d - 0,05275 zndstrom gate trigger current t vj = 25c, v d = 12 v i gt max. 350 ma zndspannung gate trigger voltage t vj = 25c, v d = 12 v v gt max. 2,5 v nicht zndender steuerstrom gate non - trigger current t vj = t vj max , v d = 12 v t vj = t vj max , v d = 0,5 v drm i gd max. max. 20 10 ma ma nicht zndende steu erspannung gate non - trigger voltage t vj = t vj max , v d = 0,5 v drm v gd max. 0,4 v haltestrom holding current t vj = 25c, v d = 12 v i h max. 350 ma einraststrom latching current t vj = 25c, v d = 12 v, r gk 10 i gm = 3 a, di g /dt = 6 a/s, t g = 20 s i l max. 3 a vorw?rts - und rckw?rts - sperrstrom forward off - state and reverse current t vj = t vj max v d = v drm , v r = v rrm i d , i r max. 400 ma zndverzug gate controlled delay time din iec 60747 - 6 t vj = 25 c,i gm = 3 a, di g /dt = 6 a/s t gd max. 2,5 s prepared by: tm date of publication: 201 4 - 0 6 - 1 8 approved by: jp revision: 2 .3 t t t t i d ) 1 i ( ln c i b a v ? ? ? ? ? ? ? ?
netz - thyristor phase control thyristor technische information / technical information t57 0 n date of publication: 201 4 - 0 6 - 18 revision: 2 . 3 seite/page: 3 /1 1 thermische eigenschaften mechanische eigenschaften elektrische eigenschaften / electrical properties charakteristische werte / characteristic values freiw erdezeit circuit commutated turn - off time t vj = t vj max , i tm = i tavm v rm = 100 v, v dm = 0,67 v drm dv d /dt = 20 v/s, - di t /dt = 10 a/s 4.kennbuchstabe / 4 th letter o t q typ. 1000 s sperrverz?gerungsladung recovered charge t vj = t vj max i tm = 2 i tavm , - di t /dt = 10 a/s v r = 3000v, v rm 0,8v rrm r=83 ? ; c=0,44f q r max. 6,2 mas rckstromspitze peak reverse recovery current t vj = t vj max i tm = 2 i tavm , - di t /dt = 10 a/s v r = 3000v, v rm 0,8v rrm r=83 ? ; c=0,44f i rm max. 190 a thermische eigenschaften / th ermal properties innerer w?rmewiderstand thermal resistance, junction to case khlfl?che / cooling surface beidseitig / two - sided, = 180sin beidseitig / two - sided, dc anode / anode, dc kathode / cathode, dc r thjc max. max. max. max. 23 ,0 21 ,0 37,5 4 8 ,0 k/kw k/kw k/kw k/kw bergangs - w?rmewiderstand thermal resistance, case to heatsink khlfl?che / cooling surface beidseitig / two - sided einseitig / single - sided r thch max. max. 5 ,0 10 ,0 k/kw k/kw h?chstzul?ssige sperrschichttemperatur maximum junction temperature t vj max 125 c betriebstemperatur operating temperature t c op - 40+125 c lagertemperatur storage temperature t stg - 40+150 c mechanische eigenschaften / mechanical properties geh?use, siehe anlage case, see annex seite 4 page 4 si - element mit druckkontakt si - pellet with pressure contact anpresskraft clamping force f 1 3 2 3 kn steueranschlsse control terminals din 46244 gate kathode /cathode ? 1,5x3,2 a 2,8x0,5 a 4,8x0, 5 m m mm mm gewicht weight g typ. 550 g kriechstrecke creepage distance 20 mm schwingfestigkeit vibration resistance f = 50 hz 50 m/s2
netz - thyristor phase control thyristor technische information / technical information t57 0 n date of publication: 201 4 - 0 6 - 18 revision: 2 . 3 seite/page: 4 /1 1 ma?bild 1 : anode/anode 2 : kathode/cathode 4 : gate 5 : hilfskathode/ cat hode (control terminal) 2 1 ? 500,1 ? 75 -1.2 min. 1 26 -0.6 min. 1 ? 73,5 -2 5 connector 4.8 x 0.5 4 connector 2.8 x 0.5 4 connector ? ? 1.5 based on amp60598 ? 3.5 x 3.5 both sides creepage distance: 20mm clearance distance: 15mm overall height based on contact pressure 1 2 4 5
netz - thyristor phase control thyristor technische information / technical information t57 0 n date of publication: 201 4 - 0 6 - 18 revision: 2 . 3 seite/page: 5 /1 1 r,t C werte r r,t - werte analytische elemente des transienten w?rmewiderstandes z thjc / analytical elements of transient thermal impedance z thjc pos. n 1 2 3 4 5 6 7 beidseitig two - sided r thn [k/kw] 8,45 7,03 2,1 2,29 1,13 n [s] 1,134 0,23 0,00 65 0,00456 0,00189 anodenseitig anode - sided r thn [k/kw] 21,8 5,6 6,23 2,6 1,27 n [s] 6,66 0,57 0,126 0,00843 0,00201 kathodenseitig cathode - sided r thn [k/kw] 33,3 4,6 6,23 2,6 1,27 n [s] 7,83 0,57 0,126 0,00843 0,00201 analytische funkti on / analytical function: transienter innerer w?rmewiderstand fr dc / transient thermal impedance z thjc = f(t) for dc a : anodenseitige khlung / anode - sided cooling b : beidseitige khlung / two - sided cooling c : kathodenseitige khlung / cathode - sided cooling ? ? ? ? max n n=1 thn thjc n -t e 1 r z b i a i c i 0 10 20 30 40 50 60 0,001 0,01 0,1 1 10 100 z th jc [k/kw] t [s]
netz - thyristor phase control thyristor technische information / technical information t57 0 n date of publication: 201 4 - 0 6 - 18 revision: 2 . 3 seite/page: 6 /1 1 diagramme diagramme durchlasskennlinie grenzdurchla?kennlinie / limiting on - state characteristic i t = f(v t ) t vj = t vj max typ. max. 0 500 1000 1500 2000 2500 3000 0 1 2 3 4 5 6 i t [a] v t [v]
netz - thyristor phase control thyristor technische information / technical information t57 0 n date of publication: 201 4 - 0 6 - 18 revision: 2 . 3 seite/page: 7 /1 1 durchlassverluste steuercharakteristik v g = f (i g ) mit zndbereichen fr v d = 12 v / gate characteristic v g = f (i g ) wi th triggering area for v d = 12 v h?chstzul?ssige spitzensteuerverlustleistung / maximum rated peak gate power dissipation p gm = f (t g ) : a - 20 w/10ms b - 40 w/1ms 0,1 1 10 10 100 1000 10000 v g [v] i g [ma] t vj max t vj = +25 c a b
netz - thyristor phase control thyristor technische information / technical information t57 0 n date of publication: 201 4 - 0 6 - 18 revision: 2 . 3 seite/page: 8 /1 1 tc beidseitig sperrverz?gerungsladung / recovered charge q r = f( - di/dt) t vj =t vjmax , v r =30 00v, v rm 0,8 v rrm r =83 ? ; c=0,44f 0 2 4 6 8 10 12 0 5 10 15 20 25 30 35 q r [mas] - di/dt [a/s]
netz - thyristor phase control thyristor technische information / technical information t57 0 n date of publication: 201 4 - 0 6 - 18 revision: 2 . 3 seite/page: 9 /1 1 ta bei sinus rckstromspitze / peak reverse recovery current i rm = f( - di/dt) t vj =t vjmax , v r =3000v, v rm 0,8 v rrm r =83 ? ; c=0,44f 0 50 100 150 200 250 300 350 400 450 500 0 5 10 15 20 25 30 35 i rm [a] - di/dt [a/s]
netz - thyristor phase control thyristor technische information / technical information t57 0 n date of publication: 201 4 - 0 6 - 18 revision: 2 . 3 seite/page: 10 /1 1 typische abh?ngigkeit des grenzstromes i t (ov)m von der anzahl fr eine folge von sinus h al b wellen bei 50hz. parameter: rckw?rtsspannung v rm typical dependency of maximum overload on - state current i t (ov)m as a number of a sequence of sinusoidal half waves at 50hz. parameter: peak reverse voltage v rm i t (ov)m = f ( pulses , v rm ) ; t vj = t vjmax 0 - 50v 0,33 vrrm 0,67 vrrm 0 1 2 3 4 5 6 7 8 9 10 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 i t(ov)m [ka] anzahl pulse bei 50hz sinus halbwellen number of pulses for 50hz sinusoidal half wave
netz - thyristor phase control thyristor technische information / technical information t57 0 n date of publication: 201 4 - 0 6 - 18 revision: 2 . 3 seite/page: 11 /1 1 nutzungsbedingungen die in diesem produktdatenblatt enthaltenen daten sind ausschlie?lich fr technisch geschultes fachpersonal bestimmt. die beurteilung der geeignetheit dieses pro duktes fr die von ihnen anvisierte anwendung sowie die beurteilung der vollst?ndigkeit der bereitgestellten produktdaten fr diese anwendung obliegt ihnen bzw. ihren technischen abteilungen. in diesem produktdatenblatt werden diejenigen merkmale beschrie ben, fr die wir eine liefervertragliche gew?hrleistung bernehmen. eine solche gew?hrleistung richtet sich ausschlie?lich nach ma?gabe der im jeweiligen liefervertrag enthaltenen bestimmungen. garantien jeglicher art werden fr das produkt und dessen eige nschaften keinesfalls bernommen. sollten sie von uns produktinformationen ben?tigen, die ber den inhalt dieses produktdatenblatts hinausgehen und insbesondere eine spezifische verwendung und den einsatz dieses produktes betreffen, setzen sie sich bitte mit dem fr sie zust?ndigen vertriebsbro in verbindung (siehe www. infineon .com). fr interessenten halten wir application notes bereit. aufgrund der technischen anforderungen k?nnte unser produkt gesundheitsgef?hrdende substanzen enthalten. bei rckfrage n zu den in diesem produkt jeweils enthaltenen substanzen setzen sie sich bitte ebenfalls mit dem fr sie zust?ndigen vertriebsbro in verbindung. sollten sie beabsichtigen, das produkt in anwendungen der luftfahrt, in gesundheits - oder lebensgef?hrdenden oder lebenserhaltenden anwendungsbereichen einzusetzen, bitten wir um mitteilung. wir weisen darauf hin, dass wir fr diese f?lle - die gemeinsame durchfhrung eines risiko - und qualit?tsassessments; - den abschluss von speziellen qualit?tssicherungsverei nbarungen; - die gemeinsame einfhrung von ma?nahmen zu einer laufenden produktbeobachtung dringend empfehlen und gegebenenfalls die belieferung von der umsetzung solcher ma?nahmen abh?ngig machen. soweit erforderlich, bitten wir sie, entsprechende hi nweise an ihre kunden zu geben. inhaltliche ?nderungen dieses produktdatenblatts bleiben vorbehalten. terms & conditions of usage the data contained in this product data sheet is exclusively intended for technically trained staff. you and your technica l departments will have to evaluate the suitability of the product for the intended application and the completeness of the pro duct data with respect to such application. this product data sheet is describing the characteristics of this product for which a warranty is granted. any such warranty is granted exclusively pursuant the terms and conditions of the supply agreement. there will be no guarantee of any kind for the product and its characteristics. should you require product information in excess of the data given in this product data sheet or which concerns the specific application of our product, please contact the sales office, which is responsible for you (see www. infineon .com). for those that are specifically interested we may provide application notes. due to technical requirements our product may contain dangerous substances. for information on the types in question please contact the sales office, which is responsible for you. should you intend to use the product in aviation applications, in health or live endangering or life support applications, please notify. please note, that for any such applications we urgently recommend - to perform joint risk and quality assessments; - the conclusion of quality agreements; - to establish joint measures of an ongoing product survey, and that we may make delivery depended on the realization of any such measures. if and to the extent necessary, please forward equivalent notices to your customers. changes of this product data sheet are reserved.


▲Up To Search▲   

 
Price & Availability of T570N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X