Part Number Hot Search : 
UNS3K 1502B HMC550E F75339P 1000S 2R2YL TK73227M 20000
Product Description
Full Text Search
 

To Download SMBF5346B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smbf5333b - smbf5388b power: 5.0wa t t s voltage range: 3.3 - 200v 1 of 2 low leakage current high reliability high peak reverse power dissipation complete voltage range 3.3 to 200 volts features rating symbol value unit power dissipation at t l = 25 c p d 5w maximum forward voltage at i f = 1.0 a v f 1.2 v thermal resistance, junction to ambient (note 1) r ? ja 90 c/w thermal resistance, junction to lead (note 1) r ? jl 25 c/w operating and storage temperature range t j , t stg - 65 to + 150 c note : (1) when mounted on fr4 pc board (1 oz cu) with recommended footprint. www.sunmate.tw surface mount silicon zener diodes case:smbf , molded plastic ! ! terminals: solder plated, solderable per mil-std-750, method 2026 ! polarity: cathode band or cathode notch ! marking: type number ! weight: 0.0018 ounces,0.05grams mechanical data ! ! ! ! 0.73 0.77 0.75 0.021 0.20 1.96 2.00 1.98 1.38 1.35 1.32 3.60 3.63 3.57 4.30 4.33 4.27 5.50 5.55 5.45 smbf a e l b c e h d e d a dim min max typ b c h l all dimensions in mm 0.019 maximum ratings t a = 25 c unless otherwise specified
smbf5388b smbf5387b smbf5386b smbf5385b smbf5384b smbf5383b smbf5382b smbf5381b smbf5380b smbf5379b smbf5378b smbf5377b smbf5376b smbf5375b smbf5374b smbf5373b smbf5372b smbf5371b smbf5370b smbf5369b smbf5368b smbf5367b smbf5366b smbf5365b smbf5364b smbf5363b smbf5362b smbf5361b smbf5360b smbf5359b smbf5358b smbf5357b smbf5356b smbf5355b smbf5354b smbf5353b smbf5352b smbf5351b smbf5350b smbf5349b smbf5348b smbf5347b SMBF5346B smbf5345b smbf5344b smbf5343b smbf5342b smbf5341b smbf5340b smbf5339b smbf5338b smbf5337b smbf5336b smbf5335b smbf5334b smbf5333b 2 of 2 electrical characteristics (rating at 25 c ambient temperature unless otherwise specified) regulator maximum zener maximum reverse maximum maximum maximum type voltage impedance leakage current zener current surge current voltage v z @ i zt i zt z zt @ i zt z z k @ i z k i z k i r @ v r i zm i zsm regulator (v) (ma) ( ? )( ? ) (ma) ( a) (v) (ma) (a) ? v z 3.3 380 3.0 400 1.0 300 1.0 1440 20.0 0.85 3.6 350 2.5 500 1.0 150 1.0 1320 18.7 0.80 3.9 320 2.0 500 1.0 50 1.0 1220 17.6 0.54 4.3 290 2.0 500 1.0 10 1.0 1100 16.4 0.49 4.7 260 2.0 450 1.0 5.0 1.0 1010 15.3 0.44 5.1 240 1.5 400 1.0 1.0 1.0 930 14.4 0.39 5.6 220 1.0 400 1.0 1.0 2.0 856 13.4 0.25 6.0 200 1.0 300 1.0 1.0 3.0 790 12.7 0.19 6.2 200 1.0 200 1.0 1.0 3.0 765 12.4 0.10 6.8 175 1.0 200 1.0 10 5.2 700 11.5 0.15 7.5 175 1.5 200 1.0 10 5.7 630 10.7 0.15 8.2 150 1.5 200 1.0 10 6.2 580 10.0 0.20 8.7 150 2.0 200 1.0 10 6.6 545 9.5 0.20 9.1 150 2.0 150 1.0 7.5 6.9 520 9.2 0.22 10 125 2.0 125 1.0 5.0 7.6 475 8.6 0.22 11 125 2.5 125 1.0 5.0 8.4 430 8.0 0.25 12 100 2.5 125 1.0 2.0 9.1 395 7.5 0.25 13 100 2.5 100 1.0 1.0 9.9 365 7.0 0.25 14 100 2.5 75 1.0 1.0 10.6 340 6.7 0.25 15 75 2.5 75 1.0 1.0 11.5 315 6.3 0.25 16 75 2.5 75 1.0 1.0 12.2 295 6.0 0.30 17 70 2.5 75 1.0 0.5 12.9 280 5.8 0.35 18 65 2.5 75 1.0 0.5 13.7 265 5.5 0.40 19 65 3.0 75 1.0 0.5 14.4 250 5.3 0.40 20 65 3.0 75 1.0 0.5 15.2 237 5.1 0.40 22 50 3.5 75 1.0 0.5 16.7 216 4.7 0.45 24 50 3.5 100 1.0 0.5 18.2 198 4.4 0.55 25 50 4.0 110 1.0 0.5 19.0 190 4.3 0.55 27 50 5.0 120 1.0 0.5 20.6 176 4.1 0.60 28 50 6.0 130 1.0 0.5 21.2 170 3.9 0.60 30 40 8.0 140 1.0 0.5 22.8 158 3.7 0.60 33 40 10 150 1.0 0.5 25.1 144 3.5 0.60 36 30 11 160 1.0 0.5 27.4 132 3.3 0.65 39 30 14 170 1.0 0.5 29.7 122 3.1 0.65 43 30 20 190 1.0 0.5 32.7 110 2.8 0.70 47 25 25 210 1.0 0.5 35.8 100 2.7 0.80 51 25 27 230 1.0 0.5 38.8 93.0 2.5 0.90 56 20 35 280 1.0 0.5 42.6 86.0 2.3 1.00 60 20 40 350 1.0 0.5 45.5 79.0 2.2 1.20 62 20 42 400 1.0 0.5 47.1 76.0 2.1 1.35 68 20 44 500 1.0 0.5 51.7 70.0 2.0 1.50 75 20 45 620 1.0 0.5 56.0 63.0 1.9 1.60 82 15 65 720 1.0 0.5 62.2 58.0 1.8 1.80 87 15 75 760 1.0 0.5 66.0 54.5 1.7 2.00 91 15 75 760 1.0 0.5 69.2 52.5 1.6 2.20 100 12 90 800 1.0 0.5 76.0 47.5 1.5 2.30 110 12 125 1000 1.0 0.5 83.6 43.0 1.4 2.50 120 10 170 1150 1.0 0.5 91.2 39.5 1.3 2.50 130 10 190 1250 1.0 0.5 98.8 36.6 1.2 2.50 140 8.0 230 1500 1.0 0.5 106 34.0 1.2 2.50 150 8.0 330 1500 1.0 0.5 114 31.6 1.1 3.00 160 8.0 350 1650 1.0 0.5 122 29.4 1.1 3.00 170 8.0 380 1750 1.0 0.5 129 28.0 1.0 3.00 180 5.0 430 1750 1.0 0.5 137 26.4 1.0 4.00 190 5.0 450 1850 1.0 0.5 144 25.0 0.9 5.00 200 5.0 480 1850 1.0 0.5 152 23.6 0.9 5.00 notes : (1) suffix " b " indicates 5% tolerance, suffix " a " indicates 10% tolerance. (2) the surge current (i zsm ) is specified as the maximum peak of a non- recurrent half-sin wave of 8.3 ms duration. (3) voltage regulation (v z ) is the difference between the voltage measured at 10% and 50% of i www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of SMBF5346B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X