Part Number Hot Search : 
0CTQ1 4MPXX JTX210 BB405M DZD10 A330MC 1050C PDTC14
Product Description
Full Text Search
 

To Download RS401GL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RS401GL thru rs407gl glass passiated 50 to 1000 volts features ? ideal for printed circuit board ? reliable low cost construction utilizing molded plastic technique ? high surge current capability ? ul recognized file # e165989 dimensions inches mm dim min max min max note a .728 .768 18.50 19.50 b .600 .640 15.20 16.30 c .750 --- 19.00 --- d .236 .256 6.00 6.50 e .180 .220 4.60 5.60 g ------ .083 ------ 2.10 ma x i mum ra t i ngs mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage RS401GL RS401GL 50v 35v 50v rs402gl rs402gl 100v 70v 100v rs403gl rs403gl 200v 140v 200v rs404gl rs404gl 400v 280v 400v rs405gl rs405gl 600v 420v 600v rs406gl rs406gl 800v 560v 800v rs407gl rs407gl 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forwardcurrent i f(av) 4.0a t a = 50 c peak forward surgecurrent i fsm 200a 8.3ms, half sine maximum forwardvoltage drop per element v f 1.1v i fm = 4.0a; t a = 25 c (note 2) maximum dcreverse current at rated dc blocking voltage i r 5 at a = 25 c t a = 125 c a b c h g d e ac + - h .048 .052 1.20 1.30                 m cc rs - 4l 4 amp single phase bridge rectifier  
 omponents 20736 marilla street chatsworth       
     revision: f 20 1 3 /0 5 /2 9 tm micro commercial components w w w. m c c se m i .c om 1 of 3 h alogen free available upon request by adding suffix "-hf" moisture sensitivity level 1 epoxy meets ul 94 v-0 flammability rating compliant. see ordering information) lead free finish/rohs compliant (note1) ("p"suffix designates notes: 1. high temperature solder exemption applied, see eu directive annex notes 7 2. pulse test: pulse width 300usec, duty cycle 1% 3. unit mount on p.c.b. 0.6" x 0.6" (16mmx16mm) copper pads typical thermal resistance (note 3) r thjl 2.4 c /w high case dielectric strength of 1500 v rms r thjc 5.0 c /w ? operating junction temperature: -5 5 c to +150 c ? storage temperature: -5 5 c to +15 0 c 100ua downloaded from: http:///
RS401GL thru rs407gl instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts 1 100 4 0 50 100 150 8 figure 4peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 200 250 300 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1typical forward characteristics volts 4 6 20 10 amps .2 1.2 .4 .6 .8 1.0 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 1.4 figure 2typical reverse characteristics volts amps 4 m cc revision: f 20 1 3 /0 5 /2 9 single phase, half wave 60hz resistive or inductive load 0 average forward rectified current - amperes versus case temperature - q c figure 3 forward derating curve 25 50 100 125 150 0 1.0 2.0 3.0 amps 75 4.0 5.0 6.0 tm micro commercial components w w w. m c c se m i .c om 2 of 3 0 20406080100120140 0 . 1 1 10 100 t = 100 c o a t = 25 c o a 0 .0 1 downloaded from: http:///
m cc tm micro commercial components w w w. m c c se m i .c om 3 of 3 ordering information device packing (part number)-bp bulk;2k/ctn revison: f 201 3 /0 5 /2 9 *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number- b p-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of RS401GL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X