Part Number Hot Search : 
ES1DL MTL5041 FN4413 7EEMXX TFS438 LSM776 FR153 BUK75
Product Description
Full Text Search
 

To Download R1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r1200 thru r2000 high voltage rectifier reverse voltage - 1200 to 2000 volts forward current - 0.5/0.2 ampere case : jedec do-41/do-15 molded plastic body terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.012 ounce, 0.33 grams(do-41) 0.014 ounce, 0.40 grams(do-15) the plastic package carries underwriters laboratory flammability classification 94v-0 construction utilizes void-free molded plastic technique low reverse leakage high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension features mechanical data maximum ratings and electrical characteristics dimensions in inches and (millimeters) volts volts volts symbols units amp amps volts v rrm v rms v dc i (av) i fsm v f 0.5 30.0 2.0 operating junction and storage temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375 ? (9.5mm) lead length (see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 0.5/0.2 a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.thermal resistance from junction to ambient at 0.375 ? (9.5mm)lead length,p.c.b. mounted i r 5.0 50 r q ja c j t j , t stg 50.0 15.0 -65 to +175 pf c a m typical thermal resistance (note 2) c/w ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. do-15 0.140 (3.6) 0.104(2.6) dia. 0.034 (0.86) 0.028 (0.70) dia. 0.300(7.6) 0.230(5.8) 1.0 (25.4) min. 1.0 (25.4) min. do-41 0.107 (2.7) 0.080 (2.0) dia. 0.034 (0.86) 0.028 (0.70) dia. 1.0 (25.4) min. 0.205 (5.2) 0.160(4.1) 1.0 (25.4) min. 2000 1400 2000 1800 1260 1800 1500 1050 1500 1200 840 1200 r1200 R1500 r1800 r2000 0.2 3.0 mdd catalog number
ratings and characteristic curves r1200 thru r2000 0.5 0.4 0.3 0.2 0.1 0 0 25 50 75 100 125 150 175 30 25 20 15 10 5.0 0.8 1.6 2.4 3.2 4 4.4 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes junction capacitance, pf peak forward surge current, amperes instantaneous forward voltage, volts single phase half wave 60hz resistive or inductive load 1 10 100 8.3ms single half sine-wave (jedec method) 0.002 0.02 0.2 4 2 t j =25 c pulse width=300 m s 1%duty cycle t j =25 c 1 10 100 200 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, microamperes transient thermal impedance, c/w ambient temperature, c r1200-r1800 r2000 r1200-r1800 r2000 the cruve g ra p h is for reference onl y , can't be the basis for j ud g ment ( ? ) !


▲Up To Search▲   

 
Price & Availability of R1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X