Part Number Hot Search : 
BST72 NSSU100 TD123 E170A 106M16 AP3983E LM329AH 7SZ08
Product Description
Full Text Search
 

To Download PCM-3725-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifcations isolated digital input ? channels 8 ? input voltage logic 0: 3 v logic 1: 10 v (50 v max.) ? isolation protection 2,500 v dc ? overvoltage 70 v dc protection ? opto-isolator 25 s response ? input resistance 4.7 kw relay output ? channels 8 ? relay type spdt (form c) ? contact rating 30 v dc @ 1.5 a ? relay on time 4 ms ? relay off time 4 ms ? life span 100,000 min @ 2 a/30 v ? resistance contact: 100 mw insulation: 1 gw @ 500 v dc general ? bus type pc/104 ? i/o connectors 1 x 20-pin head for idi 1 x 50-pin head for relay ? dimensions (l x h) 96 x 90 mm (3.8" x 3.5") ? power consumption typical: 5 v @ 100 ma max.: 5 v @ 280 ma ? operating 0 ~ 60c (32 ~ 140f) temperature ? storage temperature -20 ~ 70c (-4 ~ 158f) ? storage humidity 5 ~ 95% rh, non-cond. ordering information ? pcm-3725 8-ch relay/isolated digital input pc/104 module accessories ? pcl-10120-1e 20-pin flat cable, 1 m ? pcl-10120-2e 20-pin flat cable, 2 m ? pcl-10150-1.2e 50-pin flat cable, 1.2 m ? adam-3920 20-pin din-rail flat cable wiring board ? adam-3950 50-pin din-rail flat cable wiring board pcm-3725 pcm-3730 pcm-3780 8-ch relay and isolated digital input pc/104 module 16-ch isolated digital i/o pc/104 module 2-ch counter/timer with 24-ch digital i/o pc/104 module specifcations digital input ? channels 16, 5 v/ttl ? interrupt capable ch. 4 isolated digital input ? channels 8 ? input voltage logic 0: 2 v max. logic 1: 5 v min. (24 v max.) ? isolation protection 2,500 v dc ? opto-isolator response 0.1 ms ? input resistance 2 kw @ 0.5 w digital output ? channels 16, 5 v/ttl ? output capability sink: 0.5 v max. @ 8 ma source: 2.4 v min @ 0.4 ma isolated digital output ? channels 8 ? output type sink (npn) ? isolation protection 2,500 v dc ? output voltage 5 ~ 40 v dc ? sink current 200 ma max./channel ? opto-isolator response 100 s general ? bus type pc/104 ? i/o connectors 3 x 20-pin box header ? dimensions (l x h) 96 x 90 mm (3.8" x 3.5") ? power consumption typical: 5 v @ 330 ma max.: 5 v @ 500 ma ? operating temperature 0 ~ 60c (32 ~ 140f) ? storage temperature -20 ~ 70c (-4 ~ 158f) ? storage humidity 5 ~ 95% rh, non-cond. ordering information ? pcm-3730 16-ch isolated di/o pc/104 module w/ 20p cable accessories ? pcl-10120-1e 20-pin flat cable, 1 m ? pcl-10120-2e 20-pin flat cable, 2 m ? adam-3920 20-pin din-rail flat cable wiring board ? pcld-785 16-ch relay board w/ one 1m 20-pin flat cable ? pcld-885 16-ch power relay board w/ 20p & 50p flat cables pcm-3725 pcm-3730 pcm-3780 specifcations digital input ? channels 24 (shared with output) ? compatibility 5 v/ttl ? input voltage logic 0: 0.8 v max. logic 1: 2.4 v min. ? interrupt capable ch. 24 digital output ? channels 24 (shared with input) ? compatibility 5 v/ttl ? output voltage logic 0: 0.5 v max. @ 24 ma (sink) logic 1: 2.4 v min. @ 15 ma (source) counter/timer ? channels 2 ? resolution 16 bits ? compatibility 5 v/ttl ? max. input frequency 20 mhz ? counter modes 12 (programmable) ? interrupt capable ch. 2 general ? bus type pc/104 ? i/o connectors 1 x 50-pin box header 1 x 20-pin box header ? dimensions (l x h) 96 x 90 mm (3.8" x 3.5") ? power consumption typical: 5 v @ 300 ma max.: 5 v @ 0.8 ma ? operating temperature 0 ~ 60c (32 ~ 140f) ? storage temperature -20 ~ 70c (-4 ~ 158f) ? operating humidity 5 ~ 85% rh non-cond. ordering information ? pcm-3780 2-ch counter/timer, di/o, pc/104 module w/cables accessories ? pcl-10120-1e 20-pin flat cable, 1 m ? pcl-10150-1.2e 50-pin flat cable, 1.2 m ? adam-3920 20-pin din-rail flat cable wiring board ? adam-3950 50-pin din-rail flat cable wiring board rohs compliant 2002/95/ec rohs compliant 2002/95/ec rohs compliant 2002/95/ec data acquisition boards all product specifications are subject to change without notice last updated : 19-mar-2014


▲Up To Search▲   

 
Price & Availability of PCM-3725-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X