Part Number Hot Search : 
MB90347C 1000M BAT54S CNS471B6 2SC58242 C5103B 0D102 00V12
Product Description
Full Text Search
 

To Download NJM7812S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  njm7 800s - 1 - ver. 2016 - 01 - 08 3 - terminal positive voltage regulator general d escription package outline the njm 7800 s is a 1.5a output 3 - terminal positive voltage r egulator . it has improvements in con trast with a conventional njm78 00: a n out put voltage a ccuracy, an operating temperature range and ml cc co rres pondence. features 0? output cu rrent 1.5 a max. 0? output volt age a ccuracy v o 3 .0% 0? high ri pple rejection 0? correspond to low esr c apacitor (ml cc) 0? over curr ent protection circuit 0? thermal shutdown circuit 0? output voltage lineup 5v, 8v, 12v , 15v , 24v 0? package to - 252 - 3 pin configuration equivalent circuit njm 7800sdl1 (to - 252 - 3) v in v out gnd 3. v out 2 . gnd 1. v in
njm7 800s - 2 - ver. 2016 - 01 - 08 absolute maximum ratings (unless ot herwise noted, t a = 25 o c) parameter symbol maximum ratings unit i nput voltage v in 7805s to 7815s : 35 7 824s : 40 v power di ssipation p d 1 190 (*1) 3125 (*2) mw j unction temperature range t j - 40 to + 150 ? opr - 40 to + 125 ? c stor age temperature range t stg - 5 0 to +1 50 ? c (*1) m ounted on gla ss epoxy board . (76.2 ? 114.3 ? 1.6 mm:eia/jdec st andard size, 2layers, copper area 100mm 2 ) (*2) m ounted on gla ss epoxy board . (76.2 ? 114.3 ? 1.6 mm:eia/jdec st andard size, 4 layers ) ( 4layers inner fo il : 74.2 ? 74.2mm applying a thermal via hole to a board based on jedec standard j esd51 - 5) electrical characteristics ( c in =0.33 f, c o =0.1 f, t j =25 ! ) m easurement is to conducted in pulse testing parameter symbol t est co nditions min. typ. max. unit njm 7805sdl1 output volt age v o v in = 10v, i o =0.5a 4.85 5.0 5.15 v line r egulation v o - v in v in =7v to 25v , i o =0.5a - 3 100 mv load r egulation v o - i o v in = 10v, i o =0. 005 a to 1.5a - 15 100 mv quiesc ent cu rrent i q v in = 10v, i o =0 ma - 4.2 6 .0 ma aver age temperature c oefficien t of output volt age v o / t v in = 10v, i o =5 ma - - 0.5 - mv/ o c ri pple rejection rr v in = 10v, i o =0.5a, e in =2v p - p , f= 120hz 68 78 - db output noise volt age v no v in = 10v , bw= 10hz to 100khz, i o =0.5a - 45 - v rms dr opou t volt age v io i o =1.5a - 2.2 - v njm 7808sdl1 output volt age v o v in = 14v, i o =0.5a 7.76 8.0 8.24 v line r egulation v o - v in v in =10.5v to 25v, i o =0.5a - 6 160 mv load r egulation v o - i o v in = 14v, i o =0. 005 a to 1.5a - 15 160 mv quiesc ent cu rrent i q v in = 14v, i o =0 ma - 4.3 6.0 mv aver age temperature c oefficien t of output volt age v o / t v in = 14v, i o =5 ma - - 0.8 - mv/ o c ri pple rejection rr v in = 14v, i o =0.5a, e in =2v p - p , f= 120hz 62 72 - db output noise volt age v no v in = 14v , bw= 10hz to 100khz, i o =0.5a - 55 - vrms dr opou t volt age v io i o =1.5a - 2.2 - v njm 7812sdl1 output volt age v o v in = 19v, i o =0.5a 11.64 12.0 12.36 v line r egulation v o - v in v in =14.5v to 30v, i o =0.5a - 10 240 mv load r egulation v o - i o v in = 19v, i o =0. 005 a to 1.5a - 25 240 mv quiesc ent cu rrent i q v in = 19v, i o =0 ma - 4.3 6.0 ma aver age temperature c oefficien t of output volt age v o / t v in = 19v, i o =5 ma - - 1.2 - mv/ o c ri pple rejection rr v in = 19v, i o =0.5a, e in =2v p - p , f= 120hz 61 71 - db output noise volt age v no v in = 19v, bw=10hz to 100khz, i o =0.5a - 75 - vrms dr opou t volt age v io i o =1.5a - 2.2 - v
njm7 800s - 3 - ver. 2016 - 01 - 08 electrical characteristics ( c in =0.33 f, c o =0.1 f, t j =25 ! ) m easurement is to conducted in pulse testing parameter symbol t est co nditions min. typ. max. unit njm 7815sdl1 output volt age v o v in = 23v, i o =0.5a 14.55 15.0 15.45 v line r egulation v o - v in v in =17.5v to 30v, i o =0.5a - 11 300 mv load r egulation v o - i o v in = 23v, i o =0. 005 a to 1.5a - 35 300 mv quiesc ent cu rrent i q v in = 23v, i o =0 ma - 4.4 6.0 ma aver age temperature c oefficien t of output volt age v o / t v in = 23v, i o =5 ma - - 1.5 - mv/ o c ri pple rejection rr v in = 23v, i o =0.5a, e in =2v p - p , f= 120hz 60 70 - db output noise volt age v no v in = 23v, bw=10hz to 100khz, i o =0.5a - 90 - vrms dr opou t volt age v io i o =1.5a - 2.2 - v njm 7824sdl1 output volt age v o v in = 33v, i o =0.5a 23.28 24.0 24.72 v line r egulation v o - v in v in = 27v to 38v , i o =0.5a - 18 480 mv load r egulation v o - i o v in = 33v, i o =0. 005 a to 1.5a - 65 480 mv quiesc ent cu rrent i q v in = 33v, i o =0 ma - 4.6 6.0 ma aver age temperature c oefficien t of output volt age v o / t v in = 33v, i o =5 ma - - 2.4 - mv/ o c ri pple rejection rr v in = 33v, i o =0.5a, e in =2v p - p , f= 120hz 56 66 - db output noise volt age v no v in = 33v, bw=10hz to100khz, i o =0.5a - 120 - vrms dr opou t volt age v io i o =1.5a - 2.2 - v
njm7 800s - 4 - ver. 2016 - 01 - 08 t est circuit 1. output volt age , line r egulation , load regulation, 2 . ri pple rejection quiesc ent cu rren t, avera ge, outpu t noise volt age, tem perature coefficien t of out put voltage, p eak output/short circuit cu rrent ? m easurement is to be conducted in pulse testing rr = 20 log ? ? ? ?? ? ? ? ? ? i q =i in - i o 0? i npu t c apacitor c in i nput capacitor c in is required to prev ent o sc illation and reduce power supply ripple for app licati ons when high power s upply impedance or a long power supply li ne. t herefore, use the reco mm ended c in value (refer to conditions of electric characteristic) or larger and s hould connec t betw een gnd and v in as shor test path as po ssible to avoid the pr oblem. 0? output c apacitor c o output c apacitor ( c o ) w ill be r equired for a phase compensation of the inter nal error amp lifier. the c apacitance and the equivalent series resistance ( esr) infl uence to st able operation of the regulator. use of a smaller c o may cause excess output noise or oscillation of the r egulator due to lack of the phase com pensation. on the ot her hand, use of a larger c o reduces output noise and ripple output, and also improves output transient res ponse when rapid load change. t herefore, use the recomme nded c o value (refer to c onditions of electric characteristic) or lar ger and s hould connec t betw een gnd and v out as s hortes t path as po ssible for st able operation. in addition, you should consi der varied characteristics of capacitor (a frequency characteristic, a temperature characteristic, a dc bias c haracteristic and so on) and unevenness pecu liar to a c apacitor supp lier enough. wh en selecting c o , reco mm end that have withstand voltage margin against output voltage and superior temperature characteristic t hough this product is designed stab ility works with wide range esr of c apacitor including low esr pr oducts. njm7800s 0.1 f 1 2 3 v no i o bpf v.v a v a 0.33 f i in v o v in e in =1v p - p f= 120hz njm7800s 0.1 f 1 2 3 crt i o 0.33 f v in ? ? 30cm ? e o
njm7 800s - 5 - ver. 2016 - 01 - 08 thermal characteristics parameter symbol value unit j unction - to - ambient t hermal resistance ja 105(*1) 40(*2) ? c/w j unction - to - top of package c haracterization parameter jt 17 (*1) 12 (*2) ? c/w (*1) m ounted on gla ss epoxy board . (76.2 ? 114.3 ? 1.6 mm:eia/jdec st andard size, 2layers, copper area 100mm 2 ) (*2) m ounted on gla ss epoxy board . (76.2 ? 114.3 ? 1.6 mm:eia/jdec st andard size, 4 layers ) ( 4layers inner fo il : 74.2 ? 74.2mm applying a thermal via hole to a board based on jedec standard j esd51 - 5) power di ssi pation vs. ambient tem perat ure (*1) m ounted on gla ss epoxy board . (76.2 ? 114.3 ? 1.6 mm:eia/jdec st andard size, 2layers, copper area 100mm 2 ) (*2) m ounted on gla ss epoxy board . (76.2 ? 114.3 ? 1.6 mm:eia/jdec st andard size, 4 layers ) ( 4layers inner fo il : 74.2 ? 74.2mm applying a thermal via hole to a board based on jedec standard j esd51 - 5) 0 500 1000 1500 2000 2500 3000 3500 -50 -25 0 25 50 75 100 125 150 p o w e r d i ss i p a t i o n : p d [ m w ] temperature : ta [oc] njm 7800sdl1 (to - 252 - 3) power di ssipation (topr= - 40oc to +125oc , tj= 150oc) on 4 layers board on 2 layers board
njm7 800s - 6 - ver. 2016 - 01 - 08 typical characteristics ( 5 v) 4.0 4.5 5.0 5.5 6.0 5 6 7 8 9 10 njm 7805sdl1 outputvoltage vs. input voltage in put voltage : v in [v] o u t p u t v o l t a g e : v o [ v ] c in =0.33 f c o =0.1 f t j = 25oc i o =0a i o =1.0a i o =0.5a i o =1.5a 0 1 2 3 4 5 6 -50 -25 0 25 50 75 100 125 150 175 200 o u t p u t v o l t a g e : v o [ v ] temperature : [oc] njm 7805sdl1 output voltage vs. temperature v in =10v i o = 500ma c in =0.33 f c o =0.1 f 0 1 2 3 4 5 6 0 1000 2000 3000 o u t p u t v o l t a g e : v o [ v ] out put cu rrent : i o [ma] njm 7805sdl1 output voltage vs. output cu rrent c in =0.33 f c o =0.1 f t j =25oc v in = 10v v in = 19v v in = 32v 0 1 2 3 4 5 6 0 5 10 15 20 25 30 35 q u i esce n t c u rr e n t : i q [ m a ] input voltage : v in [v] njm 7805sdl1 qui escent cu rrent vs. input voltage c in =0.33 f c o =0.1f t j = 25oc 0 1 2 3 4 5 6 -50 -25 0 25 50 75 100 125 150 q u i e sce n t c u rr e n t : i q [ m a ] temperature : [oc] njm 7805sdl1 qui escent cu rrent vs. temperature v in = 10v i o =0ma c in =0.33 f c o =0.1 f 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 1000 e q u i v a l e n t s e r i e s r es i s t a n c e : e s r [ ] output cu rrent : i o [ma] njm 7805sdl1 equivalent seri es resistance vs. output cu rrent v in = 10v c in =0.33 f(cera mi c) c o =0. 1 f(cera mi c) t j =25 oc stable re gion
njm7 800s - 7 - ver. 2016 - 01 - 08 typical characteristics ( 5 v) 0 20 40 60 80 100 120 0.001 0.01 0.1 1 10 100 1000 r i p p l e r e j e c t i o n r a t i o : rr [ d b ] out put cu rrent : i o [ma] njm 7805sdl1 ripple rej ection ratio vs. output cu rrent v in = 10v ein=2v p - p f= 120hz c in =0.33 f c o =0. ? f t j =25 oc 0 20 40 60 80 100 120 10 100 1k 10k 100k r i p p l e r e j e c t i o n r a t i o : rr [ d b ] frequency : f [hz] njm7 805s dl1 ripple rej ection ratio vs. frequency v in = 10v ein= 2 v p - p c in =0.33 f c o =0. ? f t j = 25oc i o =0 ma i o = 50 0 ma i o = 30 0 ma i o = 10 0 ma 0 50 100 150 200 0.001 0.01 0.1 1 10 100 1000 o u t p u t n o i se v o l t a g e : v n o [ v r m s ] output cu rrent : i o [ma] njm78 05sdl1 output noi se voltage vs. out put cu rrent v in = 10v c in =0.33 f c o =0. ? f t j = 25oc 0 500 1000 1500 2000 2500 0 5 10 15 20 25 30 35 40 o u t p u t c u rr e n t : i o [ m a ] dropout voltage : ? v io [ v] njm 7805s dl1 short circuit out put cu rrent c in =0.33 f c o =0.1 f tj=25 oc 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 500 1000 1500 d r o p p o u t v o l t a g e : ? v i o [ v ] out put cu rrent : i o [ma] njm 7805s dl1 dropout voltage vs. output cu rrent c in =0.33 f c o =0.1 f t j =25 oc
njm7 800s - 8 - ver. 2016 - 01 - 08 typical characteristics ( 24 v) 23 23.2 23.4 23.6 23.8 24 24.2 24.4 24.6 24.8 25 24 25 26 27 28 29 30 njm 7824sdl1 outputvoltage vs. i nput voltage input voltage : v in [v] o u t p u t v o l t a g e : v o [ v ] i o =0a i o =1.0a i o =0.5a i o =1.5a 0.0 5.0 10.0 15.0 20.0 25.0 30.0 -50 -25 0 25 50 75 100 125 150 175 200 o u t p u t v o l t a g e : v o [ v ] temperature : [oc] njm 7824sdl1 output voltage vs. temperature v in =33v i o = 500ma c in =0.33 f c o =0.1 f 0 5 10 15 20 25 30 0 1000 2000 3000 o u t p u t v o l t a g e : v o [ v ] output cu rrent : i o [ma] njm 7824sdl1 output voltage vs. output cu rrent v in = 27v v in = 33v c in =0.33 f c o =0.1 f t j =25 oc 0 1 2 3 4 5 6 0 10 20 30 40 q u i esce n t c u rr e n t : i q [ m a ] in put voltage : v in [v] njm 7824s dl1 qui escent current vs. i nput voltage c in =0.33 f c o =0.1f t j = 25oc 0 1 2 3 4 5 6 -50 -25 0 25 50 75 100 125 150 q u i esce n t c u rr e n t : i q [ m a ] temperature : [oc] njm 7824sdl1 qui escent cu rrent vs. temperature v in = 33v i o =0ma c in =0.33 f c o =0.1 f 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 1000 e q u i v a l e n t s e r i es r es i s t a n ce : e s r [ ] output cu rrent : io [ma] njm 7824sdl1 equivalent seri es resistance vs. output cu rrent stable re gion v in = 33 v c in =0.33 f(cera mi c) c o =0. 1 f(cera mi c) t j =25 oc
njm7 800s - 9 - ver. 2016 - 01 - 08 typical characteristics ( 24 v) 0 20 40 60 80 100 0.001 0.01 0.1 1 10 100 1000 r i p p l e r e j ec t i o n r a t i o : rr [ d b ] output cu rrent : io [ma] njm 7824 sdl1 ripple rej ecti on ratio vs. output cu rrent v in = 33 v ein= 2 v p - p f= 120hz c in =0.33 f c o =0. ? f t j = 25oc 0 20 40 60 80 100 120 10 100 1k 10k 100k r i p p l e r e j ec t i o n r a t i o : rr [ d b ] frequency : f [hz] njm 7824s dl1 ripple rej ecti on ratio vs. frequency v in = 33 v ein= 2 v p - p c in =0.33 f c o =0. ? f t j = 25oc i o =0 ma i o = 10 0 ma i o = 300ma i o = 500ma 0 50 100 150 200 0.001 0.01 0.1 1 10 100 1000 o u t p u t n o i se v o l t a g e : v n o [ v r m s ] output cu rrent : io [ma] njm78 24sdl1 output noi se voltage vs. output current v in = 33 v c in =0.33 f c o =0. ? f t j = 25oc 0 500 1000 1500 2000 2500 0 10 20 30 40 o u t pu t c u rr e n t : i o [ m a ] dr opout voltage : ? v io [ v] njm 7824s dl1 s hort circuit output cu rrent c in =0.33 f c o =0.1 f tj=25 oc 0 0.5 1 1.5 2 2.5 3 0 500 1000 1500 d r o p o u t v o l t a g e : ? v i o [ v ] output cu rrent : i o [ma] njm 7824s dl1 dropout voltage vs. out put cu rrent c in =0.33 f c o =0.1 f t j =25 oc
njm7 800s - 10 - ver. 2016 - 01 - 08 memo [caution] the specificati ons on this dat abook are only given for informati on , wit hout any guarantee as r egards either mistakes or omissions . the applicati on circuits in this databook are de scri bed only to show r epresentative usages of the pr oduc t and not intended for the guar antee or permission of any right including the i ndustrial rights.


▲Up To Search▲   

 
Price & Availability of NJM7812S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X