Part Number Hot Search : 
LB381 TDA9332 TCD1252 C2000 TDA9332 SC320 2SD1499 PL16Z
Product Description
Full Text Search
 

To Download GPA1601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features low forward voltage drop glass passivated chip junction high current capability case: heatsink to-220ac high surge current capability weight: 2.1 gram approxiamtely polarity: as marked on diode body method 208 mounting position: any terminals: solderable per mil-std-202 mechanical data low reverse leakage current epoxy: ul 94v-0 rate flame retardant ? GPA1601 thru gpa1607 pb free plating product GPA1601 thru gpa1607 application pv diode for solar junction box solar power supply and pv system by-pass diode application pb 16.0 ampere general purpose rectifier diodes for photovoltaic to-220ac unit : inch (mm) ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 1/2 rev.04/2014 positive negative suffix "r" .196(5.00) .054(1.39) .038(0.96) .419(10.66) .139(3.55) min .624(15.87) .269(6.85) .548(13.93) .50(12.7)min .177(4.5)max .226(5.75) .163(4.16) .045(1.15) .019(0.50) .025(0.65)max .1(2.54) .1(2.54) .387(9.85) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol gpa 1601 gpa 1602 gpa 1603 gpa 1604 gpa 1605 gpa 1606 gpa 1607 units vrrm 50 100 200 400 600 800 1000 v vrms 35 70 140 280 420 560 700 v vdc 50 100 200 400 600 800 1000 v i(av) a ifsm a vf v ir ua cj pf r jc tj tstg note 1. measured at 1 mhz and applied reverse voltage of 4.0 v d.c. 2. mount on p.c. board with 2"x3" x0.25" al-plate maximum rms voltage maximum dc blocking voltage maximum average forward rectified @tc = 100 maximum instantaneous forward voltage @ 16.0a maximum dc reverse current @ t a =25 at rated dc blocking voltage @ ta=125 type number maximum recurrent peak reverse voltage peak forward surge current, 8.3 ms single half sine - wave superimposed on rated load (jedec method ) typical junction capacitance (note 1) typical thermal resistance (note 2) operating temperature range 1.1 100 storage temperature range 16.0 2 50 10 250 2.0 -65 to +150 -65 to +150 /w
? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 2/2 rev.04/2014 ? GPA1601 thru gpa1607 ratings and characteristics curves(GPA1601 thru gpa1607)


▲Up To Search▲   

 
Price & Availability of GPA1601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X