Part Number Hot Search : 
703W0004 ENA0563 T2500MFP TE4100 GJ88L02 SP207E 170CA 999403
Product Description
Full Text Search
 

To Download GBJL1501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  g b j l 15005 thru g b j l 1510 15 amp glass passivated bridge rectifier 50 to 1000 volts features maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -5 5 c to +150 c gbj l i deal f or p r i n t ed ci r cu i t boa r d low f o r w a r d v o l t age d r op, h i gh cu rr ent capa b ilit y .  
 omp onents 2 0736 marilla street chatsworth       
     ? mounting torque: 5in-lbs. mcc catalog number device marking maximum reccurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage gbj l 15005 gbj l 15005 50 v 35 v 50 v gbj l 1501 gbj l 1501 100v 70v 100v gbj l 1502 gbj l 1502 200v 140v 200v gbj l 1504 gbj l 1504 400v 280v 400v gbj l 1506 gbj l 1506 600v 420v 600v gbj l 1508 gbj l 1508 800v 560v 800v gbj l 1510 gbj l 1510 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forwardcurrent i f(av) 15 a tc = 100 c peak forward surgecurrent i fsm 240a 8.3ms, half sine maximuminstantaneous forward voltage v f 1.05v t j = 25 c maximum dcreverse current at rated dc blocking voltage i r 10 a 500ua t j = 25 c t j = 125 c typical junctioncapacitance c j 60 pf measured at 1.0mhz, v r =4.0v i fm = 7.5a i t rating for fusing 2 i t 2 240a s 2 (t<8.3ms) revision: b 20 1 3 /0 1 / 0 1 tm micro commercial components w w w. m c c se m i .c om 1 of 3 lead free finish/rohs compliant (note 1)("p" suffix designates rohs compliant. see ordering information) notes 1. high temperature solder exemption applied, see eu directive annex notes 7 3. device mounted on 300mm * 300mm *1.6mm cu plate heatsink case type epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 + ~ ~ - a f l m n c o o p b d j k e g r h dimensions inches mm dim min max min max note a 1. 067 1. 091 2 7.1 0 27.7 0 b . 551 . 575 1 4.0 0 14.6 0 c . 5 7 0 . 6 10 1 4.5 0 1 5.5 0 d .071 typ 1.80 typ e . 339 . 354 8.6 0 9.0 0 g .12 0 .13 4 3. 0 0 3.40 j . 098 .1 14 2.5 0 2.9 0 k . 012 . 028 0.3 0 0.7 0 n . 39 0 . 40 0 9.8 0 10.2 0 p . 079 . 094 2.0 0 2.4 0 h .1 1 0 .1 26 2.8 0 3. 2 0 f .0 71 . 087 1.8 0 2. 2 0 r .15 0 .1 57 3.6 0 4. 0 0 ~ ~ l . 098 .1 14 2.5 0 2.9 0 m . 035 .04 3 0.90 1.10 o .29 0 .30 0 7.3 0 7.70 m c c ? ul recognized file # e165989 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
rating and characteristic curves gb j l 1 5 0 0 5 t h r u g b j l 1 5 1 0 fig.1 - forward current derating curve average forward current amperes 40 60 80 100 9 0 20 3 15 140 case temperature , c 12 6 single phase half wave 60hz resistive or inductive load 120 without heatsink with heatsink fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 50 100 200 150 single half-sine-wave (jedec method) 250 300 instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 0 0.1 1.0 10 0.6 0.8 1.0 0.01 1.8 1.6 100 t j = 25 c pulse width 300us capacitance , (pf) reverse voltage , volts 10.0 100 10 1.0 1.0 100 4.0 fig.3 - typical junction capacitance t j = 25 c, f = 1mhz fig.5 - typical reverse characteristics instantaneous reverse current ,(ua) 20 40 0 1.0 10 100 60 80 100 0.1 1000 t j = 25 c t j = 125 c t j = 100 c t j = 50 c percent of rated peak reverse voltage, (%) m cc revision: b 201 3 /0 1 /0 1 tm micro commercial components w w w. m c c se m i .c om 2 of 3 downloaded from: http:///
m cc revision: b 201 3 /0 1 /0 1 tm micro commercial components w w w. m c c se m i .c om 3 of 3 *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- b p bulk : 2 . 2 k/ ct n o r de r i n g i n f or m a ti on : note : adding "-hf" suffix for halogen free, eg. part number-bp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of GBJL1501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X