Part Number Hot Search : 
3216S SD103B LT6200 ALVCH163 MCR8NG CY7C4285 R2040 SD103B
Product Description
Full Text Search
 

To Download EL100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  el100 / el110 series www.etherwan.com 1 rev. a1.2 overview the el100 / el110 series provide media conversion between 10/100base-t(x) and 100base-fx fiber. easy plug-and-play design facilitates network infrastructure construction. through dip switch selection, link-fault-pass-through (lfpt) function can be active or disabled. the el100 / el110 series is designed for sc or st fiber connection applications. the commercial grade media converter supports etherwan emc1600 chassis system for easy group installation. the el100 / el110 is the ideal media converter for enterprise environments. etherwan C when connectivity is crucial. spotlight ? sc a nd s t m edia c onverter ? supports multi-mode and single mode fiber line with sc and st fiber port ? dip s witch c onfigurable ? link-fault-pass-through enable or disable ? full-duplex or half -duplex of ethernet port enable or disable ? full-duplex or half -duplex of fiber port enable or disable ? link-fault-pass-through ( lfpt) ? lfpt function let network operators be aware of network connection status ? when fiber link is do wn, lfpt function will turn down ethernet port to inform connected device that the link is down and vice versa el100 / el110 series 10/100base-tx to 100base-fx media converter
el100 / el110 series www.etherwan.com 2 rev. a1.2 interface ethernet port ? 10/100base-tx: 1 port ? 100base-fx: 1 port led indicators ? per unit: power status (power) ? per port: 10/100tx: link/activity, full-duplex/collision, speed ? per port 100fx: link/activity, full-duplex/collision environment operating temperature ? 0c to 45c (32f to 113f) storage temperature ? -10c to 70c (14f to 158f) ambient relative humidity ? 5% to 95% (non-condensing) regulatory approvals iso ? manufactured in an iso9001 facility safety ul60950-1 emission compliance ce mark class a fcc p art 15b class a v cci class a hardware specifications technology standards ? ieee802.3 10base-t ? ieee802.3u 100base-tx/fx ? ieee802.3x full duplex and flow control forward and filtering rate ? 14,880pps for 10mbps ? 148,810pps for 100mbps packet buffer memory ? 128k bits processing type ? store-and-forward ? half-duplex back-pressure and ieee802.3x full-duplex flow control power input voltage ? input: 12vdc power consumption ? 1.92w max . 0.16a @ 12vdc mechanical casing ? aluminum case dimensions ? 80.3mm (w) x 109.2mm (d) x 23.8mm (h) (3.16" (w) x 4.30" (d) x 0.94" (h)) weight ? 150g (0.33lb.) installation ? wall mounting or use with emc1600 media converter chassis system dimensions front (el100) back (el100) back (el110) front (el110) top side 109.2mm (4.3?) 100base-bx 80.3mm (3.16?) 23.8mm (0.94?) 100base-fx dc12v dc12v
el100 / el110 series www.etherwan.com 3 rev. a1.2 application diagram hardened media converter el100 commercial media converter control room rj45 rj45 fiber uplink ex42300 series ordering information el100 series EL100C 10/100base -tx to 100base-fx multi mode (sc) 2km media converter (1310nm) el100t 10/100base -tx to 100base-fx multi mode (st) 2km media converter (1310nm) EL100C-20 10/100base -tx to 100base-fx single mode (sc) -20km media converter (1310nm) el100t-20 10/100base -tx to 100base-fx single mode (st) -20km media converter (1310nm) el100l-20 10/100base -tx to 100base-fx single mode (sff dual lc) -20km media converter (1310nm) EL100C-40 10/100base -tx to 100base-fx single mode (sc) -40km media converter (1310nm) el110 series el110c 100base -tx to 100base-fx multi mode (sc) media converter el110t 100base -tx to 100base-fx multi mode (st) media converter el110c-20 100base -tx to 100base-fx single mode (sc) -20km media converter (1310nm) el110t-20 100base -tx to 100base-fx single mode (st) -20km media converter (1310nm) el110c-40 100base -tx to 100base-fx single mode (sc) -40km media converter (1310nm) notes : *emc1600, proprietary 19" chassis system, can house up to 16 x el100/el110 series converters *emc1600 chassis system is available separately *more 100fx fiber options are also available upon request


▲Up To Search▲   

 
Price & Availability of EL100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X