Part Number Hot Search : 
5N06D 1215S 43000 LTC1562I BP210 5251B VN1206 D75206G
Product Description
Full Text Search
 

To Download DSC1103CE5-1562500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1103 | dsc1123 page 1 mk -q-b-p-d- 1104 10 - 03 -6 low-jitter precision lvds oscillator dsc1103 dsc11 23 general description the dsc 11 03 & dsc1123 series of high performance oscillators utilizes a proven silicon mems technology to provide excellent jitter and stability over a wide range of supply voltages and temperatures. by eliminating the need for quartz or saw technology, mems oscillators significantly enhance reliability and accelerate product development , while meeting stringent cloc k performance criteria for a variety of communications, storage, and networking applications. dsc1103 has a standby feature allowing it to completely power-down when en pin is pulled low; whereas for dsc1123, only the outputs are disabled when en is low. both oscillators are available in industry standard packages, including the small 3.2x2.5 mm 2 , and are drop - in r eplacements for standard 6-pin lv ds quartz crystal oscillators. block diagram output enable modes en pin dsc1103 dsc1123 high outputs active outputs active nc outputs active outputs active low standby outputs disabled features ? low rms phase jitter: <1 ps (typ) ? high stability: 10 , 25, 50 ppm ? wide temperature range o industrial: -40 to 85 c o ext. commercial: -20 to 70 c ? high supply noise rejection: -50 dbc ? short lead time: 2 weeks ? wide freq. range: 2.3 to 4 60 mhz ? small industry standard footprints o 2.5x2.0, 3.2x2.5, 5.0x3.2, & 7.0x5.0 mm ? excellent shock & vibration immunity o qualified to mil-std- 883 ? high reliability o 20x better mtf than quartz oscillators ? low current consumption ? supply range of 2.25 to 3.6 v ? standby & output enable function ? lead free & rohs compliant ? lvpecl & hcsl versions available applications ? storage area networks o sata, sas, fibre channel ? passive optical networks o epon, 10g-epon, gpon, 10g- pon ? ethernet o 1g, 10gbase-t/kr/lr/sr, and fcoe ? hd/sd/sdi video & surveillance ? pc i express: gen 1 & gen 2 ? displayport downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1103 | dsc1123 page 2 mk -q-b-p-d- 1104 10 - 03 -6 dsc1103 low -jitter precision lvds oscillator dsc1123 absolute maximum ratings item min max unit condition supply voltage -0.3 +4.0 v input voltage -0.3 v dd +0.3 v junction temp - +150 c storage temp - 55 +150 c soldering temp - +260 c 40 sec max. esd hbm mm cdm - 4000 400 1500 v ordering code note: 1000+ years of data retention on internal mem ory specifications notes: 1. pin 6 v dd should be filtered with 0.1uf capacitor. 2. t su is time to 100ppm of output frequency after v dd is applied and outputs are enabled. 3. output waveform and test circuit figures below define the parameters. 4. output is enabled if pad is floated or not connected. parameter condition min. typ. max. unit supply voltage 1 v dd 2.25 3.6 v supply current i dd en pin low C outputs are disabled dsc1103 dsc1123 20 0.095 22 ma frequency stability f includes frequency variations due to initial tolerance, temp. and power supply voltage 10 25 50 ppm aging f 1 year @ 25c 5 ppm startup time 2 t su t= 25c 5 ms input logic levels input logic high input logic low v ih v il 0.75xv dd - - 0.25xv dd v output disable time 3 t da 5 ns output enable time t en dsc1103 dsc1123 5 20 ms ns enable pull-up resistor 4 pull-up resistor exist 40 k lv ds outputs supply current i dd output enabled, r l = 10 0 29 32 ma output offset voltage v os r=100 differential 1.125 1.4 v delta offset voltage ?v os 50 mv pk to pk output swing v pp single-ended 350 mv output transition time 3 rise time fall time t r t f 20% to 80% r l = 50 , c l = 2pf 200 ps frequency f 0 single frequency 2.3 4 60 mhz output duty cycle sym differential 48 52 % period jitter j per 2.5 ps rms integrated phase noise j ph 200khz to 20mhz @156.25mhz 100khz to 20mhz @156.25mhz 12khz to 20mhz @156.25mhz 0.28 0.4 1.7 2 ps rms dsc11 125.0000 freq (mhz) 125.0000 0 enable modes 0: enable/standby 2: enable/disable - packing t: tape & reel : tube 3 c i 5 package a: 7.0x5.0mm b: 5.0x3.2mm c: 3.2x2.5mm d: 2.5x2.0 mm n: 7.0x5.0mm (no center pad) temp range e: -20 to 70 i: -40 to 85 l: -40 to 105 stability 1: 50ppm 2: 25ppm 5: 10ppm t downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1103 | dsc1123 page 3 mk -q-b-p-d- 1104 10 - 03 -6 dsc1103 low -jitter precision lvds oscillator dsc1123 nominal performance parameters (unless specified otherwise: t=25 c, v dd =3.3 v) power supply rejection ratio phase jitter (integrated phase noise) output waveform typical termination scheme - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 0.1 1 10 100 1000 10000 rejection (dbc) supply noise frequency (khz) 50 - mv 100 - mv 0.0 0.5 1.0 1.5 2.0 2.5 0 200 400 600 800 1000 phase jitter (ps rms) low -end of integration bw: x khz to 20 mhz 156mhz-lvds 212mhz-lvds 320mhz-lvds 410mhz-lvds v il 1/ f o output enable t da t en t f t r v ih 80 % 20% 50% output 830 mv v dd 0.1uf 100 ? 100 ? 2 3 4 5 6 350 mv downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1103 | dsc1123 page 4 mk -q-b-p-d- 1104 10 - 03 -6 dsc1103 low -jitter precision lvds oscillator dsc1123 test circuit solder reflow profile msl 1 @ 260 c refer to jstd-020c ramp-up rate (200 c to peak temp) 3 c/sec max. preheat time 150 c to 200 c 60 -180 sec time maintained above 217 c 60 -150 sec peak temperature 255-260 c time within 5 c of actual peak 20 -40 sec ramp-down rate 6 c/sec max. time 25 c to peak temperature 8 min max. 60 -150 sec 20 - 40 sec 60 -180 sec 8 min max pre heat reflow cool time temperature ( c) 3c/sec max. 6c/sec max. 200 c 217 c 150 c 25 c 260 c 3c/sec max. 60 -150 sec 20 - 40 sec 60 -180 sec 8 min max pre heat reflow cool time temperature ( c) 3c/sec max. 6c/sec max. 200 c 217 c 150 c 25 c 260 c 60 -150 sec 20 - 40 sec 60 -180 sec 8 min max pre heat reflow cool time temperature ( c) 3c/sec max. 6c/sec max. 200 c 217 c 150 c 25 c 260 c 3c/sec max. downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1103 | dsc1123 page 5 mk -q-b-p-d- 1104 10 - 03 -6 dsc1103 low -jitter precision lvds oscillator dsc1123 package dimensions 7.0 x 5.0 mm plastic package 1 2 3 4 6 5 70.10 [0.2760.004] 50.10 [0.1970.004] 1 2 3 4 6 5 1.10.01[0.430.004] 3.7 [0.146] ref 0.850.05 1.4 [0.055] 2.6 [0.102] 1 2 3 4 5 2.54[0.100] via to power trace via to ground plane no. pin terminal 1 enable 2 n/c 3 ground 4 5 out- 6 vdd out 6 external dimensions units: mm [ inches] recommended solder pad layout units: mm [ inches] 2.54 [0.100] 1.40.10 [0.0550.004] 1.8 [0.071] 2.8 [0.110] 1.4 [0.055] pad tie to gnd 5.0 x 3.2 mm plastic package 1 2 3 4 6 5 50.05 [0.1970.002] 3.20.05 [0.1260.002] 1 2 3 4 6 5 1.27 [0.050] 0.70.1 [0.0790.002] 1.2 [0.047] ref 0.850.05 0.64 [0.025] 1.1 [ 0.043] 1.2 [0.047] ref 1 2 3 4 5 1.27[0.05] via to power trace via to ground plane no. pin terminal 1 enable 2 n/c 3 ground 4 5 out- 6 vdd out 6 external dimensions units: mm [ inches] recommended solder pad layout units: mm [ inches] 0.640.05 downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1103 | dsc1123 page 6 mk -q-b-p-d- 1104 10 - 03 -6 dsc1103 low -jitter precision lvds oscillator dsc1123 3.2 x 2.5 mm plastic package 1 2 3 4 6 5 3.20.05 [0.1260.002] 2.50.05 [0.0980.002] 1 2 3 4 6 5 0.50.05 [0.1980.002] 0.90.05 [0.0350.002] 1.05 [0.041] 0.70.1 [0.0790.002] 0.1[0.004] ref 0.9 [0.035] ref 0.850.05 0.5 [0.197] 0.9 [0.035] 1 [ 0.039] 0.9 [0.035] ref 1 2 3 4 5 0.375 via to power trace via to ground plane no. pin terminal 1 enable 2 n/c 3 ground 4 5 out- 6 vdd out 6 external dimensions units: mm [ inches] recommended solder pad layout units: mm [ inches] 2.5 x 2.0 mm plastic package 1 2 3 4 6 5 2.50.05 [0.0980.002] 2.00.05 [0.0790.002] 1 2 3 4 6 5 0.250.05 [0.0990.002] 0.650.05 [0.0260.002] 0.825 [0.032] 0.70.1 [0.0790.002] 0.7650.1 0.535 ref 0.6 ref 0.70.1 [0.0790.002] 0.850.05 0.250.05 [0.0990.002] 0.650.05 [0.0260.002] 0.85 0.7 ref 1 2 3 4 5 6 0.375 via to power trace via to ground plane no. pin terminal 1 enable 2 n/c 3 ground 4 5 out- 6 vdd out external dimensions units: mm [ inches] recommended solder pad layout units: mm [ inches] downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1103 | dsc1123 page 7 mk -q-b-p-d- 1104 10 - 03 -6 dsc1103 low -jitter precision lvds oscillator dsc1123 7.0 x 5.0 mm plastic package 1 2 3 4 6 5 70.10 [0.2760.004] 50.10 [0.1970.004] 1 2 3 4 6 5 1.10.01[0.430.004] 3.7 [0.146] ref 0.850.05 1.4 [0.055] 2.6 [0.102] 1 2 3 4 5 2.54[0.100] via to power trace via to ground plane no. pin terminal 1 enable 2 n/c 3 ground 4 5 out- 6 vdd out 6 external dimensions units: mm [ inches] recommended solder pad layout units: mm [ inches] 2.54 [0.100] 1.40.10 [0.0550.004] 1.4 [0.055] disclaimer: micrel makes no representations or warranties with respect to the accur acy or completeness of the information furnished in this data sheet. this in formation is not intended as a warranty and micrel does not assume responsibility for its use. micrel re serves the right to change circuitry, specifications and descriptions at any time without notice. no license, whether express, implied, arising by estoppel or otherwise, to any intellectu al property rights is granted by this document. except as provided in micrel s terms and conditions of sale for such products, micrel assumes no liability whatsoever, and micrel d isclaims any express or implied warranty relating to the sale and/or use o f micrel products including liability or warranties relating to fitness for a particular purpose, mer chantability, or infringement of any patent, copyright or other intelle ctual property right. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems th at (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably ex pected to result in a significant injury to the user. a purchasers use or s ale of micrel products for use in life support ap pliances, devices or systems is a purchasers own risk and purchaser agrees to fully indemn ify micrel for any damages resulting fro m such use or sale. micrel, inc. 2180 fortune drive, san jose, california 95131 usa phone: +1 (408) 944-0800 fax: +1 (408) 474 -1000 email: hbwhelp@micrel.com www.micrel.com downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DSC1103CE5-1562500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X