Part Number Hot Search : 
P6KE16A XR16M581 2SK48 VHCT541 MMSZ5 XB0484A C33269 SMA282A
Product Description
Full Text Search
 

To Download DS160-40THD02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electronics technology co., l td wbfbp-02l plastic-encap sulate diodes DS160-40THD02 sch o ttky barrier diode features z low forward voltage d rop z small power mold type z low i r z small current recti f ication applica tions z low voltage rectification z high efficiency dc-to-dc conversion z switch mode power supply z led backlight for mobile application z low power consumpt ion applications z ultra high-sp eed switching z reverse polarity protection marking: maximum ratings ( t a =25 unless other w is e noted ) symbol parameter v alue unit v rrm peak repetitive revers e v oltage v rwm working p eak reverse voltage 40 v v r(rms) rms reverse vo lt age 28 v i o avera ge rectifi ed output current 1 a i fsm non-repetitive peak f o rward surge current @ t =8.3ms 5 a p d powe r diss ipation 150 mw r ja thermal resistance from jun c tion to ambient 667 /w t j junction te mperature 1 25 t stg storage t e mperature -55~+150 electrical chara cteristics(t a =25 unles s other w ise specified) parameter sy mbol test conditions min typ max unit reve rs e voltage v (br) i r =10 a 40 v reve rs e current i r v r =40v 50 a forwa rd voltage v f i f =0.7a 0.55 v v r =1v; f=1mhz; tj=25c 50 pf diode cap acitance c d v r =10v; f= 1mhz; tj=25c 20 pf reve rs e recovery time t rr i f =i r =10ma; r l =100 ; i r(meas) =1ma 15 ns wbfbp-02l (1.60.8 0.5) unit:mm ad 1 f , nov ,2015 www.cj-elec.com
0 200 400 600 800 1000 0.01 0.1 1 01 02 03 04 0 0.1 1 10 100 1000 01 02 03 0 4 0 0 20 40 60 80 100 rev e rse characteristics forward characteristics t a = 7 5 t a = 1 2 5 t a = 2 5 forward current i f (a) forw ard vo ltage v f (mv) 2 ta=125 ta=75 ta=25 reverse current i r (ua) reverse voltag e v r (v) ta=25 f=1mhz cap aci tance characteristics reverse voltage v r (v) capacitance betw een t erminals c t (pf) www.cj-elec.com 2 f,nov,2015 typical characteristics 0 25 50 75 100 125 0 50 100 150 200 power d e rating curve po wer dissipatio n p d (mw) am bient tem perat ure t a ( )
wbfbp-02l(1.6x0.8x0.5)     wbfbp-02l(1.6x0.8x0.5)    www.cj-elec.com 3 f,nov,2015
wbfb-02l(1.6x0.8x0.5) tape and reel www.cj-elec.com 4 f , nov ,2015


▲Up To Search▲   

 
Price & Availability of DS160-40THD02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X