Part Number Hot Search : 
C51CC01U AS300DA KIA7727P PC1313HA DDZX9714 ICS8521 MOG2388C TA7280P
Product Description
Full Text Search
 

To Download DF02MA-E345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  df005ma, df01ma, df02ma, df04m a, df06ma, df08ma, df10ma www.vishay.com vishay general semiconductor revision: 16-aug-13 1 document number: 88572 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 miniature glass passivated si ngle-phase bridge rectifiers features ? ul recognition, file number e54214 ? ideal for printed circuit boards ? applicable for automative insertion ? high surge current capability ? solder dip 275 c max. 10 s, per jesd 22-b106 ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications general purpose use in ac/dc bridge full wave rectification for smps, lighting ballaster, adap ter, battery charger, home appliances, office equipment, and telecommunication applications. mechanical data case: dfm molding compound meets ul 94 v-0 flammabi lity rating ? base p/n-e3 - rohs-co mpliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 ? e3 suffix meets jesd 201 class 1a whisker test polarity: as marked on body primary characteristics package dfm i f(av) 1 a v rrm 50 v, 100 v, 200 v, 400 v, 600 v, 800 v, 1000 v i fsm 30 a i r 5 a v f at i f = 1.0 a 1.1 v t j max. 150 c diode variations quad ~ ~ case style dfm ~ ~ maximum ratings (t a = 25 c unless otherwise noted) parameter symbol df005ma df01ma df02ma df04ma df06ma df08ma df10ma unit device marking code dfa005 dfa01 dfa02 dfa04 dfa06 dfa08 dfa10 maximum repetitive pe ak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward output rectified current at t a = 40 c i f(av) 1.0 a peak forward surge current single sine-wave superimposed on rated load i fsm 30 a rating for fusing (t < 8.3 ms) i 2 t4.5a 2 s operating junction and storage temperature range t j , t stg - 55 to + 150 c electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol df005ma df 01ma df02ma df04ma df06ma df08ma df10ma unit maximum instantaneous forward voltage drop per diode 1.0 a v f 1.1 v maximum reverse current at rated dc blocking voltage per diode t a = 25 c i r 5.0 a t a = 125 c 500 typical junction capacitance per diode 4.0 v, 1 mhz c j 25 pf
df005ma, df01ma, df02ma, df04m a, df06ma, df08ma, df10ma www.vishay.com vishay general semiconductor revision: 16-aug-13 2 document number: 88572 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) thermal resistance from junction to ambient and from junction to lead mounted on pcb with 0.5" x 0.5" (13 mm x 13 mm) copper pa ds ? ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - derating curve output rectified current fig. 2 - maximum non-repetitive peak forward surge current per diode fig. 3 - typical forward characteristics per diode fig. 4 - typical reverse leakage c haracteristics per diode thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol df005ma df01ma df02ma df04ma df06ma df08ma df10ma unit typical thermal resistance (1) r ? ja 40 c/w r ? jl 15 ordering information (example) preferred p/n unit weight (g ) preferred package code ba se quantity delivery mode df06ma-e3/45 0.403 45 50 tube 20 40 60 8 0 100 120 140 150 0 0.5 1.0 60 hz resisti v e or ind u cti v e load p. c . b . m o u nted on 0.51 x 0.51" (13 x 13 mm) copper pads w ith 0.06" (1.5 mm) lead length am b ient temperat u re (c) a v erage for w ard o u tp u t c u rrent (a) 1 10 100 0 5 10 15 20 25 30 1.0 cycle t j = 150 c single sine-wa v e nu m b er of cycles at 60 hz a v erage for w ard o u tp u t c u rrent (a) 0.4 0.6 0. 8 1.0 1.2 1.4 0.01 0.1 1 10 instantaneo u s for w ard voltage (v) instantaneo u s for w ard c u rrent (a) t j = 25 c p u lse width = 300 s 1 % d u ty cycle 0 20 40 60 8 0 100 0.01 0.1 1 10 100 percent of rated peak re v erse voltage (%) instantaneo u s re v erse c u rrent (a) t j = 125 c t j = 50 c
df005ma, df01ma, df02ma, df04m a, df06ma, df08ma, df10ma www.vishay.com vishay general semiconductor revision: 16-aug-13 3 document number: 88572 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - typical junction capacitance per diode fig. 6 - typical transient thermal impedance per diode ? package outline dimensions in inches (millimeters) 1 10 100 1 10 100 re v erse voltage (v) j u nction capaci tance (pf) t j = 25 c f = 1.0 mhz v sig = 50 mvp-p 0.01 0.1 1 10 100 0.1 1 10 100 t - heating time (s) transient thermal impedance (c/w) case style dfm 0.255 (6.5) 0.245 (6.2) 0.315 ( 8 .00) 0.2 8 5 (7.24) 0.013 (0.33) 0.00 8 6 (0.22) 0.350 ( 8 .9) 0.300 (7.6) 0.075 (1.90) 0.055 (1.39) 0.205 (5.2) 0.195 (5.0) 0.0 8 0 (2.03) 0.050 (1.27) 0.1 8 5 (4.69) 0.150 (3. 8 1) 0.335 ( 8 .51) 0.320 ( 8 .12) 0.130 (3.30) 0.120 (3.05) 0.045 (1.14) 0.035 (0. 8 9) 0.023 (0.5 8 ) 0.01 8 (0.46)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: vishay: ? df005ma-e3/45


▲Up To Search▲   

 
Price & Availability of DF02MA-E345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X