Part Number Hot Search : 
359AT BAT854CW 9MS8G01 CY29352 HC406 EM55700 704123 TH7121
Product Description
Full Text Search
 

To Download CT3031SLTBG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ct micro ct micro rev 1 proprietary & confidential page 1 aug, 2013 c t303x, ct304x, ct306 x , ct308x 6 pin zero cross triac driver coupler package outline schematic note: diff erent bending options available. see package d imension . features ? high isolation 5000 vrms ? peak breakdown voltage ? 250v C ct3 03 x ? 400v C ct3 04 x ? 600v C ct3 06 x ? 800v C ct308x ? temperature range - 55 c to 10 0 c applications ? motor controls ? lamp ballasts ? static ac power switch ? solenoid/ valve control description the c t303x, ct304x, ct3 06 x and ct308x series consists of a zero cross photo triac optically coupled to a gallium arsenid e infrared - emitting diode in a 6 - lead dip package with bending options.
ct micro ct micro rev 1 proprietary & confidential page 2 aug, 2013 c t303x, ct304x, ct306 x , ct308x 6 pin zero cross triac driver coupler absolute maximum rating at 25 o c symbol parameters ratings units notes v iso isolation voltage 5000 v rms t opr operating temperature - 55 ~ +1 0 0 o c t stg storage temperature - 55 ~ +125 o c t sol soldering temperature 260 o c emitter i f forward current 60 ma i f(trans) peak transient current (1s p.w,300pps) 1 a v r reverse voltage 6 v p d power dissipation 100 mw detector p d power dissipation 300 mw v drm off - state output terminal voltage ct303x 250 v ct304x 400 v ct306x 600 v ct308x 800 v i tsm peak repetitive surge current 1 a
ct micro ct micro rev 1 proprietary & confidential page 3 aug, 2013 c t303x, ct304x, ct306 x , ct308x 6 pin zero cross triac driver coupler electrical characteristics t a = 25 c (unless otherwise specified) emitter characteristics symbol parameters test conditions min typ max units notes v f forward voltage i f =10ma 1.2 1.4 v i r reverse current v r = 6v - - 5 a c in input capacitance f= 1m hz - 45 - pf detector characteristics symbol parameters test conditions min typ max units notes i drm 1 peak blocking current ct303x, ct304x i f = 0ma, v drm = rated v drm - - 100 na ct306x, ct308x - - 500 i drm2 inhibit leakage current i f = rated i ft , v drm = rated v drm 500 a v tm peak on - state voltage i f = rated i ft , i tm = 100ma - - 3 v dv/dt critical rate of rise off - state voltage ct30 3x, ct304 x , ct306x v peak = rated v drm 1000 - - v/ s ct308 x v peak = 400v 600 - - transfer characteristics symbol parameters test conditions min typ max units notes i ft input trigger current ct3 031, ct3041, ct3061, ct3081 terminal voltage = 3v - - 15 v ct 3032, ct3042, ct3062, ct3082 - - 10 ct3033, ct3043, ct3063, ct3083 - - 5 i h holding current - 270 - a r io isolation resistance v io = 500v dc 1 x10 1 1 ? c io isolation capacitance f= 1mhz 0.25 pf
ct micro ct micro rev 1 proprietary & confidential page 4 aug, 2013 c t303x, ct304x, ct306 x , ct308x 6 pin zero cross triac driver coupler typical characteristic curves
ct micro ct micro rev 1 proprietary & confidential page 5 aug, 2013 c t303x, ct304x, ct306 x , ct308x 6 pin zero cross triac driver coupler
ct micro ct micro rev 1 proprietary & confidential page 6 aug, 2013 c t303x, ct304x, ct306 x , ct308x 6 pin zero cross triac driver coupler p ackage dimension dimensions in mm unless otherwise stated standard dip C through hole wide lead forming C through hole
ct micro ct micro rev 1 proprietary & confidential page 7 aug, 2013 c t303x, ct304x, ct306 x , ct308x 6 pin zero cross triac driver coupler surface mount forming surface mount forming (low profile)
ct micro ct micro rev 1 proprietary & confidential page 8 aug, 2013 c t303x, ct304x, ct306 x , ct308x 6 pin zero cross triac driver coupler recommended solder mask dimensions in mm unless otherwise stated marking information note: ct : logo 3 031 : part number y : fiscal year ww : work week d : manufacturing code ct 30 31 ywwd
ct micro ct micro rev 1 proprietary & confidential page 9 aug, 2013 c t303x, ct304x, ct306 x , ct308x 6 pin zero cross triac driver coupler ordering information ct303x ( y ) ( z) - g , ct304 x ( y ) (z) - g , ct 306 x ( y ) (z) - g , ct308x ( y ) (z) - g x = ( 1,2,3) y = lead form option (s, s l , m or none) z = tape and reel option (ta, tb or none) g = material option (g: green, none: non - green) option description quantity none standard 6 pin dip 50 units/tube m wide lead forming 50 units/tube s(ta) surface mount lead forming C with option a taping 1000 units/reel s(tb) surface mount lead forming C with option b taping 1000 units/reel s l (ta) surface mount lead forming(low profile) C with option a taping 1000 units/reel s l (tb) surface mount lead forming(low profile) C with option b taping 1000 units/reel
ct micro ct micro rev 1 proprietary & confidential page 10 aug, 2013 c t303x, ct304x, ct306 x , ct308x 6 pin zero cross triac driver coupler r eflow profile profile feature pb - free assembly profile temperature min. (tsmin) 150c temperature max. (tsmax) 200c time (ts) from (tsmin to tsmax) 60 - 120 seconds ramp - up rate (t l to t p ) 3c/second max. liquidous temperature (t l ) 217c time (t l ) maintained above (t l ) 60 C 150 seconds peak body package temperature 260c +0c / - 5c time (t p ) within 5c of 260c 30 seconds ramp - down rate (t p to t l ) 6c/second max time 25c to peak temperature 8 minutes max.
ct micro ct micro rev 1 proprietary & confidential page 11 aug, 2013 c t303x, ct304x, ct306 x , ct308x 6 pin zero cross triac driver coupler disclaimer ct micro reserves the right to make changes without further notice to any products herein to improve reliability, function or design. ct micro does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. ______________________________________ ________________________________________________ discoloration might occur on the package surface after soldering, reflow or long term use. this does not impact the product performance nor the product reliability. ct micro are not authorized for use as c ritical components in life support devices or systems without express written approval of ct micro international corporation. 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failur e to perform when properly used in accordance with instruction for use provided in the labelling , can be reasonably expected to result in significant injury to the use r. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of CT3031SLTBG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X