Part Number Hot Search : 
MS274 TSTA7300 1755I SMC24 O2375A 226X0025 TSTA7300 LM317LS
Product Description
Full Text Search
 

To Download CDBB2100LR-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s reverse v oltage: 40 to 200 v olts forward current: 2.0 amp rohs device page 1 rev :b cdbb240lr-hf thru. cdbb2200lr-hf qw -jl027 comchip t echnology co., l td. features -ultra high-speed switching. mechanical data -case: molded plastic, do-214aa / smb -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -w eight: 0.091 grams -low profile surface mount applications in order to optimize board space. -low power loss, high ef ficiency . -high current capability , low forward voltage drop. -high surge capability . -guard ring for overvoltage protection. -epoxy: ul94-v0 rate flame retardant. -silicon epitaxial planar chip,metal silicon junction. max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage units symbol parameter v rrm v dc v rms v v v max. instantaneous forward voltage @ 2.0a, t a =25c v f v cdbb 240 lr-hf 40 40 28 0.45 cdbb 260 lr-hf 60 60 42 0.55 cdbb 2100 lr-hf 100 100 70 0.75 cdbb 2150 lr-hf 150 150 105 0.82 cdbb 2200 lr-hf 200 200 140 0.85 operating t emperature t j -50 to +150 -50 to +175 c forward surge current reverse current storage temperature a a ma parameter conditions on rate load (jedec method) 8.3ms single half sine-wave superimposed forward rectified current see fig.1 thermal resistance diode junction capacitance v r =v rrm t a =25c v r =v rrm t a =100c f=1mh z and applied 4v dc reverse v oltage junction to ambient symbol i o i fsm i r r ja c j t stg i r min. typ . max. ma c/w pf c 2.0 70 0.5 20 50 30 -50 +175 units halogen free maximum ratings and electrical characteristics ratings at t a=25c unless otherwise noted. single phase, half wave, 60hz, resistive or inductive loaded. for capacitive load, derate current by 20% . d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a a ( s m b ) 0 . 1 2 6 ( 3 . 2 0 ) 0 . 0 7 8 ( 1 . 9 9 ) 0 . 0 8 7 ( 2 . 2 0 ) 0 . 0 7 1 ( 1 . 8 0 ) 0 . 1 5 7 ( 4 . 0 0 ) 0 . 1 3 0 ( 3 . 3 0 ) 0 . 1 9 1 ( 4 . 8 5 ) 0 . 1 5 7 ( 4 . 0 0 ) 0 . 0 1 2 ( 0 . 3 1 ) m a x . 0 . 2 2 0 ( 5 . 6 0 ) 0 . 1 9 7 ( 5 . 0 0 ) 0 . 0 6 3 ( 1 . 6 0 ) 0 . 0 2 8 ( 0 . 7 0 ) 0 . 0 0 8 ( 0 . 2 1 ) m a x . company reserves the right to improve product design , functions and reliability without notice.
ra ting and characteristic cur ves (cdbb240lr-hf thru. cdbb2200lr-hf) forward v oltage, (v) 0.1 0.01 0.1 1.0 10 100 0.9 reverse v oltage, (v) 0.01 0 200 700 1 10 100 ambient t emperature, (c) 0 1.2 1.6 1.1 1.5 0 100 175 0.4 2.4 0.5 1.3 0.8 number of cycles at 60hz 0 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 60 100 1 10 100 20 80 40 t j =25c 8.3ms single half sine wave, jedec method 25 50 75 150 125 2.0 0.1 100 400 300 600 500 a v e r a g e f o r w a r d c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) p u l s e w i d t h 3 0 0 u s 1 % d u t y c y c l e 0.7 0.3 j u n c t i o n c a p a c i t a n c e , ( p f ) fig.4 t ypical junction capacitance - fig.3 maximum non-repetitive - forward surge current fig.2 t ypical forward characteristics - fig.1 - t ypical forward current 3 3.0 percent of rated peak reverse v oltage, (%) fig.5 t ypical reverse characteristics - r e v e r s e l e a k a g e c u r r e n t , ( m a ) 140 80 60 120 0 0.1 10 100 20 0.01 40 100 l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 2 rev :b comchip t echnology co., l td. derating curve t j = 2 5 c 1.0 c d b b 2 1 5 0 l r - h f ~ c d b b 2 2 0 0 l r - h f c d b b 2 4 0 l r - h f ~ c d b b 2 1 0 0 l r - h f c d b b 2 1 0 0 l r - h f ~ c d b b 2 2 0 0 l r - h f c d b b 2 4 0 l r - h f c d b b 2 6 0 l r - h f t j =1 25 c t j =2 5 c qw -jl027 company reserves the right to improve product design , functions and reliability without notice.
l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 3 rev :b comchip t echnology co., l td. qw -jl027 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start direction of feed reel t aping specification b c d d d 2 d 1 s y m b o l ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 8 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 0 . 0 m i n . 1 3 . 5 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 0 . 3 0 1 8 . 4 0 1 . 0 0 3 3 0 2 . 0 0 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 0 . 0 7 9 0 . 5 3 1 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 5 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 7 2 4 0 . 0 4 0 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 5 . 5 0 0 . 1 0 0 . 2 1 7 0 . 0 0 4 4 . 0 0 0 . 1 0 0 . 1 5 7 0 . 0 0 4 5 . 9 0 0 . 1 0 0 . 2 3 2 0 . 0 0 4 3 . 0 0 0 . 1 0 0 . 1 1 8 0 . 0 0 4 0 . 6 0 0 . 1 0 0 . 2 3 6 0 . 0 0 4 t 0 . 4 7 2 0 . 0 1 2 ( s m b ) d o - 2 1 4 a a ( s m b ) d o - 2 1 4 a a o 1 2 0 d 1 d 2 d w 1 t c i n d e x h o l e d e f b w p p 0 p 1 a a company reserves the right to improve product design , functions and reliability without notice.
part number marking code marking code cdbb240 - lr hf cdbb260 - lr hf cdbb2100 - lr hf cdbb2150 - lr hf cdbb2200 - lr hf kl 24 kl 26 kl 210 kl 215 kl 220 l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 4 rev :b comchip t echnology co., l td. x x x x x cathod band xxxxx = product type marking code qw -jl027 suggested p ad layout size (inch) 0.169 (mm) 4.30 2.50 2.30 0.098 0.091 6.80 0.268 e 1.80 0.071 a b c d d o - 2 1 4 a a ( s m b ) a b c e d standard packaging c a s e t y p e 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k d o - 2 1 4 a a ( s m b ) company reserves the right to improve product design , functions and reliability without notice.


▲Up To Search▲   

 
Price & Availability of CDBB2100LR-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X