Part Number Hot Search : 
BZX85C39 Y5DU56 R60R065 86M90C0B 35000 SRC1207M EGP10G C8051F
Product Description
Full Text Search
 

To Download C-402G-10-L14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  para light electronics co., ltd. 4f, no.1, lane 93, chien yi road, chung ho city, taipei, taiwan, tel: 886-2-2225-3733 fax: 886-2-2225-4800 e-mail: para@para.com.tw http://www.para.com.tw data sheet part no. : C-402G-10-L14 rev : a / 0 customer s approval : _______________ dcc : ____________ drawing no. : ds-12-10-0061g date : 2010-10-27 page : 1 ld-r/rd012 release by paralightdcc
0.4 inch dual digits display C-402G-10-L14 rev:a / 0 package dimensions notes : 1. all dimensions are in millimeters. (inches) 2. tolerance is 6 0.25(0.010") unless otherwise specified. 3. pls. contact with us when your production need to be operated under the pb free process. drawing no. : ds-12-10-0061g date : 2010-10-27 page : 2 ld-r/rd013 release by paralightdcc
0.4 inch dual digits display C-402G-10-L14 rev:a / 0 features ? 10.16mm (0.4 inch ) digit height ? common cathode ? i.c. compatible ? low power consumption ? pb free products ? rohs compliance raw material : gap/gap absolute maximum rating : ( ta = 25b c ) symbol parameter yellow green unit p d power dissipation per segment 75 mw v r reverse voltage per segment 5 v i af continuous forward current per segment 25 ma i pf peak forward current per segment (1/10 duty cycle,0.1ms pulse width) 100 ma derating linear from 25b c per segment 0.33 ma/ b c topr operating temperature range 35b c to 85b c tstg storage temperature range 35b c to 85b c electro-optical characteristics : ( ta = 25 b c ) symbol parameter test condition min. typ. max. unit v f forward voltage , per segmen t if = 20m a 2. 2 2.8 v i r reverse current , per segmen t v r = 5 v 100 m a l p p eak emission wavelengt h i f = 20m a 568 n m l d dominant wavelength i f = 20m a 570 n m ! l spectral line half width i f = 20m a 30 n m i v luminous intensity per segment if = 10ma 0. 8 2. 0 mcd drawing no. : ds-12-10-0061g date : 2010-10-27 page : 3 ld-r/rd014 release by paralightdcc
0.4 inch dual digits display C-402G-10-L14 rev:a / 0 ` drawing no. : ds-12-10-0061g date : 2010-10-27 page : 4 release by paralightdcc
0.4 inch dual digits display C-402G-10-L14 rev:a / 0 ? soldering method soldering conditions remark dip soldering bath temperature: 260 max immersion time: within 5 sec ? solder no closer than 2mm from the base of the package ? using soldering flux, " resin flux " is recommended. soldering iron soldering iron: 30w or smaller temperature at tip of iron: 260 or lower soldering time: within 5 sec. ? during soldering, take care not to press the tip of iron against the pin. (to prevent heat from being transferred directly to the pin.) 1) when soldering the pin of display in a jig that the package is fixed with a panel (see fig.1), be careful not to stress the pin with iron tip. when solder ing display in a condition that the package is fixed with a panel, be careful not t o cling and stress the surface of display on the panel to avoid damaging the display. regarding solution in the tinning oven for product-tinning, compound sub-solution made of tin & copper and silver is proposed with the temperature of celsius 260. the proportion of the alloyed solution is tin 95.5: copper 3.5: silver 0.5 by percentage. the time of tinning is constantly 3 seconds. drawing no. : ds-12-10-0061g date : 2010-10-27 page :5 fig.1 release by paralightdcc
0.4 inch dual digits display C-402G-10-L14 rev:a / 0 2) similarly, when a jig is used to solder the display to pc board, take care as much as possible to avoid steering the pin (see fig.2). 3) repositioning after soldering should be avoided as much as possible. if inevitable, be sure to preserve the soldering conditions with irons stated above: select a best-suited method that assures the least stress to the display. 4) pin cutting after soldering should be performed only after the display temperature has returned to normal temperature. ? led mounting method 1) when mounting the display by using a case, as shown fig.3, ensure that the mounting holds on the pc board match the pitch of the pin correctly-tolerance of dimensions of the respective components including the display should be taken into account especially when designing the case, pc board, etc. to prevent pitch misalignment between the pin and board holes, the diameter of the board holes should be slightly larger than the size of the pin. alternatively, the shape of the holes should be made oval. (see fig.3) drawing no. : ds-12-10-0061g date : 2010-10-27 page : 6 fig.3 fig.2 release by paralightdcc
0.4 inch dual digits display C-402G-10-L14 rev:a / 0 2) use display with holder made of resin (fig.4) to position the pin. ? formed lead 1) the pin should be bent at a point located at least 2mm away from the package. bending should be performed with base fixed means of a jig or pliers (fig.5) 2) forming pin should be carried our prior to soldering and never during or after soldering. 3) form the pin to ensure alignment between the pin and the hole on board, so that stress against the display is prevented. (fig.6) drawing no. : ds-12-10-0061g date : 2010-10-27 page : 7 fig.5 fig.6 fig.4 release by paralightdcc
0.4 inch dual digits display C-402G-10-L14 rev:a / 0 ? lead strength 1) bend strength do not bend the pin more than twice. (fig.7) 2) tensile strength (@room temperature) if the force is 1kg or less, there will be no problem. (fig.8) ? handling precautions although rigid against vibration, the display may damaged or scratched if dropped. so take care when handling. ? chemical resistance 1) avoid exposure to chemicals as it may attack the display surface and cause discoloration. 2) when washing is required, refer to the following table for the proper chemical to be used. solvent adaptability freon te chlorothene w isopropyl alcohol thinner w acetone w trichloroethylene w --usable w --do not use. drawing no. : ds-12-10-0061g date : 2010-10-27 page : 8 fig.7 1kg ok! fig.8 release by paralightdcc
0.39 inch dual digits display C-402G-10-L14 rev:a / 0 ? storage 1) the display should be stored at 30 or less and 70% rh or less after being shipped from para and the storage life limits are 3 months. 2) para display lead frames are comprised of a stannum plated iron alloy. the silver surface may be affected by environments which contain corrosive gases and so on. please avoid conditions which may cause the display to corrode, tarnish or discolor. this corrosion or discoloration may cause difficulty during soldering operations. it is recommended that the display be used as soon as possible. 3) please avoid rapid transitions in am bient temperature, especially, in high humidity environments where condensation can occur. ? heat generation 1) thermal design of the end product is of paramount importance. please consider the heat generation of the display when making the system design. the coefficient of temperature increase per input electric power is affected by the thermal resistance of the circuit board and density of display placement on the board, as well as other components. it is necessary to avoid intense heat generation and operate within the maximum ratings given in this specification. 2) the operating current should be decided after considering the ambient maximum temperature of display . ? others 1) care must be taken to ensure that the reverse voltage will not exceed the absolute maximum rating when using the display with matrix drive. 2) flashing lights have been known to cause discomfort in people; you can prevent this by taking precautions during use. also, people should be cautious when using equipment that has had display incorporated into it. 3) the display described in this brochure are intended to be used for ordinary electronic equipment (such as office equipment, communications equipment, measurement instruments and household appliances). consult para s sales staff in advance for information on the appli cations in which exceptional quality and reliability are required , particularly when the failure or malfunction of the display may directly jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control equipment, life support systems and safety devices). drawing no. : ds-12-10-0061g date : 2010-10-27 page : 9 release by paralightdcc
0.39 inch dual digits display C-402G-10-L14 rev:a / 0 4) user shall not reverse engineer by disassembling or analysis of the display without having prior written consent from para. when defective display are found, the user shall inform para directly before disassembling or analysis. 5) the formal specifications must be exchanged and signed by both parties before large volume purchase begins. 6) the appearance and specifications of the product may be modified for improvement without notice. release by paralightdcc
drawing no. : ds-12-10-0061g date : 2010-10-27 page : 10 release by paralightdcc


▲Up To Search▲   

 
Price & Availability of C-402G-10-L14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X