Part Number Hot Search : 
01006 9575GH PUA3118 2SA16 BU4915G IN4727 09081 COLTD
Product Description
Full Text Search
 

To Download BZX84B43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon 350 mwatt zener diodes features planar die construction 350mw power dissipation zener voltages from 2.4v - 51v ideally suited for automated assembly processes mechanical data maximum forward voltage@if=10ma v f 0.9 v power dissipation (notea) p (av) 350 mwatt operation and storage temperature t j ,t stg -55 o c to +150 o c peak forward surge 2.0 a m cc sot-23 dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 in c h es mm . 03 1 .800 .035.900 . 03 7 .950 .037 .950  
 omp onents 20736 marilla street chatsworth       
     current(noteb) notes:a. mounted on 5.0mm2(.013mm thick) land areas. b. measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. *pin configuration - top view re vision: e 2 0 1 4 /1 0 /2 0 tm micro commercial components w w w. m c c se m i .c om 1 of 6 i fsm k maximum ratings @ 25 o c unless otherwise specified thermal resistance rthja 357 c/w o c. valid provided the terminals are kept at ambient (note c) temperature suggested solder pad layout l l .0 07 .020 . 20 .5 0 bzx84c2v4 thru bzx84c62 features planar die construction 350mw power dissipation zener voltages from 2.4v - 51v ideally suited for automated assembly processes mechanical data lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) weight: 0.008 grams (approx.) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 b .083 . 104 2.10 2.64 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
bzx84c2v4 thru bzx84c51 electrical characteristics (ta=25 c unless otherwise noted) re vision: e 2 0 1 4 /1 0 /2 0 m cc tm micro commercial components w w w. m c c se m i .c om 2 of 6 o nom. min. max. ohm ma ohm ma a v bzx84c2v4 w1/z11 2.4 2.28 2.52 100 5 600 1 50 1.0 bzx84c2v7 w2/z12 2.7 2.5 2.9 100 5 600 1 20 1.0 bzx84c3v0 w3/z13 3 2.8 3.2 95 5 600 1 10 1.0 bzx84c3v3 w4/z14 3.3 3.1 3.5 95 5 600 1 5 1.0 bzx84c3v6 w5/z15 3.6 3.4 3.8 90 5 600 1 5 1.0 bzx84c3v9 w6/z16 3.9 3.7 4.1 90 5 600 1 3 1.0 bzx84c4v3 w7/z17 4.3 4 4.6 90 5 600 1 3 1.0 bzx84c4v7 w8/z1 4.7 4.4 5 80 5 500 1 3 2.0 bzx84c5v1 w9/z2 5.1 4.8 5.4 60 5 480 1 2 2.0 bzx84c5v6 wa/z3 5.6 5.2 6 40 5 400 1 1 2.0 bzx84c6v2 wb/z4 6.2 5.8 6.6 10 5 150 1 3 4.0 bzx84c6v8 wc/z5 6.8 6.4 7.2 15 5 80 1 2 4.0 bzx84c7v5 wd/z6 7.5 7 7.9 15 5 80 1 1 5.0 bzx84c8v2 we/z7 8.2 7.7 8.7 15 5 80 1 0.7 5.0 bzx84c9v1 wf/z8 9.1 8.5 9.6 15 5 100 1 0.5 6.0 bzx84c10 wg/z9 10 9.4 10.6 20 5 150 1 0.2 7.0 bzx84c11 wh/y1 11 10.4 11.6 20 5 150 1 0.1 8.0 bzx84c12 wi/y2 12 11.4 12.7 25 5 150 1 0.1 8.0 bzx84c13 wk/y3 13 12.4 14.1 30 5 170 1 0.1 8.0 bzx84c15 wl/y4 15 13.8 15.6 30 5 200 1 0.1 10.5 bzx84c16 wm /y5 16 15.3 17.1 40 5 200 1 0.1 11.2 bzx84c18 wn/y6 18 16.8 19.1 45 5 225 1 0.1 12.6 bzx84c20 wo/y7 20 18.8 21.2 55 5 225 1 0.1 14.0 bzx84c22 wp/y8 22 20.8 23.3 55 5 250 1 0.1 15.4 bzx84c24 wr/y9 24 22.8 25.6 70 5 250 1 0.1 16.8 bzx84c27 ws/y10 27 25.1 28.9 80 2 300 1 0.1 18.9 bzx84c30 wt /y11 30 28 32 80 2 300 1 0.1 21.0 bzx84c33 wu/y12 33 31 35 80 2 325 1 0.1 23.1 bzx84c36 ww/y13 36 34 38 90 2 350 1 0.1 25.2 bzx84c39 wx/y14 39 37 41 130 2 350 1 0.1 27.3 marking part number ir @ vr max.reverse leakage current nominal zener voltage max. zener impedance vz(v) @ i zt z zt @ i zt z zk @ i zk bzx84c4 7 w z/y16 4 7 4 4 . 6 5 4 9 . 3 5 1 7 0 5 375 1 0.1 3 2 . 9 0 bzx84c 51 xa/y17 51 4 8 . 4 5 53 . 5 5 1 0 0 5 400 1 0.1 3 5 . 7 0 bzx84c 62 y19 62 58 .0 66.0 215 2 4 5 0 0.5 0. 05 43.40 note:1.standard zener voltage tolerance is +/- 5% with a 'c' suffix from bzx84c2v4~bzx84c 62 , suffix 'b' is +/- 2% tolerance from b z x84b4v3~bzx84b 51 . 2.zener voltage (vz) measurement. guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (tl) at 30 o c,from the diode body. 3.zener impedance (zz) derivation. the zener impedance os dervied from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (izt or izk) is superimposed on izt or izk. 4.surge current (ir) non-repetitive. the rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, izt, per jedec registration; however, actual device capability is as described in figure 5. bzx84c 43 wy/y15 43 4 0 . 8 5 45 . 1 5 1 5 0 5 375 1 0.1 3 0 . 1 0 downloaded from: http:///
bzx84 b4 v 3 thru bzx84 b 51 electrical characteristics (ta=25 c unless otherwise noted) re vision: e 2 0 1 4 /1 0 /2 0 m cc vz(v) @ i zt z zt @ i zt z zk @ i zk ir @ vr part number marking nom. min. max. ohm ma ohm ma a v bzx84b4v3 w7 4.3 4.21 4.39 90 5 600 1 3.0 1.0 bzx84b4v7 w8/z1 4.7 4.61 4.79 80 5 500 1 3.0 2.0 b z x 84 b 5 v 1 w 9 /2 z 2 5.1 5.00 5.20 60 5 480 1 2.0 2.0 b z x 84 b 5 v 6 w a /2 z 3 5.6 5.49 5.71 40 5 400 1 1.0 2.0 b z x 84 b 6 v 2 w b /2 z 4 6.2 6.08 6.32 10 5 150 1 3.0 4.0 b z x 84 b 6 v 8 w c /2 z 5 6.8 6.66 6.94 15 5 80 1 2.0 4.0 b z x 84 b 7 v 5 w d /2 z 6 7.5 7.35 7.65 15 5 80 1 1.0 5.0 b z x 84 b 8 v 2 w e /2 z 7 8.2 8.04 8.36 15 5 80 1 0.7 5.0 b z x 84 b 9 v 1 w f /2 z 8 9.1 8.92 9.28 15 5 100 1 0.5 6.0 b z x 84 b 10 w g /2 z 9 10 9.80 10.20 20 5 150 1 0.2 7.0 b z x 84 b 1 1 w h /2 y 1 1 1 10.78 1 1.22 20 5 150 1 0.1 8.0 b z x 84 b 12 w i /2 y 2 12 1 1.76 12.24 25 5 150 1 0.1 8.0 b z x 84 b 13 w k /2 y 3 13 12.74 13.26 30 5 170 1 0.1 8.0 b z x 84 b 15 w l /2 y 4 15 14.70 15.30 30 5 200 1 0.1 10.5 b z x 84 b 16 w m /2 y 5 16 15.68 16.32 40 5 200 1 0.1 1 1.2 b z x 84 b 18 w n /2 y 6 18 17.64 18.36 45 5 225 1 0.1 12.6 b z x 84 b 20 w o /2 y 7 20 19.60 20.40 55 5 225 1 0.1 14.0 bzx84b22 wp/y8 22 21.56 22.44 55 5 250 1 0.1 15.4 bzx84b24 wr/y9 24 23.52 24.48 70 5 250 1 0.1 16.8 bzx84b27 ws/y10 27 26.46 27.54 80 5 300 1 0.1 18.9 bzx84b30 wt /y11 30 29.40 30.60 80 5 300 1 0.1 21.0 bzx84b33 wu/y12 33 32.34 33.66 80 5 325 1 0.1 23.1 bzx84b36 ww/y13 36 35.28 36.72 90 5 350 1 0.1 25.2 bzx84b39 wx/y14 39 38.22 39.78 130 5 350 1 0.1 27.3 b z x 84 b 43 w y 43 42.14 43.86 150 5 375 1 0.1 30.1 bzx84b47 wz 47 46.06 47.94 170 5 375 1 0.1 32.9 b z x 84 b 51 x a 51 49.98 52.02 100 5 750 1 0.1 38.0  o nominal zener voltage max. zener impedance max.reverse leakage current note:1.standard zener voltage tolerance is +/- 5% with a 'c' suffix from bzx84c2v4~bzx84c 62 , suffix 'b' is +/- 2% tolerance from b z x84b4v3~bzx84b 51 . 2.zener voltage (vz) measurement. guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (tl) at 30 o c,from the diode body. 3.zener impedance (zz) derivation. the zener impedance os dervied from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (izt or izk) is superimposed on izt or izk. 4.surge current (ir) non-repetitive. the rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, izt, per jedec registration; however, actual device capability is as described in figure 5. tm micro commercial components w w w. m c c se m i .c om 3 of 6 downloaded from: http:///
typical reverse current temperature coefficient,mv / c) o nominal zener voltage, volts -1 0 1 2 3 4 5 6 7 8 12 11 10 9 8 7 6 5 4 3 2 -2 -3 temperature coefficients effect of zener voltage on zener impedance 100 10 1 1000 100 10 1 i z =1ma 5ma 20 ma dynamic impedance,  normal zener voltage, volts t j =25 c o i z(ac)=0.1 i f=1 khz z(dc) forward current, ma typical forward voltage forward voltage, volts 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o typical capacitance 100 1000 100 10 1 10 1 bias at 50% of v z nom 0vbias 1vbias capacitance, pf nominal zener voltage, volts t =25 c a o 100 10 1 nominal zener voltage, volts temperature coefficient,mv / c) o 10 100 temperature ( c) o power dissipation, watts steady state power derating 1.21.0 0.8 0.6 0.4 0.2 0 125 100 75 50 25 0 150 re vision: e 2 0 1 4 /1 0 /2 0 tm micro commercial components w w w. m c c se m i .c om 4 of 6 bzx84 series m c c downloaded from: http:///
zener voltage v.s. zener current typical leakge current 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 80 70 60 50 40 30 20 10 0 leakage current (a)  nominal zener voltage, vlots +150 c o +25 c o -55 c o 12 100 10 1 0.1 0.01 10 8 6 4 2 0 zener current ,ma zener voltage, volts t =25 c a o 100 10 1 0.1 0.01 10 30 50 70 90 t =25 c a o zener voltage, volts zener voltage v.s. zener current zener current ,ma re vision: e 2 0 1 4 /1 0 /2 0 tm micro commercial components w w w. m c c se m i .c om 5 of 6 bzx84 series m c c downloaded from: http:///
m cc re vision: e 2 0 1 4 /1 0 /2 0 tm micro commercial components w w w. m c c se m i .c om 6 of 6 3 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 3 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BZX84B43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X