Part Number Hot Search : 
PST3823 FDZ294N 12160 XT410 TSOP2237 LNBP8L 1H223K RT8474A
Product Description
Full Text Search
 

To Download AZ100LVEL58TR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az100lvel58 ecl/pecl 2:1 multiplexer 1630 s. stapley dr., suite 125 ? mesa, arizona 85204 ? usa ? (480) 962-5881 ? fax (480) 890-2541 www.azmicrotek.com arizona microtek, inc. function table sel q h da l db features ? 440ps propagation delay ? operating range of 3.0v to 5.5v ? internal input pulldown resistors ? q output will default low with inputs open or at v ee ? transistor count = 58 devices ? direct replacement for on semiconductor mc100lvel58 description the az100lvel58 is a 2:1 multiplexer. the device is pin and functionally equivalent to the el58. with ac performance similar to the el58 device, the lvel58 is ideal for the low voltage applications that require the ultimate in ac performance. if desired, the select input can be directly driven from a cmos output. note: specifications in the ecl/pecl tables are valid when thermal equilibrium is established. package availability package part no. marking soic 8 az100lvel58d azm100lvel58 soic 8 t&r az100lvel58dr1 azm100lvel58 soic 8 t&r az100lvel58dr2 azm100lvel58 tssop 8 az100lvel58t aztlv58 tssop 8 t&r az100lvel58tr1 aztlv58 tssop 8 t&r AZ100LVEL58TR2 aztlv58 logic diagram and pinout assignment 8 5 6 7 4 3 2 1 v cc da v ee nc q q sel mux db pin description pin function da, db data inputs q, q differential outputs sel select input v cc positive supply v ee negative supply nc no connect
az100lvel58 october 2001 * rev-0 www.azmicrotek.com 2 absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic rating unit v cc pecl power supply (v ee = 0v) 0 to +8.0 vdc v i pecl input voltage (v ee = 0v) 0 to +6.0 vdc v ee ecl power supply (v cc = 0v) -8.0 to 0 vdc v i ecl input voltage (v cc = 0v) -6.0 to 0 vdc i out output current --- continuous --- surge 50 100 ma t a operating temperature range -40 to +85 c t stg storage temperature range -65 to +150 c 100k ecl dc characteristics (v ee = -3.3v, v cc = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1085 -1005 -880 -1025 -955 -880 -1025 -955 -880 -1025 -955 -880 mv v ol output low voltage 1 -1830 -1695 -1555 -1810 -1705 -1620 -1810 -1705 -1620 -1810 -1705 -1620 mv v ih input high voltage -1165 -880 -1165 -880 -1165 -880 -1165 -880 mv v il input low voltage -1810 -1475 -1810 -1475 -1810 -1475 -1810 -1475 mv i ih input high current 150 150 150 150 a i il input low current -150 -150 -150 -150 a i ee power supply current 21 28 21 28 21 28 23 30 ma 1. each output is terminated through a 50 ? resistor to v cc ? 2v. 100k lvpecl dc characteristics (v ee = gnd, v cc = +3.3v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 2215 2295 2420 2275 2345 2420 2275 2345 2420 2275 2345 2420 mv v ol output low voltage 1,2 1470 1605 1745 1490 1595 1680 1490 1595 1680 1490 1595 1680 mv v ih input high voltage 1 2135 2420 2135 2420 2135 2420 2135 2420 mv v il input low voltage 1 1490 1825 1490 1825 1490 1825 1490 1825 mv i ih input high current 150 150 150 150 a i il input low current -150 -150 -150 -150 a i ee power supply current 21 28 21 28 21 28 23 30 ma 1. these values are for v cc = 3.3v. for supply voltages other that 3.3v, use the ecl table values and add supply voltage value. 2. each output is terminated through a 50 ? resistor to v cc ? 2v. 100k pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3915 3995 4120 3975 4045 4120 3975 4045 4120 3975 4045 4120 mv v ol output low voltage 1,2 3170 3305 3445 3190 3295 3380 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 1 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 1 3190 3525 3190 3525 3190 3525 3190 3525 mv v bb reference voltage 1 3620 3740 3620 3740 3620 3740 3620 3740 mv i ih input high current 150 150 150 a i il input low current -150 -150 -150 -150 150 a i ee power supply current 27 33 27 33 27 33 31 37 ma 1. for supply voltages other that 5.0v, use the ecl table values and add supply voltage value. 2. each output is terminated through a 50 ? resistor to v cc ? 2v. ac characteristics (v ee = -3.0v to -5.5v, v cc = gnd or v ee gnd, v cc = +3.0v to +5.5v) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit t plh / t phl propagation delay to output d to q sel to q 340 540 435 455 560 570 350 360 440 460 570 580 370 380 450 470 590 600 ps f max maximum toggle frequency 1.5 ghz t r / t f rise/fall time 20 ? 80% 100 260 100 260 100 260 100 260 ps
az100lvel58 october 2001 * rev-0 www.azmicrotek.com 3 millimeters inches dim min max min max a 1.75 0.069 a 1 0.10 0.25 0.004 0.010 a 2 1.25 1.45 0.049 0.057 a 3 0.25 0.01 b p 0.36 0.49 0.014 0.019 c 0.19 0.25 0.0075 0.0100 d 4.8 5.0 0.19 0.20 e 3.8 4.0 0.15 0.16 e 1.27 0.050 h e 5.80 6.20 0.228 0.244 l 1.05 0.041 l p 0.40 1.00 0.016 0.039 q 0.60 0.70 0.024 0.028 v 0.25 0.01 w 0.25 0.01 y 0.10 0.004 z 0.30 0.70 0.012 0.028 0 o 8 o 0 o 8 o n otes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm. package diagram soic 8
az100lvel58 october 2001 * rev-0 www.azmicrotek.com 4 package diagram tssop 8 millimeters dim min max a 1.10 a 1 0.05 0.15 a 2 0.80 0.95 a 3 0.25 b p 0.25 0.45 c 0.15 0.28 d 2.90 3.10 e 2.90 3.10 e 0.65 h e 4.70 5.10 l 0.94 l p 0.40 0.70 v 0.10 w 0.10 y 0.10 z 0.35 0.70 0 o 6 o n otes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm.
az100lvel58 october 2001 * rev-0 www.azmicrotek.com 5 arizona microtek, inc. reserves the right to change circuitry a nd specifications at any time without prior notice. arizona mic rotek, inc. makes no warranty, representation or guarant ee regarding the suitability of its products for any particular purpose, nor does a rizona microtek, inc. assume any liability arising out of the applica tion or use of any product or ci rcuit and specifically disclaims any and all liability, including without limitation special, consequential or inci dental damages. arizona microtek, inc. does not convey a ny license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as component s in systems intended to support or sustain life, or for any other applicati on in which the failure of the arizona microtek, inc. product co uld create a situation where personal injury or death may occur. should bu yer purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall indemnify a nd hold arizona microtek, inc. a nd its officers, employees, subs idiaries, affiliates, and distributor s harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim al leges tha t arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100LVEL58TR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X