Part Number Hot Search : 
MAJ160A HFW75N75 P5NK8 25X50 C1805 REEL7 4CX5000R 123ML
Product Description
Full Text Search
 

To Download AUIRFR8403TRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet   power mosfet absolute maximum ratings stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. ambient temperature (t a ) is 25c, unless otherwise specified. hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ applications  electric power steering (eps)  battery switch  start/stop micro hybrid  heavy loads  dc-dc converter s d g 
     
  
     descriptionspecifically designed for automotive applications, this hexfet? power mosfet utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. additional features of this design are a 175c junction operating temperature, fast switching speed and improved repetitive avalanche rating. these features combine to make this design an extremely efficient and reliable device for use in automotive applications and wide variety of other applications. features  advanced process technology  new ultra low on-resistance  175c operating temperature  fast switching  repetitive avalanche allowed up to tjmax  lead-free, rohs compliant  automotive qualified * d-pak auirfr8403    

i-pak auirfu8403 d s d g gds gate drain source ordering information base part number package type standard pack complete part number form quantity auirfr8403 dpak tube 75 auirfr8403 tape and reel 2000 auirfr8403tr tape and reel left 3000 AUIRFR8403TRL tape and reel right 3000 auirfr8403trr auirfu8403 ipak tube 75 auirfu8403 v dss 40v r ds(on) typ. 2.4m max. 3.1m i d (silicon limited) 127a i d (package limited) 100a symbol parameter units i d @ t c = 25c i d @ t c = 100c i d @ t c = 25c continuous drain current, v gs @ 10v (package limited) i dm pulsed drain current p d @t c = 25c maximum power dissipation w linear derating factor w/c v gs gate-to-source voltage v t j operating junction and t stg storage temperature range soldering temperature, for 10 seconds (1.6mm from case) avalanche characteristics e as (thermally limited) single pulse avalanche energy  e as (tested) single pulse avalanche energy tested value  i ar avalanche current  a e ar repetitive avalanche energy mj thermal resistance symbol parameter typ. max. units r jc junction-to-case  CCC 1.52 r ja junction-to-ambient (pcb mount)  CCC 50 r ja junction-to-ambient CCC 110 continuous drain current, v gs @ 10v (silicon limited) continuous drain current, v gs @ 10v (silicon limited) c/w mj 114 see fig. 14, 15, 24a, 24b 99 c a 300 -55 to + 175 20 0.66 max. 127  90 520  100 148 downloaded from: http:///
    
  
      
s d g static @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 40 CCC CCC v v (br)dss / t j breakdown voltage temp. coefficient CCC 0.03 CCC v/c r ds(on) static drain-to-source on-resistance CCC 2.4 3.1 v gs(th) gate threshold voltage 2.2 3.0 3.9 v i dss drain-to-source leakage current CCC CCC 1.0 CCC CCC 150 i gss gate-to-source forward leakage CCC CCC 100 gate-to-source reverse leakage CCC CCC -100 r g internal gate resistance CCC 1.5 CCC dynamic @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units gfs forward transconductance 283 CCC CCC s q g total gate charge CCC 66 99 q gs gate-to-source charge CCC 18 CCC q gd gate-to-drain ("miller") charge CCC 22 CCC q sync total gate charge sync. (q g - q gd ) CCC 44 CCC t d(on) turn-on delay time CCC 10 CCC t r rise time CCC 32 CCC t d(off) turn-off delay time CCC 31 CCC t f fall time CCC 23 CCC c iss input capacitance CCC 3171 CCC c oss output capacitance CCC 477 CCC c rss reverse transfer capacitance CCC 331 CCC c oss eff. (er) effective output c apacitance (energy related) CCC 573 CCC c oss eff. (tr) effective output c apacitance (time related) CCC 681 CCC diode characteristics symbol parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage CCC 0.9 1.3 v dv/dt peak diode recovery  CCC 5.1 CCC v/ns t rr reverse recovery time CCC 25 CCC t j = 25c v r = 34v, CCC 26 CCC t j = 125c i f = 76a q rr reverse recovery charge CCC 20 CCC t j = 25c di/dt = 100a/ s  CCC 21 CCC t j = 125c i rrm reverse recovery current CCC 1.2 CCC a t j = 25c t j = 175c, i s = 76a, v ds = 40v ns nc a CCCCCC CCCCCC 127  520  m a na nc ns pf conditions v ds = 10v, i d = 76a i d = 76a v gs = 20v v gs = -20v v ds = 40v, v gs = 0v, t j = 125c v ds =20v conditions v gs = 10v  v gs = 0v v ds = 25v ? = 1.0 mhz, see fig. 5 v gs = 0v, v ds = 0v to 32v  , see fig. 11 i d = 76a r g = 2.7 v gs = 10v  conditions v gs = 0v, i d = 250 a reference to 25c, i d = 5ma  v gs = 10v, i d = 76a  v ds = v gs , i d = 100 a v ds = 40v, v gs = 0v v dd = 26v i d = 76a, v ds =0v, v gs = 10v t j = 25c, i s = 76a, v gs = 0v  integral reverse p-n junction diode. v gs = 0v, v ds = 0v to 32v mosfet symbol showing the    calculated continuous current based on maximum allowable junction temperature. bond wire current limit is 100a by source bonding technology. note that current limitations arising from heating of the device leads may occur with some lead mounting arrangements. (refer to an-1140)  repetitive rating; pulse width limited by max. junction temperature.  limited by t jmax , starting t j = 25c, l = 0.039mh, r g = 50 , i as = 76a, v gs =10v. part not recommended for use above this value.  i sd 76a, di/dt 1255a/ s, v dd v (br)dss , t j 175c.  pulse width 400 s; duty cycle 2%.  c oss eff. (tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss .  c oss eff. (er) is a fixed capacitance that gives the same energy as c oss while v ds is rising from 0 to 80% v dss . when mounted on 1" square pcb (fr-4 or g-10 material).for recommended footprint and soldering techniques refer to application note #an-994.
r  is measured at t j approximately 90c. pulse drain current is limited by source bonding technology. downloaded from: http:///
    
  
      
fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 7.0v 6.0v 5.5v 5.0v 4.5v bottom 4.3v 60 s pulse width tj = 25c 4.3v 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 7.0v 6.0v 5.5v 5.0v 4.5v bottom 4.3v 60 s pulse width tj = 175c 4.3v 2 3 4 5 6 7 8 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 175c v ds = 10v 60 s pulse width -60 -20 20 60 100 140 180 t j , junction temperature (c) 0.4 0.8 1.2 1.6 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 76a v gs = 10v 0.1 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 102030405060708090 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 32v v ds = 20v i d = 76a downloaded from: http:///
    
  
      
fig 8. maximum safe operating area fig 10. drain-to-source breakdown voltage fig 7. typical source-drain diode forward voltage fig 11. typical c oss stored energy fig 9. maximum drain current vs. case temperature fig 12. maximum avalanche energy vs. draincurrent 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 v sd , source-to-drain voltage (v) 0.1 1 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v -60 -20 20 60 100 140 180 t j , temperature ( c ) 40 41 42 43 44 45 46 47 48 49 50 v ( b r ) d s s , d r a i n - t o - s o u r c e b r e a k d o w n v o l t a g e ( v ) id = 5.0ma -5 0 5 10 15 20 25 30 35 40 45 v ds, drain-to-source voltage (v) 0.0 0.1 0.1 0.2 0.2 0.3 0.3 0.4 0.4 0.5 e n e r g y ( j ) 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1msec 10msec operation in this area limited by r ds (on) 100 sec dc 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 100 200 300 400 500 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 13a 24a bottom 76a 25 50 75 100 125 150 175 t c , case temperature (c) 0 20 40 60 80 100 120 140 i d , d r a i n c u r r e n t ( a ) limited by package downloaded from: http:///
    
  
      
fig 13. maximum effective transient thermal impedance, junction-to-case fig 14. typical avalanche current vs.pulsewidth fig 15. maximum avalanche energy vs. temperature notes on repetitive avalanche curves , figures 14, 15(for further info, see an-1005 at www.irf.com) 1. avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far inexcess of t jmax . this is validated for every part type. 2. safe operation in avalanche is allowed as long ast jmax is not exceeded. 3. equation below based on circuit and waveforms shown in figures 24a, 24b.4. p d (ave) = average power dissipation per single avalanche pulse. 5. bv = rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. t = allowable rise in junction temperature, not to exceed t jmax (assumed as 25c in figure 14, 15).t av = average time in avalanche. d = duty cycle in avalanche = t av f z thjc (d, t av ) = transient thermal resistance, see figures 13) p d (ave) = 1/2 ( 1.3bvi av ) =   t/ z thjc i av = 2  t/ [1.3bvz th ] e as (ar) = p d (ave) t av 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 0.1 1 10 100 1000 a v a l a n c h e c u r r e n t ( a ) 0.05 duty cycle = single pulse 0.10 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? j = 25c and tstart = 150c. 0.01 allowed avalanche current vs avalanche pulsewidth, tav, assuming tj = 150c and tstart =25c (single pulse) 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 20 40 60 80 100 120 e a r , a v a l a n c h e e n e r g y ( m j ) top single pulse bottom 1.0% duty cycle i d = 76a downloaded from: http:///
    
  
      
  
 !"#  $# fig 17. threshold voltage vs. temperature   %
# &'"#  $# 
 
 !"#  $# 
  %
# &'"#  $# fig 16. on-resistance vs. gate voltage 4 6 8 10 12 14 16 18 20 v gs, gate -to -source voltage (v) 0.0 2.0 4.0 6.0 8.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ) i d = 76a t j = 25c t j = 125c -75 -25 25 75 125 175 225 t j , temperature ( c ) 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) id = 100 a id = 250 a id = 1.0ma id = 1.0a 0 200 400 600 800 1000 di f /dt (a/ s) 0 1 2 3 4 5 6 i r r m ( a ) i f = 51a v r = 34v t j = 25c t j = 125c 0 200 400 600 800 1000 di f /dt (a/ s) 10 20 30 40 50 60 70 80 90 q r r ( n c ) i f = 51a v r = 34v t j = 25c t j = 125c 0 200 400 600 800 1000 di f /dt (a/ s) 0 20 40 60 80 q r r ( n c ) i f = 76a v r = 34v t j = 25c t j = 125c 0 200 400 600 800 1000 di f /dt (a/ s) 0 1 2 3 4 5 6 i r r m ( a ) i f = 76a v r = 34v t j = 25c t j = 125c downloaded from: http:///
 (   
  
      
fig 22. typical on-resistance vs. drain current 0 100 200 300 400 500 i d , drain current (a) 0.0 2.0 4.0 6.0 8.0 10.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ) vgs = 5.5v vgs = 6.0v vgs = 7.0v vgs = 8.0v vgs = 10v downloaded from: http:///
 )   
  
      
fig 25a. switching time test circuit fig 25b. switching time waveforms fig 24b. unclamped inductive waveforms fig 24a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v v gs fig 26a. gate charge test circuit fig 26b. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 23. *+,
#
#$#"  ! for n-channel hexfet   power mosfets 
 
  ?  
 
  ?   
  ?  

 
   
  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period -   

  - + - + + + - - -        ?      ? 
 !
"#"" ?       $
 %% ? "#""&# 

     d.u.t. v ds i d i g 3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + - v ds 90%10% v gs t d(on) t r t d(off) t f   '( 1 )  $
  0.1 %         + -     downloaded from: http:///
 .   
  
      
 
         
     
 
  

 

 
  
    */! 0 1
'
1

#  !"#$ ,
# 232 4434
+4+ 3!

1#5 downloaded from: http:///
    
  
      
 
         
     
 % 
 
 

 

 
    */! 0 1
'
1

#  !"#$ ,
# 232 443 4
+ 4+ 3!

1#5 
 %  downloaded from: http:///
    
  
      
 
  & '    

 

 
  tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl notes : 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters ( inches ). 3. outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch  
         
     downloaded from: http:///
    
  
      
6 7! 
"##" 0
!#
 8"0"9&$$
$ 66:'&"""'
' qualification information ? 3l-d-pak msl1 i-pak n/a qualification level automotive (per aec-q101) comments: this part number(s) passed automotive qualification. irs industrial and consumer qualification level is granted by extension of the higher automotive level. charged device model class c5 (+/- 2000) ?? aec-q101-005 moisture sensitivity level rohs compliant yes esd mac hine model class m2 (+/- 200) ?? aec-q101-002 human body model class h1c (+/- 2000) ?? aec-q101-001 downloaded from: http:///
    
  
      
 
 unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reservethe right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the au prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to irs terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with irs standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterati ons is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information ofthird parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or serv ice voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive businesspractice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any suchunintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product.only products certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applications. buyers acknowledge and agree that any use of ir products not certified by dla as military-grade, in applications requiring military gr ade products, is solely at the buyers own risk and that they are solely responsible for compliance with all legal and regulatoryrequirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir product s are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation au.buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements. for technical support, please contact irs technical assistance center http://www.irf.com/technical-info/ world headquarters: 101 n. sepulveda blvd., el segundo, california 90245 tel: (310) 252-7105 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AUIRFR8403TRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X