Part Number Hot Search : 
74AVC1 MAX9762 NX2016AA 1N5819TR MCS0805 LS400 SJ100603 TL550
Product Description
Full Text Search
 

To Download 69-ELW23-OR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 nte electronics, inc. voice (973) 748 ? 5089 fax (973) 748 ? 6224 http://www.nteinc.com electroluminescent (el) wire description: flexible neon wire, el wire, also called electroluminescent (el) wire is the new generation product in the global lighting and display industry. wrapped by a colorful plastic tube on its surface, it appears similar to common telephone wire, emitting light along its entire length but without any heat radiation. with a much lower power consumption, energy saving, and environmental protection, it opens a new era in the lighting and display field. features available in 2 different diameters 2.3mm 3.2mm standard 9.84 ft. (3 meter) length with pre ? wired connector environmentally friendly and energy saving, uses 50 ? 70% less energy than led lamps, 20 ? 40% less than rope lighting, and 1 ? 10% less than neon lighting extremely flexible, can be bent, knotted, cut, stretched, etc. without compromising the lighting effect can be mounted to almost any decoration surface using transparent adhesive tape, glue, clips, thread nail, etc. applications include: indoor and outdoor advertisements shop windows, doors, furniture, walls, roofs, etc. cars, boats, and other vehicle ornamentation indoor and outdoor decoration guidance lighting such as safety signs, stairways, doorplates, and temporary markings toys, arts & crafts, garments, sporting equipment, etc. specifications optimum operating voltage: 90 ? 120vac optimum operating frequency: 1500 ? 2000hz power dissipation: 200mw luminous intensity: 80 ? 100cm/m 2 (90 ? 100v, 1.8 ? 2000hz) axial may withstand the strength: 1kg curving scope: greater than four times the diameter twist angle: < 30 working conditions: ? 20 to +55 c ( ? 4 to +131 f) / < 45% depositing environment: ? 20 to +60 c ( ? 4 to +149 f) / < 80% working life: voltage: 100v frequency: 400hz normal temperature and humidity: around 3000 ? 5000 hrs (half ? life) blue pvc3 transparent polypropylene insulation layer, electroluminescent layer, conducting layer main electrode: copper wire auxiliary electrode: two silver copper wires ordering information nte type no. lighted color 2.3mm diameter 3.2mm diameter 69 ? elw2.3 ? rd 69 ? elw3.2 ? rd red 69 ? elw2.3 ? bl 69 ? elw3.2 ? bl blue 69 ? elw2.3 ? tb 69 ? elw3.2 ? tb transparent blue 69 ? elw2.3 ? gr 69 ? elw3.2 ? gr green 69 ? elw2.3 ? tw 69 ? elw3.2 ? tw transparent white 69 ? elw2.3 ? yg 69 ? elw3.2 ? yg yellow green 69 ? elw2.3 ? or 69 ? elw3.2 ? or orange characteristics with energy saving, environmental protection, and safety characteristics, el wire has low power consumption when applying voltages from 3v to 220v with no heat radiation. this flexible product can be bent, knotted, cut, stretched, etc, with no change to the homogeneous light displayed along the entire length. el wire can be mounted to a variety of surfaces including glass, furniture, walls, etc. with transparent adhesive tape, glue, and clips as well as being able to be sewn onto clothing and leather. this makes it ideal for both indoor and outdoor applications.


▲Up To Search▲   

 
Price & Availability of 69-ELW23-OR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X