Part Number Hot Search : 
2SB1010 GTVSB1 SKY13 DG643 ST59490 10MTB050 1B90C 0N60C
Product Description
Full Text Search
 

To Download 2SD468-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  lo w frequency power amplifier.  lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) 2sd468 npn epitaxial silicon transistor maximum ratings symbol rating rating unit v ceo collector-emitter voltage 20 v v cbo collector-base voltage 25 v v ebo emitter-base voltage 5.0 v i c collector current 1.0 a p c collector power dissipation 0.9 w t j junction temperature -55 to +150 o c t stg storage temperature -55 to +150 o c electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units off characteristics bv cbo collector-base breakdown voltage ( i c =10  adc, i e =0) 20 --- --- vdc bv ceo collector-emitter breakdown voltage ( i c =1madc, i b =0) 25 --- --- vdc bv ebo emitter-base breakdown voltage ( i e =0.01madc, i c =0) 5.0 --- --- vdc i cbo collector cutoff current ( v c b =20vdc,i e =0) --- --- 1000 nadc i ebo emitter cutoff current ( v e b =4.0vdc, i c =0) --- --- 1000 nadc on characteristics h fe dc current gain (i c =500madc, v ce =2.0vdc) 85 --- 240 --- v be(on) base-emitter on voltage (v ce =2.0vdc, i c =500madc) --- --- 1.0 vdc v ce(sat) collector-emitter saturation voltage ( i c =0.8adc, i b =80madc) --- --- 0.5 vdc f t current gain bandwidth product (v ce =2.0vdc, i c =500madc) --- 190 --- mhz c ob output capacitance (v cb =10vdc, i e =0, f=1.0mhz) --- 22 --- pf (1) h fe classification b: 85~170, c: 120~240  
 omp onents 20736 marilla street chatsworth       
     m cc revision: b 20 1 3/01/01 tm micro commercial components x case material: molded plastic. u l flammability classification rating 94 v -0 and msl rating 1 w w w. m c c se m i .c om 1 of 4 x complementary pair with 2sb562 to-92 l dimensions mm inches dim min ma min ma note a 3.700 4.100 .146 .161 b 4.000 - - - .157 --- c 0.000 0.300 0.000 0.012 d 0.350 0.450 .014 .018 e 1.280 1.580 .050 .062 f 4.700 5.100 .185 .201 g 7.800 8.200 .307 .323 h 13.80 14.20 .543 .559 j .60 0 .80 0 .02 4 .031 k 0.350 .550 .014 .022 1.27 0 .050 2.44 0 2 .64 0 .09 6 .104 e c b e c b bent lead straight lead bulk p ack ammo pack * for ammo packing detailed specification, click here to visit our website of product packaging for details. 4.40 0 5.60 0 . 173 . 220 2.20 0 2.80 0 . 08 6 . 110 straight lead bent lead straight lead bent lead lm h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m cc revision: b 20 1 3/01/01 tm micro commercial components w w w. m c c se m i .c om 2 of 4 t y pical characteristics 2sd468 downloaded from: http:///
2sd468 m cc revision: b 20 1 3/01/01 tm micro commercial components w w w. m c c se m i .c om 3 of 4 t y pical characteristics downloaded from: http:///
m cc revision: b 20 1 3/01/01 tm micro commercial components w w w. m c c se m i .c om 4 of 4 d e vi c e p ac k i n g p a r t n u m b e r - bp b u l k: 5 0 k p c s / c a r t o n *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. o r de r i n g i n f or m a ti on : p a r t n u m b e r- a p a m m o p a c k i n g : 2 k p c s / a mm o b o x note : adding "-hf" suffix for halogen free, eg. part number-ap-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SD468-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X