Part Number Hot Search : 
2SC5143 NJM2286D SC312 B30NE0 69Y17 IRFZ46 SC290 D66H6L
Product Description
Full Text Search
 

To Download 2N2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon planar epitaxial pnp transistor semelab limited reserves the right to change test c onditions, parameter limits and package dimensions without notice. information furnished by semelab is believed to be both accurate and reliable at the time of going to press. however semelab assumes no responsibility for any errors or omissions discovered in its use. semelab encourage s customers to verify that datasheets are current before placing o rders. semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb telephone +44 (0) 1455 556565 fax +44 (0) 1455 5526 12 email: sales@semelab-tt.com website: http://www.semelab-tt.com document number 3553 issue 2 page 1 of 3 2N2907A ? low power ? hermetic to-18 metal package. ? ideally suited for high speed switching and general purpose applications ? screening options available absolute maximum ratings (t a = 25c unless otherwise stated) v cbo collector ? base voltage -60v v ceo collector ? emitter voltage -60v v ebo emitter ? base voltage -5v i c continuous collector current -600ma p d total power dissipation at t a = 25c 400mw derate above 25c 2.28mw/c p d total power dissipation at t c = 25c 1.8w derate above 25c 10.3mw/c t j junction temperature range -65 to +200c t stg storage temperature range -65 to +200c thermal properties symbols parameters min. typ. max. units r ja thermal resistance, junction to ambient 437.5 c/w r jc thermal resistance, junction to case 97.2 c/w
silicon planar epitaxial pnp transistor 2N2907A semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb telephone +44 (0) 1455 556565 fax +44 (0) 1455 5526 12 email: sales@semelab-tt.com website: http://www.semelab-tt.com document number 3553 issue 2 page 2 of 3 electrical characteristics (t a = 25c unless otherwise stated) symbols parameters test conditions min. typ max. units v (br)ceo (1) collector-emitter breakdown voltage i c = -10ma i b = 0 -60 v (br)cbo collector-base breakdown voltage i c = -10a i e = 0 -60 v (br)ebo emitter-base breakdown voltage i e = -10a i c = 0 -5 v i cex collector cut-off current v ce = -30v v be = -0.5v -50 na v cb = -50v i e = 0 -0.01 i cbo collector cut-off current t a = 150c -10 a i c = -150ma i b = -15ma -0.4 v ce(sat) (1) collector-emitter saturation voltage i c = -500ma i b = -50ma -1.6 i c = -150ma i b = -15ma -0.6 -1.3 v be(sat) (1) base-emitter saturation voltage i c = -500ma i b = -50ma -2.6 v i c = -0.1ma v ce = -10v 75 i c = -1.0ma v ce = -10v 100 i c = -10ma v ce = -10v 100 i c = -150ma v ce = -10v 100 300 h fe (1) forward-current transfer ratio i c = -500ma v ce = -10v 50 dynamic characteristics i c = -50ma v ce = -20v f t transition frequency f = 100mhz 200 mhz v cb = -10v i e = 0 c obo output capacitance f = 1.0mhz 8 v eb = -2v i c = 0 c ibo input capacitance f = 1.0mhz 30 pf i c = -150ma v cc = -30v t on turn-on time i b1 = -15ma 45 i c = -150ma v cc = -30v t off turn-off time i b1 = - i b2 = -15ma 300 ns notes notes notes notes (1) pulse width 300us, 2%
silicon planar epitaxial pnp transistor 2N2907A semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb telephone +44 (0) 1455 556565 fax +44 (0) 1455 5526 12 email: sales@semelab-tt.com website: http://www.semelab-tt.com document number 3553 issue 2 page 3 of 3 mechanical data dimensions in mm (inches) to - 18 (to - 206 aa) metal package underside view pin 1 - emitter pin 2 - base pin 3 - collector 1 3 2 2.54 (0.100) nom. 0.48 (0.019)0.41 (0.016) dia. 5.84 (0.230)5.31 (0.209) 4.95 (0.195)4.52 (0.178) 5 . 33 ( 0 . 210 ) 4 . 32 ( 0 . 170 ) 12 . 7 ( 0 . 500 ) m i n .


▲Up To Search▲   

 
Price & Availability of 2N2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X