Part Number Hot Search : 
TA0792A R2565 GV860 SM100 HPK600 07910 500MGA MT9044
Product Description
Full Text Search
 

To Download 26-19-2111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 07/09/2014 please check www.molex.com for latest part information part number: 26-19-2111 status: active overview: kk? interconnect system - molex description: kk? 396 wire-to-board header, vertical, round pin, with polarizing wall, 11 circuits, tin (sn) plating documents: 3d model product specification ps-99020-0087 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72090224 general product family pcb headers series 3190 application power, wire-to-board overview kk? interconnect system - molex product name kk? 396 upc 800753727762 physical breakaway no circuits (loaded) 11 circuits (maximum) 11 color - resin natural durability (mating cycles max) 25 first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin nylon net weight 2.944/g number of rows 1 orientation vertical pc tail length 4.45mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 3.96mm pitch - termination interface 3.96mm plating min - mating 5.080m plating min - termination 5.080m polarized to pcb no shrouded partial stackable no temperature range - operating see product specification termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 3190 series mates with 3069 kk? crimp terminal housing, 3215 kk? 396 pc board connector
electrical current - maximum per contact 7a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 319011a reference - drawing numbers product specification ps-99020-0087 sales drawing sdae-3190-n** this document was generated on 07/09/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 26-19-2111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X