this document was generated on 07/09/2014 please check www.molex.com for latest part information part number: 26-19-2081 status: active overview: kk? interconnect system - molex description: kk? 396 wire-to-board header, vertical, round pin, with polarizing wall, 8 circuits, tin (sn) plating documents: 3d model product specification ps-99020-0087 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72090224 general product family pcb headers series 3190 application power, wire-to-board overview kk? interconnect system - molex product name kk? 396 upc 800753728073 physical breakaway no circuits (loaded) 8 circuits (maximum) 8 color - resin natural durability (mating cycles max) 25 first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin nylon net weight 2.142/g number of rows 1 orientation vertical pc tail length 4.45mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 3.96mm pitch - termination interface 3.96mm plating min - mating 5.080m plating min - termination 5.080m polarized to pcb no shrouded partial stackable no temperature range - operating see product specification termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 3190 series mates with 3069 kk? crimp terminal housing, 3215 kk? 396 pc board connector
electrical current - maximum per contact 7a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 319008a reference - drawing numbers product specification ps-99020-0087 sales drawing sdae-3190-n** this document was generated on 07/09/2014 please check www.molex.com for latest part information
|