this document was generated on 07/11/2014 please check www.molex.com for latest part information part number: 26-01-3142 status: active overview: mini-fit jr.? power connectors description: mini-fit? jr. header, dual row, right angle, with snap-in plastic peg pcb lock, 4 circuits, pa polyamide nylon 6/6 94v-2, 1.27m gold (au) plating documents: 3d model test summary ts-5556-002 (pdf) drawing (pdf) test summary ts-5569-001 (pdf) product specification ps-45750-001 (pdf) rohs certificate of compliance (pdf) product specification ps-5556-001 (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 5569 application power, wire-to-board comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 mini-fit? plus hcs crimp terminal crimped to 16 awg wire., see molex product specification ps-5556-001 for additional current de-rating information. overview mini-fit jr.? power connectors product name mini-fit jr.? upc 884982064058 physical breakaway no circuits (loaded) 6 circuits (maximum) 6 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating gold material - plating termination matte tin material - resin nylon net weight 1.529/g number of rows 2 orientation right angle pc tail length 3.60mm pcb locator yes pcb retention yes pcb thickness - recommended 1.78mm packaging type bag pitch - mating interface 4.20mm pitch - termination interface 4.20mm plating min - mating 1.270m series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5569 series mates with 5557 mini-fit jr.? receptacle housing
plating min - termination 1.270m polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 13a voltage - maximum 600v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 240 material info old part number 5569-04a2gs3-t reference - drawing numbers product specification ps-45750-001, ps-5556-001 sales drawing sda-5569-na2*-* test summary ts-5556-002, ts-5569-001 this document was generated on 07/11/2014 please check www.molex.com for latest part information
|