Part Number Hot Search : 
6404A PT2300L 2815A 2N2788 10D10 LC7520 TS9519GS M74LS96P
Product Description
Full Text Search
 

To Download 2400E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d ata s heet f ujitsu server primequest 2400e 3 page 1 of 9 www.fujitsu.com/ primequest/ datasheet f ujitsu server primequest 2 4 00e 3 mission critical t he mission critical open system fujitsu primequest provides high - end server functionality using superior fujitsu technology, long cultivated and refined over generations of computer system development . the most cost - efficient enterprise server the m ission c ritical x86 server " fujitsu primequest is a high - end data center system focused on the needs of the growing enterprise. based on technologies and innovations fujitsu has refined over generations of highly reliable mainframe and unix servers, it provides mission critical class high - performance, excellent service availability and the openness of x86 servers. global standard linux? and/or microsoft? windows? operating systems, with highly advanced fujitsu reliability, stability and manageability technologies, make fujitsu primequest a highly cost effective mission critical open platform. customer investment is fully secured by: ability to operate a 24 - hour , 365 - day business. outstanding performance and reliability. excellent flexibility and scalability in an open server. a radically improved cos t/performance profile. use optimization and scalability for the future. p latform of standard s and high availability with outstanding redundancy, fujitsu primequest 2 4 00 e 3 provides the high uptime required from true enterprise platforms. the heart of the server, the system boards including cpus and memory modules, can be instantly recovered on failure, enabling smooth operation of mission - critical workloads. in fact, almost every component can be redundantly conf igured. this new primequest is the world - first open server platform which enables online addition and replacement of system boards and i/o boards C customers can be freed from system business disruption. under the strict quality standards in fujitsus production processes - from server design to manufacturing and quality assurance C fujitsu primequest can dramatically reduce failure rates. platform of excellent performance per cost primequest 2400e 3 helps reduce running costs for mission critical systems including software support charges.
d ata s heet f ujitsu server primequest 2400e 3 page 2 of 9 www.fujitsu.com/ primequest/ features and benefits main features b enefits complete redundancy and online recovery function almost all the components can be redundant ly configured u nique redundancy at the heart of server , including system boards and system interconnect s, offers even greater protection system boards or i/o units can be replaced online if any of them fails. systems on fujitsu primequest 2 4 0 0e 3 can continue operation even if a component fails c entral component failure is usually fatal for continued system operation. fujitsu primequests unique levels of redundancy dynamic reconfiguration can help recover from failure without system interruption highest data throughput in mission critical arena highest level of database performance in mission critical arena fujitsu primequest 2 4 00e 3 can satisfy customers demand to expand business platform without disruption high performance for computation, memory access, and i/o high data throughput even for very large data customers can save money for system investment until business growth requires system expansion for demands for cost - efficiency and performance upgrade, ssd disk drives can be the best solution. for demands for high performance upgrade, pcie ssd can be the best solution o nly grow as you need, only buy for that growth online addition of system board or i/o units can increase performance in simple manner. rich variety of i/o products solid state drive products for disk drives and flash memory connected through pcie are selectable according to customers demands such as cost efficiency and high performance secure confidential data even if confidential data is stolen, the stolen data cannot be used maliciously intel xeons on s implified server lifecycle management an integrated suite of tools takes care of servers and their component products in your datacenter over the entire life of the server h uman resource costs for server management, including: installation, integration, monitoring, maintenance, and upgrading are reduced risk - free virtualization physical partitioning of up to four partitions and extended partitioning of up to eight partitions are available. for customers undertaking system virtualization for the first time, physical partitioning is the best entry strategy. there are no performance overheads and no incompatibilities with applications extended partitioning, doubling the number of partitions, c an save operational costs by server consolidation.
d ata s heet f ujitsu server primequest 2400e 3 page 3 of 9 www.fujitsu.com/ primequest/ topics almost every component redundant with fujitsu primequest 2 4 00e 3 , your most important business operations can be strictly protected from errors as follows: partitions using multiple system boards (sb) can continue operation even if one full system board fails. service may degrade a little, but the failed system board can be immediately replaced by a reserved system board. this means normal service lev els can be very quickly resumed dynamic r econfiguration help recover from failures on system boards or i/o units without system stoppage memory can be mirrored. this means that even if a memory failure occurs the application will continue using the correct data. with double data device correction (dddc), even if two memory chips fail, the system can continue operation without interruption . with address range mirror, you can eliminate system down caused by memory failures while saving investment to make memory r edundant. failed processor cores can be replaced by reserved cores using extended partitioning system interconnect, called quick p ath interconnect (qpi), provides multiple access routes. this ensures continued ope ration even if one route fails fans, pci express switches, pci express cards, and ethernet ports, are redundant as standard hdd can be configured redundant using hardware or software raid manage m ent boards (mmb) and power supply units (psu) can be opti onally configured as redundant with new memory technology called d dr4 inside the box, data protection of p rimequest 2 4 00e2 has become more resilient. bank sddc/dddc is expanded recovery from sddc/dddc recovery in units of dram to recovery in units of bank of dram. memory recovery in more granular level strengthens data protection of primequest C multi memory rank sparing allows rese r ves memory ranks of dimm to replace memory ranks in correctable errors with the reserved ones without intervention of operation. with enhancement of problem prevention mechanism ca lled emca gen2, primequest 2800e2 helps eliminate problems in cpu, memory, or io by detections of recoverable errors via system trace. even if such recoverable errors happen, servers can continue their operations. only grow as you need, only buy for th at growth with up to 146 cores and maximum 12 tb of memory, fujitsu primequest 24 00e 3 has the resources to accommodate hundreds of workloads. performance has doubled ensuring fujitsu primequest 24 00e 3 capability as an enterprise workload platform continues to expand . outstanding performance from such a compact chassis means fujitsu primequest 2400e 3 is the platform for success when you really need secure co nfidential data fujitsu primequest embeds security measures into its hardware and os. due to swift encryption by advanced encryption standard new instructions (aes - ni) with the intel xeon e7 - 8800 v 4 product family, a hacker could never maliciously use any stolen data. as an example, oracle database 12 c and xeon processors shrink the encryption time to one - tenth . much lower operational costs fujitsu primequest 2 4 00e 3 can reduce operational costs: power consumption, datacenter space, and oracle license and support changes . and it triples oltp performance per oracle database license and support charge compared to previous generation of primequest. simplified server lifecycle management during a servers life cycle you must undertake a variety of actions automated os installation on multiple servers automated raid configuration automated driver updates, hot fixes and security patch applications integrated monitoring of multiple fujitsu primequest and fujitsu primergy servers simplified setup and monitoring of disk array controllers, hdd, and logical drives the suite also enables early problem detection and resolution via intuit ive diagnostics, look - and - feel operation and pro - active error alerts.
d ata s heet f ujitsu server primequest 2400e 3 page 4 of 9 www.fujitsu.com/ primequest/ topics risk - free virtualization using fujitsu primequest and industry standard virtualization, such as vmware vsphere? never spread to other partitions. with vmware vsphere? if you are planning to accommodate greater numbers of workloads, you can mix standard virtualization products with physical partition ing. such state - of - the - art virtualization means applications can share system resources more flexibly, while main systems remain fully protected. if you plan to save server operational costs by consolidat ion of up to four servers , you can use extended partitioning.
d ata s heet f ujitsu server primequest 2400e 3 page 5 of 9 www.fujitsu.com/ primequest/ physical partition max. two physical partition s form from max. two system boards , max. two memory scaleup boards, max. four io units, and max. two disk units extended p artition max. four extended p artitions mainboard type u p to 2 x system b oard system boards processor quantity 2 processor per system board processor type intel xeon ? processor e7 - 8860v4 (18c/36t, 2.2ghz, tlc:45mb, 140w) intel xeon ? processor e7 - 8867v4 (18c/36t, 2.4ghz, tlc:45mb, 165w) intel xeon ? processor e7 - 8870v4 (20c/40t, 2.1ghz, tlc:50mb, 140w) intel xeon ? processor e7 - 8880v4 (22c/44t, 2.2ghz, tlc:55mb, 150w) intel xeon ? processor e7 - 8890v4 (24c/48t, 2. 2 ghz, tlc:60mb, 165w) intel xeon ? processor e7 - 8855v4 (14c/28t, 2.1ghz, tlc:35mb, 140w) intel xeon ? processor e7 - 8891v4 (10c/20t, 2.8ghz, tlc:60mb, 165w) intel xeon ? processor e7 - 8893v4 (4c/8t, 3.2ghz, tlc:60mb, 140w) memory slots 96 memory slot type ddr 4 memory capacity (min. - max.) 16 gb - 1 2 tb memory protection ecc extended ecc double data device correction memory patrol memory mirroring ; full and partial mirroring available bank dddc/sddc multi memory rank sparing address based memory mirror m emory notes up to 96 dimm slots per server within 2 system boards, each equipped with 2 memory mezzanine cards. 1 2 tb will be available with 256gb memory available as special release . 6tb is available with 128gb memory as general release. memory modules 16 gb (2 x 8 gb ) ddr4, rdimm, ecc 32 gb (2 x 16 gb ) ddr 4, rdimm , ecc 64 gb (2 x 32 gb ) ddr 4 , rdimm, , ecc 128 gb (2 x 64 gb ) ddr4,lrdimm, ecc 256 gb (2 x 128 gb ) ddr4,lrdimm, ecc memory modules notes memory modules are delivered in units of 2 dimmss per order code 256 gb memory is available as special release memory scaleup board max. two memory scaleup board memory slot 48 slots per memory scaleup board memory slot type ddr 4 memory capacity (min. - max.) 16 gb - 3 tb per memory scaleup board memory protection same memory protection as system board memory module all memory modules available for system boards are available for memory scaleup board 256gb memory is not mountable to memory scaleup board d rive bays
d ata s heet f ujitsu server primequest 2400e 3 page 6 of 9 www.fujitsu.com/ primequest/ disks can be mounted in max. two system bords and in max. two disk units hard disk bay configuration - internal storage : max. 16 x 2.5 - inch for sas - external storage : max. 576 x 2.5 - inch for sas hard disk drive hdd sas, 12gb/s, 300 gb, 15,000 rpm, hot - plug, 2.5 - inch, enterprise hdd sas, 12gb/s, 300 gb, 10,000 rpm, hot - plug, 2.5 - inch, enterprise hdd sas, 12gb/s, 600 gb, 15,000 rpm, hot - plug, 2.5 - inch, enterprise hdd sas, 12gb/s, 600 gb, 10,000 rpm, hot - plug, 2.5 - inch, enterprise hdd sas, 12gb/s, 900 gb, 10,000 rpm, hot - plug, 2.5 - inch, enterprise hdd sas, 12gb/s, 1.2 tb, 10,000 rpm, hot - plug, 2.5 - inch, enterprise hdd sas, 12gb/s, 1.8 tb, 10,000 rpm, hot - plug, 2.5 - inch, enterprise raid controller praid ep420i (2gb cache) raid 0/1/1 0 /5/ 50/ 6/ 6 0 and hot spare supported optional fbu, license activation key for cachecade 2.0 and fastpath for praid ep420i interfaces lan ports in max. four io units are available. lan max . four sets of lan ports below selectable - 1 x dual 1gbps ethernet ( rj45 ) ports for iou 1gbe - 1 x dual 1 0 gbps ethernet (rj45) ports for iou 10gbe graphics (15 - pin) 1 per system board serial 1 (9 - pin) 1 per management board m anagement lan (rj45) 1 per management board s lots pcie slots in max. four io units and max. four pci boxes are available. pci express max. four sets of pcie 3 slots below selectable - 4 low profile pcie 3 slots for iou 1gbe - 1 low profile pcie 3 slots and 2 pcie 3 full height slots for iou 10gbe note expandable to 56 slots when using pci boxes d rive bays storage drive bays 2.5 - inch hot - plug sas storage drive bay configuration max. 16 x 2.5 - inch general system information number of fans 6 fan modules contained in psu and fanu f an configuration h ot plug operating panel s tatus led system status (orange / yellow) power (amber / green) i dentification (blue) connectable components fib re channel controllers single channel 8gbps fiber channel card dual channel 8gbps fiber channel card single channel 16 gbps fiber channel card dual channel 16 gbps fiber channel card lan controllers dual channel 1000base - t card quad channel 1000base - t card dual channel 10g base - t lan card dual channel 10g base lan card 10gbase - sr sfp+ optical module f coe cards dual channel fcoe card (10gbps)
d ata s heet f ujitsu server primequest 2400e 3 page 7 of 9 www.fujitsu.com/ primequest/ infiniband controllers single channel 56gbps infiniband card dual channel 56 gbps infiniband card single channel 100 gbps infiniband card dual channel 100 gbps infiniband card sas controllers dual channel sas raid controll card dual channel sas controll card pcie ssd pcie ssd card (800 gb) pcie ssd card (1.2 tb) pcie ssd card (2.0 tb) optional software server management serverview suite optional software server management s erverview suite C control sv operations manager including pda and asr & r (pre - failure and analysis; automatic server recovery and restart) sv performance manager sv power management sv raid manager serverview suite C maintain sv remote management sv update management sv asset management sv online diagnostics serverview suite - integrate ras features problem prevention emca gen2 redundant components memory (memory mirroring), hdd (raid0/1/1e/5/6/10), power supply unit (option), pci card (option), fan, system board (reserved system board), manage m ent board (option), d u al power supply to server (option) , processor core degradation online maintenance online replacement of io units is available using dynamic reconfiguration and red hat enterprise linux 6. online replacement of system boards is supported as hardware level. online replacement of pcie slots in pci box is available . online firmware update online upgrade online addition of system boards and io units is available using dynamic reconfiguration and red hat enterprise linux 6 quick path interconnect data transferred between system boards protected by system interface error detection, re - transmission, and degradation. removes cabling errors, cabling work and cable problems when changing operating system microsoft windows server? 20 12 r2 microsoft windows server? 20 12 r2 standard edition (64 - bit) microsoft windows server? 20 12 r2 datacenter edition (64 - bit) red hat enterprise linux red hat enterprise linux 6 ( for intel64) red hat enterprise linux 7 ( for intel64) suse linux enterprise server novell suse linux enterprise server 11 novell suse linux enterprise server 12 vmware vmware vsphere 6
d ata s heet f ujitsu server primequest 2400e 3 page 8 of 9 www.fujitsu.com/ primequest/ cable - less design in chassis partition configurations. dimensions / weight weight 12 8 kg (2 82 lb.) rack - mount (w x d x h) 4 45 x 778 x 438 mm, 1 0 u environment noise emission 60 db operating ambient temperature 5 C 35 degree c operating relative humidity 20 C 80 % operating relative altitude 3000 m operating environment gaseous and particulate contamination guidelines for datacenters operating environment link http://www.fujitsu.com/downloads/ prmqst/documents/pq - gaseous - particulat e - contamination - guidelines - datacenter.pdf electrical values rated operating range 100 - 240 vac 10% rated frequency range 50/60 hz +2%, - 4% active power max. - 4,100 watts heat emission - 13,989.8 btu rush currency max. 20a compliance europe emc directive 2004/108/ec low voltage directive 2006/95/ec rohs directive(2002/95/ec) usa/canada fcc ices - 003 japan vcci service link service link www.fujitsu.com/support
d ata s heet f ujitsu server primequest 2400e 3 page 9 of 9 www.fujitsu.com/ primequest/ more information f ujitsu platform solutions in addition to fujitsu primequest 2 400e 3 , fujitsu provides a range of platform solutions. they combine reliable fujitsu products with the best in services, know - how and worldwide partnerships. dynamic infrastructures with the fujitsu dynamic infrastructures approach, fujitsu offers a full portfolio of it products, solutions and services, ranging from clients to datacenter solutions, man aged infrastructure and infrastructure - as - a - service. how much you benefit from fujitsu technologies and services depends on the level of cooperation you choose. this takes it flexibility and efficiency to the next level. computing p roducts www.fujitsu.com /global/services/computing/ - primergy: industrial standard server - fujitsu m10 : unix server - primequest: mission - critical ia server - eternus: storage system software www.fujitsu.com/software/ - interstage: application infrastructure software - system w alker: system management software m ore information learn more about fujitsu primequest 2 400e 3 , please contact your fujitsu sales representative, fujitsu business partner, or visit our website. www.fujitsu.com/ primequest / f ujitsu green policy innovation fujitsu green policy innovation is our worldwide project for reducing burdens on the environment. using our global know - how, we aim to resolve issues of environmental energy efficiency through it. please find further information at: www .fujitsu.com/global/about/environment/ c opyright ? copyright 20 1 6 fujitsu limited fujitsu, the fujitsu logo, [other fujitsu trademarks /registered trademarks] are trademarks or registered trademarks of fujitsu limited in japan and other countries. other company, product and service names may be trademarks or registered trademarks of their respective owners. d isclaimer technical data subject to modification and delivery subject to availability. any liability that the data and illustrations are complete, actual or correct is excluded. designations may be trademarks and/or copyrights of the respective manufacturer, the use of which by third parties for their own purposes may infringe the rights of such owner.


▲Up To Search▲   

 
Price & Availability of 2400E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X