Part Number Hot Search : 
1473J 1778845 M013TR CS5010RQ 120EC 56F80 31B2400 S5BBT
Product Description
Full Text Search
 

To Download 22-12-2034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/16/2014 please check www.molex.com for latest part information part number: 22-12-2034 status: active overview: kk? interconnect system - molex description: kk? 254 solid header, right angle, with friction lock, 3 circuits, 0.51m gold (au) plating documents: 3d model product specification ps-10-07 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 7478 application signal, wire-to-board overview kk? interconnect system - molex product name kk? 254 upc 800753592186 physical breakaway no circuits (loaded) 3 circuits (maximum) 3 color - resin natural (white) durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal brass material - plating mating gold material - resin nylon net weight 0.385/g number of rows 1 orientation right angle pc tail length 3.58mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 2.54mm pitch - termination interface 2.54mm polarized to mating part yes polarized to pcb yes shrouded partial stackable yes temperature range - operating see product specification termination interface: style through hole electrical current - maximum per contact 4a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 7478 series mates with 2695 , 6471 , 7880 , 4455 , 7720
lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number a-7478-03a241 reference - drawing numbers product specification ps-10-07, rps-6373-001 this document was generated on 06/16/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 22-12-2034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X