Part Number Hot Search : 
IR21771S 222MA LVC257A RA503GP 35V4X MBD444 28F128 0150C
Product Description
Full Text Search
 

To Download ZXCT1086QE5TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 1 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q automotive grade precision high voltage high-side current monitors description the zxct1082q/83q/84q/85q/86q/87q are high side unipolar current sense monitors. these devices eliminate the need to disrupt the ground plane when sensing a load current. the zxct1082q/1084q/1086q have 60v maximum operating voltages and zxct1083q/1085q/1087q have 40v maximum operating voltages. the wide common-mode input voltage range and low quiescent currents coupled with sot25 packages make them suitable for a range of applications; including automotive and systems operating from industrial 24-28v rails. their quiescent current is only 0.6a thereby minimizing current sensing error. the zxct1082q and zxct1083q use three external transconductance/gain setting resistor s which increase versatility by permitting wide gain ranges and optimization of bandwidths. the zxct1084q/85q/86q/87q are fixed gain voltage output counterparts of the zxct1082q/83. the zxct1082q/3q/4q/5q/6q/7q have been qualified to aec-q100 grade 1 and are automotive grade supporting ppaps. pin assignments typical application circuits zxct1084q/85q: v out = 25 x v sense zxct1086q/87q: v out = 50 x v sense zxct1082q/83q: v out =v sense r g r gt features ? wide supply and common-mode voltage range ? 2.7v to 60v zxct1082q/84q/86q ? 2.7v to 40v zxct1083q/85q/87q ? independent supply and input common-mode voltage ? low quiescent current (0.6a). ? aec-q100 grade 1 qualified ? extended industrial temperate range -40 to +125c ? sot25 package in green molding ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? automotive grade ? qualified to aec-q100 standards for high reliability ? ppap capable (note 4) applications ? automotive current measurement ? automotive battery management ? automotive over current monitor notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q100 qualified and are ppap capabl e. automotive, aec-q100 and standard products are electrically and thermally the same, except where specified. for more information, please refer to http://www.diodes.com/quality/product_compliance_de finitions. s+ s- r sense v cc v supply load v load gnd out zxct1084/1085 zxct1086/1087 s+ s- r sense v cc v supply r gt load r gt v load gnd out zxct1082/1083 r g ? 1 2 34 5 v cc s- out gnd s+
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 2 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q pin description pin name function common zxct1082q/83q zxct1084q/85q/86q/87q 1 out output pin. current output. voltage output 2 gnd ground pin. 3 s+ this is the positive input of the current monitor. it has a wide common-mode input range. the current through this pin varies with differential sense voltage. an external resistor, r gt , should be connected from s+ to the input side (v supply ) of the sense resistor should be directly connected to the input side (v supply ) of the sense resistor. 4 s- this is the negative input of the current monitor. it has a wide common-mode input range. an external resistor, r gt , should be connected from s- to the load side (v load ) of the sense resistor. should be directly connected to the load side (v load ) of the sense resistor. 5 v cc this is the analogue supply and provides power to internal circuitry. absolute maximum ratings parameter rating unit zxct1082q/84q/86q zxct1083q/85q/87q ? voltage on s- and s+ -0.3 to 65 -0.3 to 45 v voltage on v cc -0.3 to 65 -0.3 to 45 v voltage on out -0.3 to v s- v differential input voltage, v s+ - v s- (notes 5, and 6) 800 mv input current into s+ or s- (notes 5, and 6) 12 ma storage temperature -55 to +150 c maximum junction temperature +150 c package power dissipation (de-rate to zero at +150c) 300 at t a = +25c mw esd rating hbm human body model 3 kv mm machine model 250 v cdm charged device model tbd kv caution: stresses greater than the 'absol ute maximum ratings' specified above, may cause permanent damage to the device. these are stress ratings only; functional operation of the devic e at these or any other conditions exceeding thos e indicated in this specification is not impl ied. device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time. semiconductor devices are esd sensitive and may be damaged by ex posure to esd events. suitable esd precautions should be take n when handling and transporting these devices. notes: 5. for the zxct1082/83 v sense = ?v supply ? ? ?v load ? where v load is the load voltage or the lower potent ial side of the sense resistor. for the zxct1083/84/85/86 v sense = ?v s+ ? ? ?v s- ? 6. the differential input voltage limit, v s+ - v s- may be exceeded provided that the input current limit into s+ or s- is not exceeded recommended operating conditions symbol parameter min max units v in zxct1083q/1085q/1087q common-mode input range zxct1082q/1084q/1086q common-mode input range 2.7 2.7 40 60 v v cc zxct1083q/1085q/1087q supply voltage range zxct1082q/1084q/1086q supply voltage range 2.7 2.7 40 60 v v sense differential sense input voltage range 0 0.5 v v out output voltage range (note 5) 0 v s- -1 v t a ambient temperature range -40 +125 c
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 3 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q electrical characteristics test conditions t a = +25 ? c, v s+ = 12v, v cc = 5 v, v sense = 100mv (note 5), zxct1082q/83q r gt = 5k ? , r g = 125k ? ; unless otherwise stated. (ft = -40c to +125c) symbol parameter conditions min typ max units input i s+ s+ input current v sense = 0mv (note 5) ? ? 1.7 ? a t a = ft ? ? 5 i s- s- input current ? ? 1.7 ? a t a = ft ? ? 5 v io input offset voltage (note 7) v sense = 0mv ? ? 0.2 1 mv zxct1082q/ 83q/ 84q/ 85q t a = ft ? ? 2.5 zxct1086q/ 87q t a = ft ? ? 3 temperature co-efficient ? 4 ? v/k output g t transconductance zxct1082q/83q v sense = 10mv to 150mv (notes 5, 8) ? ? 200 ? a/v g t-err transconductance error (note 9) ? -1 ? +1 % t a = ft -2 ? +2 g t-tc transconductance temperature co-efficient t a = ft ? 10 ? na/k z out output impedance zxct1082q/83q ? 1||5 ? g ? ||pf g v gain zxct1084q/85q/86q/87q v sense = 10mv to 150mv (note 5) zxct1084q/85q ? 25 ? v/v zxct1086q/87q ? 50 ? g v-err gain error (note 9) ? -1 ? +1 % t a = ft -2 ? +2 g v-tc voltage gain temperature co-efficient t a = ft ? 100 ? ppm/k z out output impedance zxct1084q/85q/86q/87q ? 125 ? k ? v outh output relative to common mode, v s- zxct1082q/83q v load - 1 v load - 0.8 ? v zxct1084q/85q/86q/87q v s- - 1 v s- - 0.8 ? notes: 5. for the zxct1082/83 v sense = ?v supply ? ? ?v load ? where v load is the load voltage or the lower potent ial side of the sense resistor. for the zxct1083/84/85/86 v sense = ?v s+ ? ? ?v s- ? 7. v io is extrapolated from measurements for the gain-error test. 8. for v sense > 10mv, the internal voltage-current converter is fully linear. this enables a true offset to be defined and used. 9. gain or transconductance error is calculated by applying two values of v sense and calculating the error of the slope vs. the ideal.
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 4 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q electrical characteristics (cont.) test conditions t a = +25 ? c, v s+ = 12v, v cc = 5 v, v sense 1 = 100mv, zxct1082q/83q r gt = 5k ? , r g = 125k ? ; unless otherwise stated. (ft = -40c to +125c) symbol parameter conditions min typ max units ac characteristics bw -3db small signal bandwidth v sense (ac) = 10mv pp (note 5) g = 25 ? 500 ? khz g = 50 ? 200 ? t s(0.1%) settling time (0.1%) v sense = 50mv to 300mv step g = 25 ? 5 ? s v sense = 50mv to 200mv step g = 50 ? 7 ? i n-out output noise current density f = 1khz zxct1082q/83q ? 12 ? pa/ ? hz f = 10khz ? 10 ? total output noise current f = 0.1hz to 100khz ? 3 ? na rms v n-out output noise voltage density f = 1khz zxct1084q/85q ? 1.5 ? v/ ? hz zxct1086q/87q ? 2.9 ? f = 10khz zxct1084q/85q ? 1.2 ? zxct1086q/87q ? 2.3 ? total output noise voltage f = 0.1hz to 100khz zxct1084q/85q ? 390 ? v rms zxct1086q/87q ? 730 ? power supply i cc v cc supply current v sense = 0v ? ? 0.6 ? a t a = ft ? ? 2 ? psrr (note 10) v cc supply rejection ratio zxct1083q/85q: v sense = 60mv; v cc = 2.7v to 40v ? 80 100 ? db t a = ft 75 ? ? zxct1087q: v sense = 30mv; v cc = 2.7v to 40v ? 80 100 ? t a = ft 75 ? ? zxct1082q/84q: v sense = 60mv; v cc = 2.7v to 60v ? 80 100 ? t a = ft 75 ? ? zxct1086q: v sense = 30mv; v cc = 2.7v to 60v ? 80 100 ? t a = ft 75 ? ? cmrr (note 10) common-mode sense rejection ratio zxct1083q/85q: v sense = 60mv; v s+ = 2.7v to 40v ? 80 100 ? db t a = ft 80 ? ? zxct1087q: v sense = 30mv; v s+ = 2.7v to 40v ? 80 100 ? t a = ft 80 ? ? zxct1082q/84q: v sense = 60mv; v s+ = 2.7v to 60v ? 80 100 ? t a = ft 80 ? ? zxct1086q: v sense = 30mv; v s+ = 2.7v to 60v ? 80 100 ? t a = ft 80 ? ? note: 10. measured relative to input
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 5 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q typical characteristics (@ v s+ = 12v, v cc = 5v v sense = 100mv, r gt = 5k ? , r g = 125k ? , t a = +25c, unless otherwise stated.) 0 2 4 6 8 i (a) cc 12 14 16 18 20 01020304050 60 85c 25c -40c 125c v(v) cc supply current vs. supply voltage 10 v = 0v v = 25c r = 5k r = 125k sense s+ gt g ? ? ? 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0102030405060 v (v) s+ s+ input current vs. s+ voltage v = 0v t = 25c v= 5v r = 5k r = 125k sense a cc gt g ? ? ? i (a) s+ ? 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0102030405060 v (v) i input current vs. v cc s+ cc i ( a ) s+ ? 0 10 20 30 40 50 60 70 80 90 100 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 v (v) sense i input current vs. v s+ sense i(a) s+ ? v= 5v cc t = 25c v 12v r = 5k r = 125k a s+ gt g ? ? ? 1.400 1.405 1.410 1.415 1.420 1.425 1.430 1.435 1.440 1.445 1.450 -40 -25 -10 5 20 35 50 65 80 95 110 125 t temperature ( c) i input current vs. ambient temperature a s+ ? i input c urr e nt ( a) s+ ? v = 0v v= 5v r = 5k r = 125k sense cc gt g v 12v s+ ? ? 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 102030405060 v (v) i input current vs. s+ voltage s+ s- i ( a ) s- ? v= 5v v = 0v cc sense t = 25c r = 5k r = 125k a gt g ? ? ?
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 6 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q typical characteristics (cont.) (@ v s+ = 12v, v cc = 5v, v sense = 100mv, r gt = 5k ? , r g = 125k ? , t a = +25c) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 102030405060 i (a) s- ? v (v) i input current vs. supply voltage cc s- r = 5k r = 125k v 12v t = 25c v = 0v s+ a sense ? gt g ? ? 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 v (v) i input current vs. v different voltage sense s- sense i (a) s- ? r = 5k r = 125k v 12v t = 25c v= 5v s+ a cc ? gt g ? ? 1.390 1.395 1.400 1.405 1.410 1.415 1.420 1.425 1.430 -40 -25 -10 5 20 35 50 65 80 95 110 125 t temperature ( c) i input current vs. ambient temperature a s- ? i (a) s- ? r = 5k r = 125k v = 0v v 12v v= 5v sense s+ cc gt g ? ? 0 2 4 6 8 10 12 14 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 gain = 10 gain = 25 gain = 100 v (v) out v (v) output voltage vs. v sense sense r = 5k v 12v v= 5v t = 25c s+ cc a ? gt ? 0.24 0.242 0.244 0.246 0.248 0.25 -40 -25 -10 5 20 35 50 65 80 95 110 125 v = 2.7v s+ v= 12v s+ v = 40v s+ v = 60v s+ t temperature ( c) v vs. ambient temperature a out ? v (v) out r = 5k r = 125k v = 10mv v= 5v sense cc gt g ? ? 0.241 0.242 0.243 0.244 0.245 0.246 0.247 0.248 0.249 0.25 0.251 -40 -25 -10 5 20 35 50 65 80 95 110 125 v = 2.7v cc v = 5v cc v = 40v cc v = 60v cc t temperature ( c) v vs. ambient temperature a out ? v (v) out r = 5k r = 125k v = 10mv v= 12v sense s+ gt g ? ?
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 7 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q typical characteristics (cont.) (@ v s+ = 12v, v cc = 5v, v sense = 100mv, r gt = 5k ? , r g = 125k ? , t a = +25c) 0 2 4 6 8 10 12 14 0102030405060 v (v) out v (v) v vs. v s out s + + v = 500mv sense v = 100mv sense v = 10mv sense v= 5v t = 25c cc a ? r = 5k r = 125k gt g ? ? -0.05 0.00 0.05 0.10 0.15 v (v) out 0.25 0.30 0102030405060 0.20 v (v) v vs. v cc out c c r = 5k r = 125k v = 10mv t = 25c sense a ? gt g ? ? v = 3.6v s+ v = 10v s+ 24.93 24.94 24.95 24.96 24.97 24.98 24.99 25.0 0 -40 -25 -10 5 20 35 50 65 80 95 110 125 temperature ( c) differential gain vs. temperature ? differential gain v= 30 - 100mv sense v= 20 - 30mv sense v= 10 - 20mv sense v = 100 - 150mv sense r = 5k r = 125k v = 5v v= 12v cc s+ gt g ? ? -5 -4.5 -4 -3.5 -3 -2.5 -2 -1.5 -1 -0.5 0 .00 .05 .10 .15 .20 .25 .30 .35 .40 .45 .50 v (v) error vs. v sense sense err o r ( % ) -0.3 -0.25 -0.2 -0.15 -0.1 -0.05 0 0 102030405060 error (%) v (v) error vs. v cc cc gain = 100 gain = 10 gain = 50 v = 5v v = 12v t = all temp r = 5k cc s+ a gt ? -1 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0 0 102030405060 v = 10mv sense gain 100 gain 50 gain 10 error ( % ) v (v) error vs. v s+ s+
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 8 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q typical characteristics (cont.) (@ v s+ = 12v, v cc = 5v, v sense = 100mv, r gt = 5k ? , r g = 125k ? , t a = +25c) -20.0 -10.0 0.0 10.0 20.0 30.0 40.0 1e+0 100e+0 10e+3 1e+6 100e+6 frequency (hz) small signal bandwidth vs. frequency g ain (db) gain = 50 gain = 10 gain = 1 v = 5v, v = 12v v = 10mv t = 25c r = 5k cc s+ sense a gt ? ? -20 -10 0 10 20 30 40 100e+3 1e+6 10e+6 100e+6 gain (db) frequency (hz) small signal bandwidth vs. frequency gain = 50 gain = 10 gain = 1 85 c ? 125 c ? -40 c ? 25 c ? v = 5v, v = 12v v = 10mv t = 25c r = 5k cc s+ sense a gt ? ? -0.05 0 0.05 0.1 0.15 0.2 0.25 0.3 0 12 3 4 567 8910 -1 0 1 2 3 4 5 6 v (v) out v (v) sense time ( s) large signal pulse response ? v out v sense v = 5v v = 12v t = 25c r = 5k cc s+ a gt ? ? r = 125k g ? 0 0.05 0.1 0.15 0.2 0.25 012345678910 1 2 3 4 5 6 v (v) out v (v) sense time ( s) large signal pulse response ? v out v sense v = 5v v = 12v t = 25c r = 5k cc s+ a gt ? ? r = 125k g ? v (v) o ut v (v) sense time ( s) small signal pulse response ? -0.025 -0.02 -0.015 -0.01 -0.005 0 0.005 0.01 0.015 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 -0.1 -0.05 0 0.05 0.1 0.15 0.2 0.25 0.3 0 0.005 0.01 0.015 0.02 0.025 012345678910 0.1 0.2 0.3 0.4 0.5 0.6 v (v) out v (v) sense time ( s) small signal pulse response ? v = 5v v = 12v t = 25c r = 5k cc s+ a gt ? ? r = 125k g ? v out v sense
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 9 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q typical characteristics (cont.) (@ v s+ = 12v, v cc = 5v, v sense = 100mv, r gt = 5k ? , r g = 125k ? , t a = +25c) -0.005 0 0.005 0.01 0.015 0.02 0.025 012345678910 0.00 0.10 0.20 0.30 0.40 0.50 0.60 v = 5v v = 12v t = 25c r = 5k cc s+ a gt ? ? r = 125k g ? v (v) out v (v) sense time ( s) small signal pulse response ? v out v sense 0 20 40 60 80 100 120 140 1e+0 100e+0 10e+3 1e+6 100e+6 cmrr (db) frequency (hz) common mode rejection vs. frequency v = 5v v = 12v v = 10mv r = 5k gain cc s+ sense gt ? = 1 -40 c ? 25 c ? 125 c ? 0 20 40 60 80 100 120 140 1.0e+00 1.0e+02 1.0e+04 1.0e+06 1.0e+08 cmrr (db) frequency (hz) common mode rejection vs. frequency -20 0 20 40 60 80 100 120 1e+0 100e+0 10e+3 1e+6 100e+6 cmrr (db) frequency (hz) common mode rejection ratio vs. frequency v = 5v v = 12v v = 10mv r = 5k gain cc s+ sense gt ? = 10 -40 c ? 25 c ? 125 c ? -20 0 20 40 60 80 100 120 1.0e+00 1.0e+02 1.0e+04 1.0e+06 1.0e+08 frequency (hz) common mode rejection ratio vs. frequency c m rr (db) v = 5v cc v = 12v v = 100mv r = 5k gain = 50 s+ sense gt ? -40 c ? 25 c ? 85 c ? 125 c ? 50 100 150 200 250 300 1.0e+00 1.0e+02 1.0e+04 1.0e+06 1.0e+08 -40 c ? 25 c ? 85 c ? 125 c ? v = 5v cc v = 12v v = 10mv r = 5k gain = 1 s+ sense gt ? frequency (hz) power supply rejection ration vs. frequency ps r r (db)
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 10 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q typical characteristics (cont.) (@ v s+ = 12v, v cc = 5v, v sense = 100mv, r gt = 5k ? , r g = 125k ? , t a = +25c) 50 100 150 200 250 300 1.0e+00 1.0e+02 1.0e+04 1.0e+06 1.0e+08 frequency (hz) power supply rejection ration vs. frequency ps r r (db) v = 5v cc v = 12v v = 100mv r = 5k gain = 1 s+ sense gt ? -40 c ? 25 c ? 85 c ? 125 c ? 50 100 150 200 250 300 1.0e+00 1.0e+02 1.0e+04 1.0e+06 1.0e+08 -40 c 25c 85c 125 c p s r r (db) v = 5v v = 12v v = 10mv r = 5k gain = 10 cc s+ sense gt ? frequency (hz) power supply rejection ration vs. frequency 50 60 70 80 90 100 110 120 130 140 150 1.0e+00 1.0e+02 1.0e+04 1.0e+06 psrr (db) frequency (hz) power supply rejection ration vs. frequency v = 5v v = 12v v = 100mv r = 5k gain = 10 cc s+ sense gt ? -40 c 25c 85c 125 c 30 40 50 60 70 80 90 100 1e+0 10e+0 100e+0 1e+3 10e+3 100e+3 1e+6 -40 c 25c 85c 125 c v = 5v v = 12v v = 10mv r = 5k gain = 50 cc s+ sense gt ? p s r r ( d b) frequency (hz) power supply rejection ration vs. frequency 0 20 40 60 80 100 120 140 1e+0 10e+0 100e+0 1e+3 10e+3 100e+3 1e+6 psrr (db) frequency (hz) power supply rejection ratio vs. frequency 0 10 20 30 40 50 60 70 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 time (s) load dump vs. time voltage (v) input output
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 11 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q typical characteristics (cont.) (@ v s+ = 12v, v cc = 5v, v sense = 100mv, r gt = 5k ? , r g = 125k ? , t a = +25c) 1 10 100 1000 100.0e-3 10.0e+0 1.0e+3 100.0e+3 frequency (hz) output noise current vs. frequency v = 5v v = 12v v = 100mv t = 25c r = 5k gain = 25 cc s+ sense a gt ? ? zxct1082 output noise (pa/ hz) ? 1 10 10 0 10 00 100.0e-3 10.0e+0 1.0e+3 100.0e+3 output noise (v/ hz) ? frequency (hz) output noise voltage vs. frequency v = 5v v = 12v v = 100mv t = 25c cc s+ se ns e a ? zxct1084 1 10 100 1000 100.0e-3 10.0e+0 1.0e+3 100.0e+3 output noise (v/ hz) ? frequency (hz) output noise voltage vs. frequency v = 5v v = 12v v = 100mv t = 25c cc s+ se ns e a ? zxc t1086
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 12 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/ 84q/85q/86q/87q ordering information part number packaging (note 11) package code identification code packing: 7? tape and reel qualification grade (note 12) quantity tape width part number suffix zxct1082qe5ta sot25 e5 1082 3000 units 8mm ta automotive grade zxct1083qe5ta sot25 e5 1083 3000 units 8mm ta automotive grade zxct1084qe5ta sot25 e5 1084 3000 units 8mm ta automotive grade zxct1085qe5ta sot25 e5 1085 3000 units 8mm ta automotive grade ZXCT1086QE5TA sot25 e5 1086 3000 units 8mm ta automotive grade zxct1087qe5ta sot25 e5 1087 3000 units 8mm ta automotive grade note: 11. pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf 12. zxct1082q/83q/84q/85q/86q/87q have been qualified to aec-q100 gr ade 1 and is classified as ?a utomotive grade? which suppo rts ppap documentation. see zxct1082/82/84/85/86/87 datasheet for commercial qualified version. marking information : ident ification code : xxxx package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. sot25 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ?? ?? 0.95 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 n 0.70 0.80 0.75 ?? 0 8 ?? all dimensions in mm a m j l d b c h k n
zxct1082q/83q/84q/85q/86q/87q document number: ds37015 rev. 1 - 2 13 of 13 www.diodes.com april 2014 ? diodes incorporated a product line o f diodes incorporated zxct1082q/83q/84q/85q/86q/87q suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to ma ke modifications, enhancements, im provements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporat ed and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability wh atsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or unauthorized application, customers shall i ndemnify and hold diodes incorporated and its representat ives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into mu ltiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical comp onents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with inst ructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning the ir products and any use of diodes incorporated products in such safety-critica l, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arising out of the use of diodes incorporated products in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com dimensions value (in mm) z 3.20 g 1.60 x 0.55 y 0.80 c1 2.40 c2 0.95 x z y c1 c2 c2 g


▲Up To Search▲   

 
Price & Availability of ZXCT1086QE5TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X