dual band, cw helix twt series, 1000 watts, 5.85 - 6.425 ghz, and 2000 watts, 7.90 - 8.40 ghz, periodic-permanent-magnet focused, coaxial input, waveguide otuput, forced-air cooled. custom confgurations are also available. these vari - ations in the performance and confguration include: mechanical confguration, electrical and rf connec - tions, and dual-stage depressed collector. dual c/x-band helix twt series cpi | 4cw50,000j for information on this and other cpi products, visit our website at: www.cpii.com , or contact: cpi mpp division, 607 hansen way, palo alto, ca 94303 telephone : 1(800) 414-8823. fax : (650) 856-0705 | email : marketing@cpii.com cpi0809 the values listed above represent specifed limits for the product and are subject to change. the data should be used for basic information only. formal, controlled specifcations may be obtained from cpi for use in equipment design. cpi | dual c/x b an d h el ix twt s er i e s fea t ure s ? dual band (c/x) ? 5.85 - 6.425 ghz, 1 kw 7.90 - 8.40 ghz, 2 kw ? coaxial input / waveguide output ? any mounting position ? weight: 25 lbs. max ? forced-air cooled ? separate equalizer provided for c-band mo d el frequen c y po w er ou tp u t (ghz) (m i n) vt x-6379e1 5.85 - 6.425 / 7.9 - 8.4 1000 / 2000 w t y pic al op era ti n g p aram e t er s ma xi mum m i ni mum t y pic al un its filament voltage: 6.6 6.0 --- vdc filament current (surge): 5 --- --- a helix voltage: 15.4 13.9 --- kvdc helix current: 22 --- --- m a dc collector voltage 1: 62% 58% --- kvdc collector current 1: 500 --- --- m a dc cathode current: --- --- --- m a dc collector voltage 2: 32% 28% --- kvdc collector current 2: 900 --- --- m a dc cathode warm-up time: --- 3.0 --- m inutes drive power: --- --- --- mw inlet a ir temp: 52 --- --- c collector temp: 150 --- --- c l oad vsw r : 1.7:1 --- --- vsw r a ir flow: 628 --- --- lb/hr
|