Part Number Hot Search : 
ICS722M MAX2308E M57788 P6KE62C EC10QS09 21012 011AP BC548C
Product Description
Full Text Search
 

To Download SS1C050000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification date: 06/10/11 ' no. 50r06007 cosmo electronics corporation reed relay SS1C050000 sheet 1 of 2 rev. 2 1. outside dimension : unit ( mm ) 2. schematic : top view tolerance : 0.1mm 24.13 kuan hsi SS1C050000 5.08 2.54 10.16 0.5 7.0 7.0 0.4 3.0 0.25 2.54
product specification date: 05/21/11 ' no. 50r06007 cosmo electronics corporation reed relay SS1C050000 sheet 2 of 2 rev. 2 3.0 coil ratings (at 20 ) 3.1 coil resistance 200 ? (10 ) 3.2 nominal coil voltage 5 vdc 3.3 maximum continuous voltage 10 vdc 3.4 must operate 3.75 vdc 3.5 must release 1.0 vdc 3.6 rated current 25 ma 4.0 electronical characteristics 4.1 contact resistance 150 m ? (max) 4.2 operate time 1.0 ms (max) 4.3 bounce time 2.0 ms (max) 4.4 release time 1.0 ms (max) 4.5 insulation resistance (100 vdc open contact) 10 9 ? (min) 4.6 power 3 va (max) 4.7 switching voltage 100 vdc (max) 4.8 switching current 0.25 a (max) 4.9 carry current 0.5 a (max) 4.10 breakdown voltage (across open contact) 200 vdc (min) (between coil & contact) 1000 vdc (min) 4.11 life expectancy (signal level) 5x10 7 4.12 operating temp -40 to 85 4.13 storage temp -50 to 125 4.14 resonant frequency 3.5 khz 4.15 vibration (10-2000hz) 20 g (max) 4.16 minimum permissible load 100 mvdc 10ua


▲Up To Search▲   

 
Price & Availability of SS1C050000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X