Part Number Hot Search : 
BA6250 G121S TDA5709 REG71 A511RU SCDAS05 M5L8226P MT413
Product Description
Full Text Search
 

To Download SLR1070-301KE- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C slr1070 document 1279-1 document 1279-1 revised 01/20/16 core material ferrite weight 2.2 C 2.3 g environmental rohs compliant, halogen free terminations rohs compliant matte tin over nickel over copper. ambient temperature C40c to +85c with (40c rise) i rms current. maximum part temperature +125c (ambient + temp rise). derating . storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 150/7 reel; 800/13 reel; plastic tape: 24 mm wide, 0.5 mm thick, 12 mm pocket spacing, 7.05 mm pocket depth pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . ? tight dcr tolerance for inductor-dcr-based current sensing circuits ? excellent current handling, up to 86 a ? 10.4 8.0 7 mm surface mount package ? designed for use in multi-phase vrm/vrd/evrd regulators 1. when ordering, please specify packaging code: slr1070-301ke c packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (150 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (800 parts per full reel). 2. inductance at 100 khz, 0.1 vrms, 0 adc. 3. dc current that causes an inductance drop of 20% (typ) from its value without current. click for temperature derating information . 4. current that causes the specifed temperature rise from 25c ambient. this information is for reference only and does not represent absolute maximum ratings. click for temperature derating information . 5. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. inductance 2 dcr 10% srf typ i sat (a) 3 i rms (a) 4 part number 1 10% (nh) (mohms) (mhz) at 25c at 100c at 125c 20c rise 40c rise slr1070-121ke_ 120 0.29 130 86 68.5 62.5 61 82 slr1070-141ke_ 140 0.29 110 78 60.5 55.0 61 82 slr1070-171ke_ 170 0.29 80 64 50.5 46.0 61 82 slr1070-221ke_ 215 0.29 68 51 38.0 34.0 61 82 slr1070-251ke_ 250 0.29 55 38 35.0 31.5 61 82 slr1070-281ke_ 280 0.29 48 33 27.5 25.5 61 82 slr1070-301ke_ 300 0.29 47 31 26.5 24.0 61 82 i rms testing i rms testing was performed on 0.75 inch wide 0.25 inch thick copper traces in still air. temperature rise is highly dependent on many factors including pcb land pattern, trace size, and proximity to other components. therefore temperature rise should be verifed in application conditions. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2016 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 1279-2 document 1279-2 revised 01/20/16 l vs current 0 120 80 40 160 current (a) inductance (nh) 02 0 10 40 30 0 50 100 110 120 0 0 70 at 25c at 100c at 125c 120 nh 0 120 0 40 10 200 current (a) 02 0 10 40 30 0 50 100 110 120 0 0 70 at 25c at 100c at 125c 140 nh inductance (nh) 0 120 0 10 240 current (a) inductance (nh) 02 0 10 40 30 0 50 100 0 0 70 at 25c at 100c at 125c 170 nh 0 100 150 200 50 250 300 current (a) inductance (nh) 02 0 10 40 30 0 50 0 70 at 25c at 100c at 125c 215 nh 0 120 10 240 0 300 30 current (a) inductance (nh) 02 0 10 40 30 60 50 80 70 at 25c at 100c at 125c 250 nh 0 200 100 300 400 current (a) inductance (nh) 01 0 52 0 15 30 25 50 55 0 40 45 35 at 25c at 100c at 125c 20 nh 0 200 100 300 400 current (a) inductance (nh) 01 0 52 0 15 30 25 50 40 45 35 at 25c at 100c at 125c 300 nh us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2016 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. slr1070 shielded power inductors
document 1279-3 document 1279-3 revised 01/20/16 recommended land p attern 0.409 10,4 0.276 7,0 0.088 2,24 0.006 0,15 0.098 2,5 0.118 3,0 0.303 7,70 max max max 0.10 0.012 2,54 0,3 0.198 0.002 5,02 0,5 0.315 8,0 dash number inter nal code xxx x dimensions are in inches mm l vs frequency 215 nh 170 nh 140 nh 120 nh 250 nh 280 nh 300 nh inductance (nh) 01 1 100 10 frequenc y (mhz) 0 100 200 300 400 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2016 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. slr1070 shielded power inductors


▲Up To Search▲   

 
Price & Availability of SLR1070-301KE-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X