data sheet sl32 0r230 mechanical specifications (mm) electrical specifications max steady state current upto 65c: 30.00 a j 100 max rec. energy rating: actual failure instantaneous energy: 200 j w 0.01 resistance @ 100% max current: resistance @ 50% max current: 0.02 w c 190.00 body temperature at 100% max current: dissipation constant: 45.4 mw/c sec. 194 thermal time constant: material type (for beta and curve): a d: 31.0 max max 6.0 t: lead diameter 1.0 nom nom 7.8 s: l: 38.0 nom max 4.0 coating lead run down (straight leads) b: 7.80 nom nom 3.22 c: f 6,946 maximum capacitance @ 120 vac: maximum capacitance @ 240 vac: f 1,736 iso9001:2008 certified file: e209153 resistance: 0.3 w 25 % sl32 0r230 11/11/2008 erin landis mehdi samii ametherm, inc. 3111 n. deer run road carson city, nevada usa 89701 www.ametherm.com drawn by: date: approved by: a revison:
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: ametherm: ? sl32 0r230
|