Part Number Hot Search : 
AOZ130 SDD02N25 MBR2020 DTA12 LC822152 AD9860 2400A 4057S
Product Description
Full Text Search
 

To Download S-1000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   features rohs compliant protection against dust and whole cleaning after soldering is possible pin compatible with conventional dip switches translucent knob with flange type (s-1200a/2200a series) ?distinguished visibility with translucent flange ?settable with fingers or screwdriver part name ? ? ? ? ? ? ? insert rotor translucent knob with flange base housing contact o ring terminal pin material flammability ul-94hb ul-94hb ul-94v-2 pbt( polybutyleneterephthalate) silicone rubber pbt( polybutyleneterephthalate) copper alloy, gold-plated rotor : polyoxymethylene pattern : copper alloy, gold-plated 1"3 polyarylate  t4??"??"w? s-12 ?? a/22 ?? a only  part number designation internal structure S-1000A / 2000a series s - 1 0 1 0 a w no. of positions shape of rotor 0  without knob 1  with knob (with extended shaft) 2  translucent knob with flange (black housing) form of packaging code format w  tray packaging blank  bulk in plastic bag setting position 0  top setting 1  side setting 1  real code 3  complementary code t please refer to the list of part numbers when placing orders. 1  16 positions 2  10 positions S-1000A/2000a rotary coded switches ? ? ? ? ? ? ? rohs compliant  specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s S-1000A/2000a rotary coded switches  list of part numbers shape form of packging binary coded decimal binary coded hexadecimal real code complementary code real code complementary code top setting side setting s-2010aw s-2030aw s-1010aw s-1030aw s-2010a s-2030a s-1010a s-1030a s-2110aw s-2130aw s-1110aw s-1130aw s-2110a s-2130a s-1110a s-1130a s-2210aw s-2230aw s-1210aw s-1230aw s-2210a s-2230a s-1210a s-1230a s-2011aw s-2031aw s-1011aw s-1031aw s-2011a s-2031a s-1011a s-1031a s-2111aw s-2131aw s-1111aw s-1131aw s-2111a s-2131a s-1111a s-1131a s-2211aw s-2231aw s-1211aw s-1231aw s-2211a s-2231a s-1211a s-1231a pieces in package 50 pcs./tray 25 pcs./pack 50 pcs./tray 25 pcs./pack 50 pcs./tray 25 pcs./pack 50 pcs./tray 25 pcs./pack 50 pcs./tray 25 pcs./pack 50 pcs./tray 25 pcs./pack t verify the above part numbers when placing orders. tray version can be supplied only in tray units. without knob tray packaging plastic bag tray packaging plastic bag tray packaging plastic bag tray packaging plastic bag tray packaging plastic bag tray packaging plastic bag with knob translucent knob with flange with knob translucent knob with flange without knob  terminal connection / p.c.b. through hole dimensions (unit: mm) terminal pin layout (bottom view) p.c.b. dimensions (bottom view) top setting side setting 2.54 0.1 5 C 0.8 hole 7.62 0.1 2.54 0.1 s C 1000a/2000a case 2.54 0.1 5.08 0.1 2.54 0.1 s C 1000a/2000a case operating face 5 C 0.8 hole 8 4 2 1 c real code 8 4 21 complementary code 842 1 842 1 c cc operating face of real code operating face of complementary code  code format no. of positions S-1000A series (16 positions) s-2000a series (10 positions) position 0123456789abcdef code real code 8 4 2 1 8 4 2 1 complemen- tary code ? contact closed
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s  standard specifications circuit type operating temperature range storage temperature range sealing net weight bcd (real code, complementary code) bch (real code, complementary code) ? 40 ~ 85 c washable by o ring approx. 0.87 g (s-1010a, s-1030a, s-2010a, s-2030a) approx. 1.13 g (s-1011a, s-1031a, s-2011a, s-2031a) approx. 0.97 g (s-1110a, s-1130a, s-2110a, s-2130a) approx. 1.23 g (s-1111a, s-1131a, s-2111a, s-2131a) approx. 1.02 g (s-1210a, s-1230a, s-2210a, s-2230a) approx. 1.28 g (s-1211a, s-1231a, s-2211a, s-2231a) no. of positions adjustment torque stepping angle terminal strength solderability 16 (S-1000A), 10 (s-2000a) 13 mnm {133 gfcm} minimum 22.5 (S-1000A), 36 (s-2000a) 245 3 c, 2 ~ 3 s 15 n {1.53 kgf} minimum contact rating non-switching switching minimum contact resistance insulation resistance dielectric strength dc50 v 100 ma dc5 v 100 ma dc20 mv 1 a 1000 m (dc100 v) minimum 100 m maximum ac300 v, 60 s shock load life humidity (steady state) high temperature exposure low temperature exposure thermal shock amplitude 1.5 mm or acceleration 98 m/s 2 , 10-500-10 hz, 3 directions for 2 h each 490 m/s 2 , 11 ms 6 directions for 3 times each 10000 steps dc5 v, 100 ma 85 c, 1000 h resistance load dc50v 100ma 60 c, relative humidity 90 ~ 95 %, 1000 h ? 40 c, 96 h ? 40 (0.5 h) ~ 85 c ( 0.5 h ), 5 cycles  mechanical characteristics  environmental characteristics  electrical characteristics vibration { } : reference only flow : 260 3 c as the temperature in a pot of molten solder, immer- sion from head of terminal to backside of board, 5 ~ 6 s, two times maximum soldering heat manual soldering  380 10 c, 3 ~ 4 s S-1000A/2000a rotary coded switches
S-1000A/2000a rotary coded switches  outline dimensions unless otherwise specified, tolerance: 0.3 (unit: mm) (S-1000A series) s-1010a s-1030a top setting s-1011a s-1031a side setting s-1110a s-1130a top setting s-1111a s-1131a side setting 8 7 6 5 4 3 2 1 0 f e d c b a 9 10 0.2 7 10 0.2 0.6 w 2.6 l 1.7 d part no. & production date code 4.5 0.5 2.54 2.54 2.54 5C0.5 0.1 t = 0.2 7.62 c 8 4 2 1 8 7 6 5 4 3 2 1 0 f e d c b a 9 10 0.2 5 C 0.5 0.1 t = 0.2 2.54 11.5 6 5.08 3.5 0.5 2.54 10 0.2 2.54 8 4 2 1 c 0.6 w 2.6 l 1.7 d part no. & production date code 7 0.5 4.5 0.5 2.54 2.54 2.54 5C0.5 0.1 t = 0.2 6.6 0 f e d c b a 9 8 7 6 5 4 3 2 1 10 0.2 10 0.2 0.7 w 1 d part no. & production date code 7.62 c 8 4 2 1 3.9 8 7 6 5 4 3 2 1 0 f e d c b a 9 10 0.2 5 C 0.5 0.1 t = 0.2 2.54 11.5 6.6 6 5.08 3.5 0.5 2.54 10 0.2 2.54 8 4 2 1 c 0.7 w 1 d part no. & production date code 3.9 w specifications are subject to chan g e without notice.
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s  outline dimensions unless otherwise specified, tolerance: 0.3 (unit: mm) (s-2000a series) s-2010a s-2030a top setting s-2011a s-2031a side setting s-2110a s-2130a top setting s-2111a s-2131a side setting 0 10 0.2 10 0.2 0.6 w 2.6 l 1.7 d part no. & production date code 9 8 7 6 5 4 3 2 1 7 4.5 0.5 2.54 2.54 2.54 5C0.5 0.1 t = 0.2 7.62 c 8 4 2 1 5 10 0.2 5 C 0.5 0.1 t = 0.2 2.54 11.5 6 5.08 3.5 0.5 2.54 10 0.2 2.54 8 4 2 1 c 0.6 w 2.6 l 1.7 d part no. & production date code 4 3 2 1 0 9 8 7 6 0 9 8 7 6 5 4 3 2 1 10 0.2 10 0.2 0.7 w 1 d part no. & production date code 7.62 c 8 4 2 1 7 0.5 4.5 0.5 2.54 2.54 2.54 5 C 0.5 0.1 t = 0.2 3.9 m = 0.2 straight knurl 6.6 0 9 8 7 6 5 4 3 2 1 10 0.2 5 C 0.5 0.1 t = 0.2 2.54 18.1 12.6 5.08 3.5 0.5 2.54 3.9 2.54 8 4 21 0.7 w 1 d part no. & production date code 6.6 10 0.2 m = 0.2 straight knurl 6.5 c S-1000A/2000a rotary coded switches
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s S-1000A/2000a rotary coded switches  outline dimensions unless otherwise specified, tolerance: 0.3 (unit: mm) (s-1200a/2200a series) s-1210a s-1230a top setting s-1211a s-1231a side setting s-2210a s-2230a top setting s-2211a s-2231a side setting 4 3 2 1 0 f e d c b a 9 7 6 5 10 0.2 12 7.62 c 8 4 2 1 4.5 0.5 0.7 w 1 d 10 0.2 2.54 2.54 2.54 5 C 0.5 0.1 t = 0.2 part no. & production date code 4 3 2 1 0 f e d c b a 9 7 6 5 10 0.2 5 11.5 c 842 1 0.7 w 1 d 10 0.2 3.5 0.5 2.54 2.54 2.54 5 C 0.5 0.1 t = 0.2 6 5.08 part no. & production date code 0 9 8 7 6 4 3 2 1 10 0.2 12 7.62 4.5 0.5 0.7 w 1 d 10 0.2 2.54 2.54 2.54 5 C 0.5 0.1 t = 0.2 part no. & production date code 0 9 8 7 6 4 3 2 1 10 0.2 5 11.5 a 0.7 w 1 d 10 0.2 3.5 0.5 2.54 2.54 2.54 5 C 0.5 0.1 t = 0.2 part no. & production date code 6 5.08
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s  switches with knob as extended shaft (unit: mm)  snap-in terminal pin with translucent knob with flange (made to order basis) s-1200ak and s-2200ak 10 0.7 5.5 9.5 1 t knob cant be dettached due to being fixed. simple knob cant be sold. the large knob is common to S-1000A, s-2000a, sa-5000 and ss-10 series.  packaging specifications the smallest unit of bulk pack in a plastic bag is 10 pcs. per pack. orders will be accepted for unit of minimum 10 pcs., i.e., 10, 20, 30 pcs. , etc. boxing of bulk in a plastic bag is performed with 25 pcs. (standard 50 pcs.) per box. tray version is packaged in 50 pcs. per tyay. orders will be accepted for units of 50 pcs., i. e., 50, 100, 150 pcs. etc. tray version is boxed with 10 trays. S-1000A/2000a rotary coded switches


▲Up To Search▲   

 
Price & Availability of S-1000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X