Part Number Hot Search : 
TQ5131 5KP26CA 42901 80F0224Q 16NO7 1N459 1N5536C VFD10C05
Product Description
Full Text Search
 

To Download PPQ1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  universal ac input built-in active pfc function, pf>0.95 protections: short circuit / overload / over voltage cooling by free air convection fixed switching frequency at pfc:67khz pwm:134khz(optional) model number output volts output amps ripple & noise line reg load reg volt tolerance min load quad output ppq-1003a 3.3 volts(dc) 10 amps 100mvpk-pk 1.0% 2.0% 3.0% 0~15amps 5 volts(dc) 10 amps 100mvpk-pk 1.0% 2.0% 3.0% 2.0~15amps 12 volts(dc) 2.0 amps 150mvpk-pk 2.0% 6.0% 6.0% 0.2~3.0amps -5volts(dc) 0.3 amps 100mvpk-pk 1.0% 1.0% 6.0% 0~1.0amps ppq-1003b 3.3 volts(dc) 10 amps 100mvpk-pk 1.0% 2.0% 3.0% 0~15amps 5 volts(dc) 10 amps 100mvpk-pk 1.0% 2.0% 3.0% 2.0~15amps 12 volts(dc) 2.0 amps 150mvpk-pk 2.0% 6.0% 6.0% 0.2~3.0amps -12 volts(dc) 0.3 amps 120mvpk-pk 1.0% 1.0% 6.0% 0~1.0amps ppq-1003c 3.3 volts(dc) 10amps 100mvpk-pk 1.0% 2.0% 3.0% 0~15amps 5 volts(dc) 10 amps 100mvpk-pk 1.0% 2.0% 3.0% 2.0~15amps 15 volts(dc) 1.5 amps 180mvpk-pk 2.0% 6.0% +10,-5% 0.2~3.0amps -15 volts(dc) 0.3 amps 150mvpk-pk 1.0% 1.0% 6.0% 0~1.0amps ppq-1003d 3.3 volts(dc) 10 amps 100mvpk-pk 1.0% 2.0% 3.0% 0~15amps 5 volts(dc) 10 amps 100mvpk-pk 1.0% 2.0% 3.0% 2~15amps 12 volts(dc) 2.0 amps 150mvpk-pk 2.0% 6.0% 6.0% 0.2~3.0amps 24 volts(dc) 0.3 amps 150mvpk-pk 1.0% 1.0% 6.0% 0~1.0amps 100w quad output with pfc function PPQ1003 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
input specifications input voltage range 90-264vac / 127-370 volts(dc) frequency range 47~63hz inrush current, typ: (cold start) 40 amps input current 1.65amps @115vac 0.85amps @230vac leakage current < 1.0mamps / 240vac power factor pf >0.95 / 230vac > 0.98 / 115vac output specifications voltage and current see selection chart line regulation see selection chart load regulation see selection chart voltage tolerance (note 2) see selection chart ripple/noise (note 1) see selection chart hold up time @ fl 18ms setup, rise time @ fl 800ms, 50ms over voltage protection 3.3volts(dc): 3.6~4.3volts(dc) 5volts(dc): 5.75~6.75volts(dc) shutdown o/p voltage, re-power over current protection 105~135% rated output power constant current limiting,auto recover dc voltage adjust 3.3volts(dc): 3.14~3.63volts(dc) 5vols(dc): 4.75~5.5volts(dc) general specifications safety ul60950-1 tuv en60950-1 approved insulation resistance 100m? / 500volts(dc) emi compliance to en55022b (cispr22b) harmonic current compliance to en61000-3-2,-3 effciency 72% isolation 3000vac input - output 1500vac input - ground 500vac output - ground ems compliance to en61000-4-2,3,4,5,6,8,11; env50204, light industry level, criteria a environmental specifications oper. temperature -10c to +60c (see derate curve) storage temperature -40c to +85c, 10~95% rh relative humidity 20 to +90% rh non cond temperature coeffcient 0.03% / c (0-50c) mtbf 150.6k hrs min, mil-hdbk-217f (25c) vibration 10~500hz, 2g10min./1cycle, period for 60min. each along x, y, z axes physical specifications size millimeters 177.8 x 107.95 x 38 inches 7 x 4.25 x 1.50 weight 21.87 oz (620g) note 1. ripple and noise are measured at 20mhz of bandwidth by using a 12 twisted pair-wire terminated with a 0.1uf & 47 uf parallel capacitor. 2. tolerance: includes set up tolerance, line regulation and load regula - tion. all specifcations are typical at nominal input, full load, and 25c unless other - wise noted 100w quad output with pfc function PPQ1003 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
100w quad output with pfc function PPQ1003 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
100w quad output with pfc function PPQ1003 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458


▲Up To Search▲   

 
Price & Availability of PPQ1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X