Part Number Hot Search : 
MRF5175 78M07 TX38D14V M67799M MC330 SDC0603 8880V TV817
Product Description
Full Text Search
 

To Download IRLML6401PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter typ. max. units r ja maximum junction-to-ambient  75 100  hexfet   power mosfet thermal resistance v dss = -12v r ds(on) = 0.05 parameter max. units v ds drain- source voltage -12 v i d @ t a = 25c continuous drain current, v gs @ -4.5v -4.3 i d @ t a = 70c continuous drain current, v gs @ -4.5v -3.4 a i dm pulsed drain current  -34 p d @t a = 25c power dissipation 1.3 p d @t a = 70c power dissipation 0.8 linear derating factor 0.01 w/c e as single pulse avalanche energy  33 mj v gs gate-to-source voltage 8.0 v t j, t stg junction and storage temperature range -55 to + 150 c 

   these p-channel mosfets from international rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet ? power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in battery and load management. a thermally enhanced large pad leadframe has been incorporated into the standard sot-23 package to produce a hexfet power mosfet with the industry's smallest footprint. this package, dubbed the micro3 ? , is ideal for applications where printed circuit board space is at a premium. the low profile (<1.1mm) of the micro3 allows it to fit easily into extremely thin application environments such as portable electronics and pcmcia cards. the thermal resistance and power dissipation are the best available .  
micro3 ? s g 1 2 d 3  ultra low on-resistance  p-channel mosfet  sot-23 footprint  low profile (<1.1mm)  available in tape and reel  fast switching  1.8v gate rated  lead-free  rohs compliant, halogen-free 
  
   
 

  
 ! " #$
%& form quantity irlml6401trpbf micro3 ? ( package type standard pack orderable part number base part number
  
   
 

  
 ! " #$
%& 
parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? -1.2 v t j = 25c, i s = -1.3a, v gs = 0v  t rr reverse recovery time ??? 22 33 ns t j = 25c, i f = -1.3a q rr reverse recoverycharge ??? 8.0 12 nc di/dt = -100a/ s     repetitive rating; pulse width limited by max. junction temperature.    pulse width 300 s; duty cycle 2%. source-drain ratings and characteristics -1.3 -34 # s d g    !'( 
)* +  $$   !&  !*   starting t j = 25c, l = 3.5mh r g = 25 , i as = -4.3a. parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage -12 ??? ??? v v gs = 0v, i d = -250 a v (br)dss / t j breakdown voltage temp. coefficient ??? -0.007 ??? v/c reference to 25c, i d = -1ma ??? ??? 0.050 v gs = -4.5v, i d = -4.3a   r ds(on) static drain-to-source on-resistance ,,, ??? 0.085 v gs = -2.5v, i d = -2.5a  ,,, ??? 0.125 v gs = -1.8v, i d = -2.0a  v gs(th) gate threshold voltage -0.40 -0.55 -0.95 v v ds = v gs , i d = -250 a g fs forward transconductance 8.6 ??? ??? s v ds = -10v, i d = -4.3a ??? ??? -1.0 v ds = -12v, v gs = 0v ??? ??? -25 v ds = -9.6v, v gs = 0v, t j = 55c gate-to-source forward leakage ??? ??? -100 v gs = -8.0v gate-to-source reverse leakage ??? ??? 100 v gs = 8.0v q g total gate charge ??? 10 15 i d = -4.3a q gs gate-to-source charge ??? 1.4 2.1 nc v ds = -10v q gd gate-to-drain ("miller") charge ??? 2.6 3.9 v gs = -5.0v  t d(on) turn-on delay time ??? 11 ??? v dd = -6.0v t r rise time ??? 32 ??? i d = -1.0a t d(off) turn-off delay time ??? 250 ??? r d = 6.0 t f fall time ??? 210 ??? r g = 89   c iss input capacitance ??? 830 ??? v gs = 0v c oss output capacitance ??? 180 ??? pf v ds = -10v c rss reverse transfer capacitance ??? 125 ??? ? = 1.0mhz electrical characteristics @ t j = 25c (unless otherwise specified)   a i dss drain-to-source leakage current na ns
-  
   
 

  
 ! " #$
%& 
fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) -1.0v 20 s pulse width tj = 150c vgs top -7.0v -5.0v -4.5v -3.0v -2.5v -1.8v -1.5v bottom -1.0v 1.0 1.5 2.0 2.5 3.0 3.5 4.0 -v gs , gate-to-source voltage (v) 0.1 1.0 10.0 100.0 - i d , d r a i n - t o - s o u r c e c u r r e n t ( ) t j = 25c t j = 150c v ds = -12v 20 s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d -4.5v -4.3a 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) -1.0v 20 s pulse width tj = 25c vgs top -7.0v -5.0v -4.5v -3.0v -2.5v - 1.8v -1.5v bottom -1.0v
  
   
 

  
 ! " #$
%& 
fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0.1 1 10 100 1000 0.1 1 10 100 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c -v , drain-to-source voltage (v) -i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 1 10 100 v ds , drain-to-source voltage (v) 0 200 400 600 800 1000 1200 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0.1 1 10 100 0.2 0.6 1.0 1.4 1.8 -v ,source-to-drain voltage (v) -i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 0 4 8 12 16 0 2 4 6 8 10 q , total gate charge (nc) -v , gate-to-source voltage (v) g gs i = d -4.3a v = -10v ds
.  
   
 

  
 ! " #$
%& 
fig 11. maximum effective transient thermal impedance, junction-to-ambient fig 9. maximum drain current vs. case temperature fig 10. maximum avalanche energy vs. drain current 25 50 75 100 125 150 0.0 1.0 2.0 3.0 4.0 5.0 t , case temperature ( c) -i , drain current (a) c d 0.1 1 10 100 1000 0.00001 0.0001 0.001 0.01 0.1 1 10 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 0 20 40 60 80 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom -1.9a -3.4a -4.3a
/  
   
 

  
 ! " #$
%& 
fig 13. typical on-resistance vs. drain current fig 12. typical on-resistance vs. gate voltage 0 10203040 -i d , drain current ( a ) 0.00 0.05 0.10 0.15 0.20 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ) vgs = -4.5v vgs = -2.5v vgs = -1.8v fig 14. typical threshold voltage vs. junction temperature -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 0.3 0.4 0.5 0.6 0.7 0.8 - v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = -250 a 1.0 2.0 3.0 4.0 5.0 6.0 7.0 -v gs, gate -to -source voltage ( v ) 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10 r d s ( o n ) , d r a i n - t o - s o u r c e v o l t a g e ( ) id = -4.3a
0  
   
 

  
 ! " #$
%& 
micro3 (sot-23 / to-236ab) part marking information 
     

 

 
  0.08 0.88 0.01 0.89 0.95 b s c mi l l ime t e r s min e e e1 d l a a1 a2 c m o b s y mi n max max .036 .0375 b s c dime ns ions inches b0.30 bbb 0.15 .008 ccc .006 0.25 bs c l1 l 0.40 0.60 .0118 b s c aaa 0.20 .004 0 8 8 0 2.80 1.20 0 e1 e d 5 6 3 12 ccc c b a b 5 6 e e1 a2 a a1 bbb c a b 3x b aaa c 3 s urf 0 3x l l1 h 4 7 2.10 e1 1.90 b s c .075 b s c .0119 .0032 .111 .083 .048 .055 .119 .103 .0196 .0078 .0039 .044 .0004 .035 .040 .0236 .0158 1.02 0.20 0.50 2.64 3.04 1.40 1.12 0.10 0.10 1.90 [.075] 0.95 [.0375] 0.972 [.038] 2.742 [.1079] 0.802 [.031] r e comme nde d f oot p r int 3x 3x not e s 1. dimens ioning and tolerancing per as me y14.5m-1994. 4 datum plane h is located at the mold parting line. 5 datum a and b to be determined at datum plane h. 6 di me n s i ons d an d e 1 ar e me as u r e d at dat u m pl ane h . 2. dimensions are shown in millimeters and inches. 3. controlling dimension: millimet er. 7 dimension l is t he lead length for soldering t o a subst rat e. 8. outline conforms to jedec outline to-236ab. f = irlml6401 a 2001 a 27 notes: this part marking information applies to devices produced after 02/26/2001 assembly lot code lead-free date code e = irlml6402 x = part number code reference : d = irlml5103 c = irlml6302 b = irlml2803 a = irlml2402 w = (1-26) if preceded by last digit of calendar year w = (27-52) if preceded by a letter y 8 2008 3 2003 1 2001 year 2002 2 5 2005 2004 4 2007 2006 7 6 2010 0 2009 9 year y c 03 work week 01 02 a w b 04 d 24 26 25 x z y work week w h = irlml5203 g = irlml2502 k h g f e d c b 2006 2003 2002 2005 2004 2008 2007 2010 2009 j y 51 29 28 30 c b d 50 x i = irlml0030 j = irlml2030 l = irlml0060 m = irlml0040 k = irlml0100 n = irlml2060 p = irlml9301 r = irlml9303 cu wire halogen free part number 52 z date code example: yww = 432 = df yww = 503 = 5c 2018 2013 2011 2012 2015 2014 2017 2016 2020 2019 2018 2013 2011 2012 2015 2014 2017 2016 2020 2019 w = irfml8244 v = irlml6346 u = irlml6344 t = irlml6246 s = irlml6244 y = irlml2246 x = irlml2244 z = irfml9244  
         
    
%  
   
 

  
 ! " #$
%& 
 ? 
     

 

 
  2.05 ( .080 ) 1.95 ( .077 ) tr feed direction 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 ) 1.85 ( .072 ) 1.65 ( .065 ) 3.55 ( .139 ) 3.45 ( .136 ) 1.1 ( .043 ) 0.9 ( .036 ) 4.1 ( .161 ) 3.9 ( .154 ) 0.35 ( .013 ) 0.25 ( .010 ) 8.3 ( .326 ) 7.9 ( .312 ) 1.32 ( .051 ) 1.12 ( .045 ) 9.90 ( .390 ) 8.40 ( .331 ) 178.00 ( 7.008 ) max. notes: 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541.  
         
    
1  
   
 

  
 ! " #$
%& 
ms l 1 (per je de c j-s t d-020d ?? ) rohs c ompliant yes qualification information ? qualification level cons umer (per jedec jesd47f ?? guidelines) moisture sensitivity level micro3 ? (sot-23) ? qualification standards can be found at international rectifier?s web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ revision history date comment ? updated data sheet with new ir corporate template. ? updated package outline & part marking on page 7. ? ? added bullet point in the benefits "rohs compliant, halogen -free" on page 1. 4/28/2014


▲Up To Search▲   

 
Price & Availability of IRLML6401PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X