Part Number Hot Search : 
EN29F080 MBZ5230 E28F320 190AX352 HYB31 MB5005 AAT5101 APED3
Product Description
Full Text Search
 

To Download HB-190 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  19" high brightness open frame lcd monitor features flexible, low cost and high brightness for semi-outdoor kiosk, vending machine, signage application 19" sxga tft lcd with led backlight high brightness enhancement vesa mount (75x75, 100x100mm) option with anti-reflective treatment specifications size 19" (5:4) signal input vga, dvi-i backlight led osd adjustment power, enter, left, right, auto panel type tn dc connector 2.5mm diameter pixel pitch 0.294x0.294 mm dc input 12 vdc / 3a active area 376.32x301.06 mm consumption 36w brightness * 1000 cd/m2 * management vesa dpms contrast 800 : 1 mounting 75x75, 100x100mm vesa mount viewing angle 170 / 160 degree dimension 404.5 (w) x 327 (h) x 50 (d) mm resolution 1280 x 1024 net weight 4.7 kg display color 16.7m (6 bit+hifrc ) packing 3 pcs / carton response time tr/tf=3.6/1.4 ms carton size 488x295x485mm hor. frequency 30 ~ 80 khz container loading ver. frequency 60/70/75 hz operation -20 ~ 60 degree c pixel rate 135 mhz storage -30 ~ 80 degree c * higher brightness is om demand. ordering information model selection x: panel selection y : in p ut selection z: touch selection 0: standard, chosen 0: standard, vga/dvi 0: standard, none a: specified lcd v: vga only g: glass b: specified lcd h: vga/dvi/hdmi r: resitive etc. specified lcd p: dvi/hdmi/dp c: surface capacitive s: vga/dvi/s-video p: projective capacitive i : ir s: saw optional accessories * power ada p te r 100 ~ 240 vac ada p ter with 12vdc / 5a o/ p * power cord 1.8m p ower cord, us / eu * si g nal cable 1.8m vga cable, 1.8m dvi cable product drawing * all specification and photos are subject to change without no tice. HB-190- xyz HB-190 lcd panel power package video temperature


▲Up To Search▲   

 
Price & Availability of HB-190

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X