Part Number Hot Search : 
KSR1114 CSD1632 300BZ HA229 SMS012ZG 31401 E220A MC100LV
Product Description
Full Text Search
 

To Download ERJ-2RKF1212X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rf to i f single downconverting mixer 2000mhz to 29 0 0mhz idt zero - distortion tm mixer 1 rev o december 2013 id tf1763 nbgi datasheet g eneral d escription this document describes the specification 2 for the idtf 1763 zero - distortion tm highband rf to if single downconverting mixer . th is device is part of a series of mixers using lowside or highside lo injection options for all utra frequenc y bands. see the part# matrix for the detail of all devices in this series. the f 1763 single channel device is designed to operate with a single 5v supply. it is optimized for operation in a multi - mode, multi - carrier basestation receiver for frequency ba nds from 20 00 mhz - 29 0 0 mh z using either lowside or highside lo . if frequencie s from 5 0 mhz to 5 0 0 mhz are supported. nominally, the device offers + 42 dbm output ip3 with 200 ma of i cc . c ompetitive a dvantage in typical basestation receivers, the rf to if mi xer dominates the linearity performance for the entire receive system. the zero - distortion tm family of mixers dramatically improve the maximum signal levels (im 3 tones) that the bts can withstand at a desired signal to noise ratio (snr.) zero - distortion tm technology allows realization of either benefit. in basestation transmitters , digital pre - distortion (dpd) is employed to improve the transmitter performance . by utilizing an ultra - l inear mixer in the dpd rx path, such as the idtf 1763 , the aclr and/or power consumption of the full tx system can be improved significantly. this is because the f 1763 can directly drive an adc through an anti - alias filter. downstream amplification is not necessary in the dpd application. ? ip3 o : ? 12 db ? dissipation: ? 10 % ? allows for higher rf gain improving sensitivity ? elimin ates the need for an adc driver or if vga in dpd linearization path p art # m atrix part# rf r ange utra bands if freq range typ. gain injection f f 1 1 7 7 0 0 1 1 6 6 0 0 0 0 - - 1 1 0 0 6 6 0 0 5 5 , , 6 6 , , 8 8 , , 1 1 2 2 , , 1 1 3 3 , , 1 1 4 4 , , 1 1 7 7 , , 1 1 8 8 , , 1 1 9 9 , , 2 2 0 0 , , 2 2 6 6 7 7 0 0 - - 3 3 0 0 0 0 1 1 1 1 . . 8 8 b b o o t t h h f f 1 1 7 7 5 5 1 1 1 1 4 4 0 0 0 0 - - 2 2 5 5 0 0 0 0 1 1 , , 2 2 , , 3 3 , , 4 4 , , 9 9 , , 1 1 0 0 , , 1 1 1 1 , , 2 2 1 1 , , 2 2 3 3 , , 2 2 4 4 , , 2 2 5 5 , , 3 3 3 3 , , 3 3 4 4 , , 3 3 5 5 , , 3 3 6 6 , , 3 3 7 7 , , 3 3 9 9 , , 4 4 0 0 5 5 0 0 - - 5 5 0 0 0 0 1 1 1 1 . . 8 8 b b o o t t h h f f 1 1 7 7 6 6 3 3 2 2 0 0 0 0 0 0 - - 2 2 9 9 0 0 0 0 7 7 , , 3 3 8 8 , , 4 4 0 0 , , 4 4 1 1 5 5 0 0 - - 5 5 0 0 0 0 1 1 1 1 . . 7 7 b b o o t t h h f eatures ? ideal for multi - carrier systems ? lowside or highside lo ? 11.7 db gain ? ultra linear +45 dbm ip3 o usin g h s lo or +42 dbm ip3 o using ls lo ? ? 9.7 db nf ? 200 output impedance ? wide flat performance if bw ? drives adc directly for dpd applications ? low power consumption ? 5x5 20 pin package ? standby mode d evice b lock d iagram o rdering i nformation idt f 1763 nb gi8 0.8 mm height package green industrial temp range tape & reel omit idt prefix rf product line i f o u t l o i s e t b i a s c o n t r o l s t b y r f v c c
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 2 revo december 2013 id tf1763 nbgi datasheet a bsolute m aximum r atings vcc to gnd - 0.3v to +5 .5v stby - 0.3v to (vcc + 0.3v) if_out+, if_out - , rf_in - 0.3v to (vcc + 0.3v) lo_in - 0.3v to +0.3v if_set to gnd, if_bias to gnd - 0.3v to +1.2v rf input power +20dbm continuous power dissipation 1.3w ja (junction C ambient) +40c/w jc (junction C case) the case is defined as the exposed paddle +3c/w operating temperature range (case temperature) t c = - 40c to +105c maximum junction temperature 150c storage temperature range - 65c to +150c lead te mperature (soldering, 10s) +260c stresses above those listed above may cause permanent damage to the device. functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is no t implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability.
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 3 revo december 2013 id tf1763 nbgi datasheet idt f 1763 r ecommended o perating c onditions parameter comment symbol min typ max units supply voltage(s) all v cc pins v cc 4.75 5.25 v operati ng temperature range case temperature t case - 40 +105 degc rf freq range sets lo range f rf 1 2300 2700 mhz oversample rf range ? measure gain at 200mhz if ? lo = 1800mhz, 27 00mhz f rf2 2 0 00 2900 lo range f lo 1800 3000 if freq range f if 50 500
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 4 revo december 2013 id tf1763 nbgi datasheet id tf 1763 s p ecification refer to typical application circuit when operated with v cc = +5.0v, t c = +25c, f rf = 2 5 00 mhz , f if = 200 mhz , f lo = 23 0 0 mhz , p lo = 0 dbm, output power = + 1 dbm per tone, stby = gnd unless otherwise noted. transformer loss is de - embe dded unless otherwise noted. parameter comment symbol min typ max units logic input high for standby pin v ih 2 v logic input low for standby pin v il 0.8 1 v logic current for standby pin i ih, i il - 1 +1 a supply current total v cc i supp 200 2 1 5 ma supply current standby mode ? stby = v ih i stby 25 33 ma lo power p lo - 3 2 +3 dbm settling time ? pin = - 13 dbm ? gate stby from v ih to v il ? time for if signal to settle to within 1 db of final value t sett 130 n sec gain ? f rf = 20 0 0mhz ? f lo = 18 0 0mhz g lb 12 .2 db ? f rf = 250 0mhz ? f lo = 230 0mhz g mb 10. 7 11. 7 13 ? f rf = 29 00mhz ? f lo = 27 00mhz g hb 11 noise figure ? f rf = 21 00mhz ? f lo = 19 00mhz nf lb 9.2 db ? f rf = 2500mhz ? f lo = 2300mhz nf mb 9.7 ? f rf = 2900mhz ? f lo = 2700mhz nf hb 10.9 nf w/blocker ? +100 mhz offset blocker ? p in = +4 dbm nf blk 20 db output ip3 ? f rf1 = 210 0mhz ? f lo = 190 0mhz ? p in = - 10dbm per tone ? 5mhz tone separation oip3 lb 35 40 db m ? f rf1 = 250 0mhz ? f lo = 230 0mhz ? p in = - 10dbm per tone ? 5mhz tone separation oip3 mb 34 42 ? f rf1 = 2500mh z ? f lo = 27 00mhz ? p in = - 10dbm per tone ? 5mhz tone separation oip3 mb 45 ? f rf1 = 2900mhz ? f lo = 2700mhz ? p in = - 10dbm per tone ? 5mhz tone separation oip3 hb 35 40 2rf C 2lo rejection ? p rf = - 10dbm ? frequency = 2400mhz 2x2 - 7 4 - 65 dbc 2 nd harmonic ? pout = - 3dbm h2 - 72 - 67 dbc
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 5 revo december 2013 id tf1763 nbgi datasheet idtf1763 s pecification (c ontinued ) refer to typical application circuit when operated with v cc = +5.0v, t c = +25c, f rf = 2500 mhz , f if = 200 mhz , f lo = 2300 mhz , p lo = 0 dbm, output power = +1dbm per tone, stby = gnd unless otherwise noted. transformer loss is de - embedded unless otherwise noted. parameter comment symbol min typ max units im2 sum product (im2+) ? pout = - 3 dbm each tone ? f if1 = 200 mhz, f if2 = 205 mhz ? im2 product = 405 mhz im2+ - 6 7 - 61 dbc im2 diff product (im2 - ) ? pout = - 3 dbm each tone ? f if1 = 200 mhz, f if2 = 205 mhz ? im2 product = 5 mhz im2 - - 82 - 76 dbc 1db output compression output referred p1db o 17 2 0.9 dbm 1db input compression input referred p1db i 10 . 2 dbm gain comp. w/blocker ? unmodulated blocker ? p in = +4 d bm, - 100mhz offset ? signal pin tone = - 20dbm ? measure gain of signal g ac 0.1 0.2 db gain ripple ? fixed lo = 165 0 mhz ? rf = 1700 to 21 00 mhz ? if = 50 to 450mhz 2.7 3 db rf input impedance single ended z rf 50 lo port impedance single ended z lo 50 if output impedance differential z if 20 0 rf input return loss single ended rf rl 15 25 db lo port return loss single ended lo rl 12 16 db if output return loss differential if rl 10 1 3 db lo to if leakage 2 iso li - 34 - 27 dbm rf to if isolation referenced to pin = - 10dbm iso ri - 44 - 38 dbc lo to rf leakage iso lr - 49 - 38 dbm 1 C items in min/max columns in bold italics are guaranteed by test 2 C all other items in min/max columns are guaranteed by design characterization
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 6 revo december 2013 id tf1763 nbgi datasheet t ypical o perating c onditions unless otherwise noted, the foll owing conditions apply to the typ ops graphs: ? v cc = +5.0v ? t c = +25c ? f rf = 2500 mhz ? f if = 200 mhz ? f lo = 2300 mhz ? p lo = 0 dbm ? pin = - 10dbm per tone ? stby = gnd ? transformer loss is de - embedded for gain, output p1db and oip3 graphs
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 7 revo december 2013 id tf1763 nbgi datasheet toc s [if = 200mh z , h igh s id e i njection ] gain, oip3 (1) gain vs. t case gain vs. vcc output ip3 vs. lo level gain vs. lo level output ip3 vs. t case output ip3 vs. vcc 4 5 6 7 8 9 10 11 12 13 14 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 gain (db) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm 4 5 6 7 8 9 10 11 12 13 14 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 gain (db) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm 0 5 10 15 20 25 30 35 40 45 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 oip3 (dbm) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm 4 5 6 7 8 9 10 11 12 13 14 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 gain (db) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm 0 5 10 15 20 25 30 35 40 45 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 oip3 (dbm) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm 0 5 10 15 20 25 30 35 40 45 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 oip3 (dbm) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 8 revo december 2013 id tf1763 nbgi datasheet toc s [if = 200mh z , h igh s ide i njection ] p1dbo , 2 x 2 (2) p1dbo vs. t case p1dbo vs. vcc 2x2 re jection vs. lo level p1dbo vs. lo level 2x2 rejection vs. t case 2x2 rejection vs. vcc 0 3 6 9 12 15 18 21 24 27 30 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 p1db output (dbm) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm 0 3 6 9 12 15 18 21 24 27 30 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 p1db output (dbm) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 2x2 rejection dbc (dbc) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm 0 3 6 9 12 15 18 21 24 27 30 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 p1db output (dbm) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 2x2 rejection dbc (dbc) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 2x2 rejection dbc (dbc) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 9 revo december 2013 id tf1763 nbgi datasheet toc s [if = 200mh z , h igh s ide i njection ] 3x3, h2 rejection (3) 3x3 rejection vs. t case 3x3 rejection vs. vcc h2 rejection vs. lo level 3x3 rejection vs. lo level h2 rejection vs. t case h2 rejection vs. vcc - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 3x3 rejection dbc (dbc) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 3x3 rejection dbc (dbc) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 h2 rejection dbc (dbc) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 3x3 rejection dbc (dbc) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 h2 rejection dbc (dbc) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 h2 rejection dbc (dbc) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 10 revo december 2013 id tf1763 nbgi datasheet toc s [if = 200mh z , h igh s ide i njection ] icc, lo - if leakage [4] icc vs. t case icc vs. vcc lo to if leakage vs. lo level icc vs. lo level lo to if leakage vs. t case lo to if leakage vs. vcc 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 icc (a) rf frequency(mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 icc (a) rf frequency(mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 lo to if leakage (dbm) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 icc (a) rf frequency(mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 lo to if leakage (dbm) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 lo to if leakage (dbm) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 11 revo december 2013 id tf1763 nbgi datasheet toc s [if = 200mh z , h igh s ide i njection ] rf to if leakage, oip3, hd2 (5) rf to if leakage vs. t case rf to if leakage vs. vcc hd2 vs. input power rf to if leakage vs. lo level oip3 vs. input power oip3 vs. delta frequenc y of two tones - 80 - 72 - 64 - 56 - 48 - 40 - 32 - 24 - 16 - 8 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 rf to if leakage (dbc) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm - 80 - 72 - 64 - 56 - 48 - 40 - 32 - 24 - 16 - 8 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 rf to if leakage (dbc) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 - 20 - 18 - 16 - 14 - 12 - 10 - 8 - 6 - 4 - 2 0 2 4 6 8 10 hd2 (dbc) input power (dbm) 25degc - 5.0v - 0dbm - 1900mhz 25degc - 5.0v - 0dbm - 2200mhz 25degc - 5.0v - 0dbm - 2500mhz 25degc - 5.0v - 0dbm - 2800mhz - 80 - 72 - 64 - 56 - 48 - 40 - 32 - 24 - 16 - 8 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 rf to if leakage (dbc) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm 0 5 10 15 20 25 30 35 40 45 50 - 20 - 18 - 16 - 14 - 12 - 10 - 8 - 6 - 4 - 2 0 2 4 6 8 10 oip3 (dbm) input power (dbm) 25degc - 5.0v - 0dbm - 1900mhz 25degc - 5.0v - 0dbm - 2200mhz 25degc - 5.0v - 0dbm - 2500mhz 25degc - 5.0v - 0dbm - 2800mhz 0 5 10 15 20 25 30 35 40 45 50 0.8 2.8 4.8 6.8 8.8 10.8 12.8 14.8 16.8 18.8 20.8 22.8 24.8 26.8 28.8 30.8 oip3 (dbm) two tones delta frequency(mhz) 25degc - 5.0v - 0dbm - 2000mhz 25degc - 5.0v - 0dbm - 2300mhz 25degc - 5.0v - 0dbm - 2500mhz 25degc - 5.0v - 0dbm - 2800mhz
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 12 revo december 2013 id tf1763 nbgi datasheet toc s [if = 200mh z , l ow s ide i njection ] gain, oip3 (6) gain vs. t case gain vs. vcc output ip3 vs . lo level gain vs. lo level output ip3 vs . t case output ip3 vs . vcc 4 5 6 7 8 9 10 11 12 13 14 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 gain (db) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm 4 5 6 7 8 9 10 11 12 13 14 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 gain (db) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm 0 5 10 15 20 25 30 35 40 45 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 oip3 (dbm) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm 4 5 6 7 8 9 10 11 12 13 14 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 gain (db) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm 0 5 10 15 20 25 30 35 40 45 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 oip3 (dbm) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm 0 5 10 15 20 25 30 35 40 45 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 oip3 (dbm) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 13 revo december 2013 id tf1763 nbgi datasheet toc s [if = 200mh z , l ow s ide i njection ] p1dbo, 2x2 (7) p1dbo vs. t case p1dbo vs. vcc 2x2 rejection vs. lo level p1dbo vs. lo level 2x2 rejection vs. t case 2x2 rejection vs. vcc 0 3 6 9 12 15 18 21 24 27 30 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 p1db output (dbm) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm 0 3 6 9 12 15 18 21 24 27 30 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 p1db output (dbm) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 2x2 rejection dbc (dbc) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm 0 3 6 9 12 15 18 21 24 27 30 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 p1db output (dbm) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 2x2 rejection dbc (dbc) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 2x2 rejection dbc (dbc) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 14 revo december 2013 id tf1763 nbgi datasheet toc s [if = 200mh z , l ow s ide i njection ] 3x3, h2 rejection (8) 3x3 rejection vs. t case 3x3 rejection vs. vcc h2 rejection vs. lo level 3x3 rejection vs. lo level h2 rejection vs. t case h2 rejection vs. vcc - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 3x3 rejection dbc (dbc) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 3x3 rejection dbc (dbc) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 h2 rejection dbc (dbc) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 3x3 rejection dbc (dbc) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 h2 rejection dbc (dbc) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 h2 rejection dbc (dbc) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 15 revo december 2013 id tf1763 nbgi datasheet toc s [if = 200mh z , l ow s ide i njection ] icc, lo to if leakage (9) icc vs. t case icc vs. vcc lo to if leakage vs. lo level icc vs. lo level lo to if leakage vs. t case lo to if leakage vs. vcc 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 icc (a) rf frequency(mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 icc (a) rf frequency(mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 lo to if leakage (dbm) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 icc (a) rf frequency(mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 lo to if leakage (dbm) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 lo to if leakage (dbm) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 16 revo december 2013 id tf1763 nbgi datasheet toc s [if = 200mh z , l ow s ide i njection ] rf to if leakage, oip3, h2 (10) rf to if leakage vs. t case rf to if leakage vs. vcc hd2 vs. input power rf to if leakage vs. lo level oip3 vs. input power oip3 vs. delta frequency of two tones - 80 - 72 - 64 - 56 - 48 - 40 - 32 - 24 - 16 - 8 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 rf to if leakage (dbc) rf frequency (mhz) 105degc - 5.0v - 0dbm 25degc - 5.0v - 0dbm - 40degc - 5.0v - 0dbm - 80 - 72 - 64 - 56 - 48 - 40 - 32 - 24 - 16 - 8 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 rf to if leakage (dbc) rf frequency (mhz) 25degc - 4.75v - 0dbm 25degc - 5.0v - 0dbm 25degc - 5.25v - 0dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 - 20 - 18 - 16 - 14 - 12 - 10 - 8 - 6 - 4 - 2 0 2 4 6 8 10 hd2 (dbc) input power (dbm) 25degc - 5.0v - 0dbm - 1900mhz 25degc - 5.0v - 0dbm - 2200mhz 25degc - 5.0v - 0dbm - 2500mhz 25degc - 5.0v - 0dbm - 2800mhz - 80 - 72 - 64 - 56 - 48 - 40 - 32 - 24 - 16 - 8 0 1900 2000 2100 2200 2300 2400 2500 2600 2700 2800 rf to if leakage (dbc) rf frequency (mhz) 25degc - 5.0v - 0dbm 25degc - 5.0v - 3dbm 25degc - 5.0v - - 3dbm 0 5 10 15 20 25 30 35 40 45 50 - 20 - 18 - 16 - 14 - 12 - 10 - 8 - 6 - 4 - 2 0 2 4 6 8 10 oip3 (dbm) input power (dbm) 25degc - 5.0v - 0dbm - 1900mhz 25degc - 5.0v - 0dbm - 2200mhz 25degc - 5.0v - 0dbm - 2500mhz 25degc - 5.0v - 0dbm - 2800mhz 0 5 10 15 20 25 30 35 40 45 50 0.8 2.8 4.8 6.8 8.8 10.8 12.8 14.8 16.8 18.8 20.8 22.8 24.8 26.8 28.8 30.8 oip3 (dbm) two tones delta frequency(mhz) 25degc - 5.0v - 0dbm - 2000mhz 25degc - 5.0v - 0dbm - 2300mhz 25degc - 5.0v - 0dbm - 2500mhz 25degc - 5.0v - 0dbm - 2800mhz
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 17 revo december 2013 id tf1763 nbgi datasheet toc s nf , settling t ime, return los s (11) noise figure vs. t case turn on settling lo port return loss noise figure with blocker (rf: 2500mhz, blocker: 2600 mhz) turn off settling rf port return loss 0 2 4 6 8 10 12 14 2000 2100 2200 2300 2400 2500 2600 2700 2800 noise figure (db) rf frequency (mhz) 105degc 25degc - 40degc - 0.40 - 0.30 - 0.20 - 0.10 0.00 0.10 0.20 0.30 0.40 - 40 - 20 0 20 40 60 80 100 120 140 160 180 200 amplitude (volts) time (ns) signal stby - 30 - 27 - 24 - 21 - 18 - 15 - 12 - 9 - 6 - 3 0 1500 1650 1800 1950 2100 2249 2399 2549 2699 2848 2998 return loss (db) frequency (mhz) 0 5 10 15 20 25 30 35 40 45 50 - 30 - 28 - 26 - 24 - 22 - 20 - 18 - 16 - 14 - 12 - 10 - 8 - 6 - 4 - 2 0 2 4 5.5 noise figure (db) blocker power (dbm) - 0.4 - 0.3 - 0.2 - 0.1 0.0 0.1 0.2 0.3 0.4 - 40 - 20 0 20 40 60 80 100 120 140 160 180 200 amplitude (volts) time (ns) signal stby - 45 - 40.5 - 36 - 31.5 - 27 - 22.5 - 18 - 13.5 - 9 - 4.5 0 1900 2038 2175 2313 2450 2588 2725 2863 3000 retrn loss (db) frequency (mhz)
rf to if single downconverting mixer 2000mhz to 2900mhz idt zero - distortion tm mixer 18 revo december 2013 id tf1763 nbgi datasheet toc s return lo ss ( 12) if port return loss - 30 - 27 - 24 - 21 - 18 - 15 - 12 - 9 - 6 - 3 0 30 104 179 254 329 404 479 553 628 return loss (db) frequency (mhz)
rf to if single downconverting mixer 19 00mhz to 2 9 00mhz idt zero - distortion tm mixer 19 revo december 2013 id tf1763 nbgi datasheet p ackage d rawing (nbg20)
rf to if single downconverting mixer 19 00mhz to 2 9 00mhz idt zero - distortion tm mixer 20 revo december 2013 id tf1763 nbgi datasheet p in d iagram p a c k a g e d r a w i n g 5 m m x 5 m m p a c k a g e d i m e n s i o n 3 . 1 m m x 3 . 1 m m e x p o s e d p a d d l e 0 . 6 5 m m p i t c h 2 0 p i n s 0 . 7 5 m m h e i g h t 0 . 3 0 m m p a d w i d t h 0 . 5 5 m m p a d l e n g t h g n d [ n c ] g n d [ r f r t n ] r f _ i n v c c t o p v i e w ( l o o k i n g t h r o u g h t h e t o p o f t h e p a c k a g e ) e x p o s e d p a d 5 4 3 2 1 c o 0 . 3 5 m m n c g n d g n d [ l o _ a d j ] g n d l o _ i n 1 5 1 4 1 3 1 2 1 1 g n d n c [ d i e i d ] v c c i f _ b i a s v c c [ n c ] 1 0 9 8 7 6 i f _ s e t i f o u t + i f o u t - s t b y 2 0 1 9 1 8 1 7 1 6 v c c b l a c k t e x t i s r e c o m m e n d e d e x t e r n a l c o n n e c t i o n r e d t e x t d e n o t e s i n t e r n a l f u n c t i o n o r c o n n e c t i o n g n d [ l _ e x t ]
rf to if single downconverting mixer 19 00mhz to 2 9 00mhz idt zero - distortion tm mixer 21 revo december 2013 id tf1763 nbgi datasheet p in d escriptions pin name function 1 vcc power supply. bypass to gnd with capacitors shown in the typical application circuit as close as possible to pin. 2 rf_in rf input. internally matched to 50 . do not apply dc to this pin. 3 gnd [rf_rtn] rf input balun return. ground this pin 4 gnd internally bonded to gnd 5 gnd [nc] no connection. not internally connected. ok to connect to vcc. ok to connect to gnd. 6 vcc [nc] no connection. not internally connected. ok to connect to vcc. ok to connect to gnd. 7 if_bias connect the specified resistor from this pin to ground to optimize linearity. 8 vcc power supply. bypass to gnd with capacitors shown in the typical application circuit as close as possible to pin. 9 nc [die id] this pin serves as the die id. leave it unconnected 10 gnd internally bonded to gnd 11 lo_in local oscillator input. this input is internally matched to 50. this pin requires an input dc - blocking capacitor 12 gnd internally bonded to gnd 13 gnd [ lo_adj ] ground this pin for best linearity performance. a resistor from this pin to gnd can be used to reduce dc power consumption while slightly degrading linearity performance. 14 vcc power supply. bypass to gnd with capacitors shown in the typical application circuit as close as possible to pin. 15 nc no connection. not internally connected. ok t o connect to vcc. ok to connect to gnd. 16 gnd [l_ext] provisions for an external inductor. ground this pin for normal operation . 17 stby ground for normal operation. pull high to disable 18 if_out - mixer differential if output. connect pullup induct or from this pin to vcc (see the typical application circuit). 19 if_out+ mixer differential if output. connect pullup inductor from this pin to vcc (see the typical application circuit). 20 if_set connect the specified resistor from this pin to ground t o set the correct icc for the if amplifier. ep exposed pad. internally connected to gnd. connect to ground with multiple vias for good thermal relief
rf to if single downconverting mixer 19 00mhz to 2 9 00mhz idt zero - distortion tm mixer 22 revo december 2013 id tf1763 nbgi datasheet ev kit / a pplication c ircuit
rf to if single downconverting mixer 19 00mhz to 2 9 00mhz idt zero - distortion tm mixer 23 revo december 2013 id tf1763 nbgi datasheet p ower s upplies all supply pins should be bypassed with external capacitors to minimize noise and fast transients. supply noise can degrade noise figure and fast transients can trigger esd clamps and cause them to fail. supply voltage change or transients should have a slew rate smaller than 1 v/20us. in addition, all control pins should remain at 0v (+/ - 0.3v) while the supply voltage ra mps or while it returns to zero. ev kit p icture /l ayout /o peration inner position for lc mode (r16, r18 ) unused o u t p u t 4 : 1 t r a n s f o r m e r 5 0 o h m i f o u t p o r t c l o s e f o r n o r m a l o p e r a t i o n d c p o w e r u n u s e d
rf to if single downconverting mixer 19 00mhz to 2 9 00mhz idt zero - distortion tm mixer 24 revo december 2013 id tf1763 nbgi datasheet evk it bom t op m arkings f1763 item # value size/rev desc mfr. part # mfr. supplier part # supplier part reference qty 1 10nf 0402 cap cer 10000pf 16v 10% x7r 0402 grm155r71c103ka01d murata 490-1313-1-nd digikey c1,2,3,5,7,9,12 7 2 10uf 0603 cap cer 10uf 6.3v x5r 0603 grm188r60j106me47d murata 490-3896-1-nd digikey c4 1 3 0.5pf 0402 cap cer 0.5pf 50v np0 0402 gjm1555c1hr50bb01d murata 490-6077-1-nd digikey c13 1 4 39pf 0402 cap cer 39pf 50v 5% c0g 0402 grm1555c1h390jz010 murata 490-1286-1-nd digikey c8,10 2 5 0 0402 res 0.0 ohm 1/10w 0402 smd erj-2ge0r00x panasonic p0.0jct-nd digikey r2,3,4,5,6,7,10, 11,14,l5 10 6 100 0402 res 100 ohm 1/10w 1% 0402 smd erj-2rkf1000x panasonic p100lct-nd digikey r15 1 7 1k 0402 res 1k ohm 1/10 1% 0402 smd erj-2rkf1001x panasonic p1.00klct-nd digikey r9 1 8 12.1k 0402 res 12.1k ohm 1/10 1% 0402 smd ERJ-2RKF1212X panasonic p12.1klct-nd digikey r13 1 9 47k 0402 res 47.0k ohm 1/16w 1% 0402 smd rc0402fr-0747kl yageo 311-47.0klrct-nd digikey r8 1 10 22nh 0402 0402 inductor 22nh lqw series lqw15an22nj00d murata 490-1150-1-nd digikey l1,4 2 11 820nh 0805 0805cs (2012) ceramic chip inductor 0805cs-821xjlb coilcraft 0805cs-821xjlb coilcraft l2,3 2 12 header_2pin th_2 conn header vert sgl 2pos gold 961102-6404-ar 3m 3m9447-nd digikey jp1,2 2 13 sma_end_launch .062 conn sma jack end launch pcb (big) 142-0701-851 emerson johnson 530-142-0701-851 mouser j5,6 2 14 sma_end_launch .062 conn sma jack end launch pcb (small) 142-0711-821 emerson johnson 530-142-0711-821 mouser j2,3 2 15 4:1 balun sm-22 4:1 center tap balun 50 ohm 3 to 800mhz tc4-6tg2+ mini circuits tc4-6tg2+ mini circuits t1 1 16 f1763 qfn-20 rf mixer f1763 idt f1763_013 idt u1 1 17 pcb 02 printed circuit board f1751 ev kit rev 03 1 18 bom 03 bill of material 19 dnp 402 r1,12,c6,11,14, 15,jp3 total 38 11/26/2013 i d t f 1 7 6 3 n b g i z d 1 3 2 1 a q 9 6 b 0 1 3 m y p a r t n u m b e r d a t e c o d e [ y y w w ] ( w e e k 2 1 o f 2 0 1 3 ) l o t c o d e d i e s t e p


▲Up To Search▲   

 
Price & Availability of ERJ-2RKF1212X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X