Part Number Hot Search : 
AD8306 2SC33 74HC2440 EW730 STC12C B2901 200100 HD6305
Product Description
Full Text Search
 

To Download DSC1101AE5-0076800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1101 | dsc1121 page 1 mk -q-b-p-d-1104 10 - 01 -6 low-jitter precision cmos oscillator dsc1101 dsc1121 general description the dsc 11 01 & dsc1121 series of high performance oscillators utilizes a proven silicon mems technology to provide excellent jitter and stability over a wide range of supply voltages and temperatures. by eliminating the need for quartz or saw technology, mems oscillators significantly enhance reliability and acceler ate product development , while meeting stringent clock performance criteria for a variety of communications, storage, and networking applications. dsc1101 has a standby feature allowing it to completely power-down when en pin is pulled low; whereas for dsc1121, only the outputs are disabled when en is low. both oscillators are available in industry standard packages, including the small 3.2x2.5 mm 2 , and are drop - in r eplacements for standard 4-pin cmos quartz crys tal oscillators. block diagram output enable modes en pin dsc1101 dsc1121 high output active output active nc output active output active low standby output disabled features ? low rms phase jitter: <1 ps (typ) ? high stability: 10 , 25, 50 ppm ? wide temperature range o automotive : -55 to 125 c o ext. industrial: -40 to 105 c o industrial: -40 to 85 c o ext. commercial: -20 to 70 c ? high supply noise rejection: -50 dbc ? short lead time: 2 weeks ? wide freq. range: 2.3 to 170 mhz ? small industry standard footprints o 2.5x2.0, 3.2x2.5, 5.0x3.2, & 7.0x5.0 mm ? excellent shock & vibration immunity o qualified to mil-std- 883 ? high reliability o 20x better mtf than quartz oscillators ? low current consumption ? supply range of 2.25 to 3.6 v ? standby & output enable function ? lead free & rohs compliant applications ? storage area networks o sata, sas, fibre channel ? passive optical networks o epon, 10g-epon, gpon, 10g- pon ? ethernet o 1g, 10gbase-t/kr/lr/sr, and fcoe ? hd/sd/sdi video & surveillance ? pc i express ? displayport downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1101 | dsc1121 page 2 mk -q-b-p-d-1104 10 - 01 -6 dsc1101 low -jitter precision cmos oscillator dsc1121 absolute maximum ratings item min max unit condition supply voltage -0.3 +4.0 v input voltage -0.3 v dd +0.3 v junction temp - +150 c storage temp - 55 +150 c soldering temp - +260 c 40 sec max. esd hbm mm cdm - 4000 400 1500 v ordering code note: 1000+ years of data retention on internal memory specifications 1. pin 6 v dd should be filtered with 0.1uf capacitor. 2. t su is time to 100ppm of output frequency after v dd is applied and outputs are enabled. 3. output waveform and test circuit figures below define the parameters. 4. output is enabled if pad is floated or not connected. parameter condition min. typ. max. unit supply voltage 1 v dd 2.25 3.6 v supply current i dd en pin low C output is disabled dsc1101 dsc11 21 20 0.095 22 ma frequency stability ext comm. & ind. only all temp ranges all temp ranges f includes frequency variations due to initial tolerance, temp. and power supply voltage 10 25 50 ppm aging f 1 year @ 25c 5 ppm startup time 2 t su t= 25c 5 ms input logic levels input logic high input logic low v ih v il 0.75xv dd - - 0.25xv dd v output disable time 3 t da 5 ns output enable time t en dsc1101 dsc1121 5 20 ms ns enable pull- up resistor 4 pull-up resistor exist 40 k cmos output supply current 4 i dd output is enabled c l = 15 pf , f 0 =1 25 mhz 31 35 ma output logic levels output logic high output logic low v oh v ol i= 6ma 0.9xv dd - - 0.1xv dd v output transition time 3 rise time fall time t r t f 20% to 80% c l =15pf 1.1 1.3 2 2 ns frequency f 0 all temp range except auto auto temp range 2.3 170 100 mhz output duty cycle sym 45 55 % period jitter j per fout=125mhz 3 ps rms integrated phase noise j ph 200khz to 20mhz @ 125mhz 100khz to 20mhz @ 125mhz 12khz to 20mhz @ 125mhz 0.3 0.38 1. 7 2 ps rms dsc11 125.0000 freq (mhz) 125.0000 0 enable modes 0: enable/standby 2: enable/disable - packing t: tape & reel : tube 1 c i 5 package a: 7.0x5.0mm b: 5.0x3.2mm c: 3.2x2.5mm d: 2.5x2.0 mm n: 7.0x5.0mm (no center pad) temp range e: -20 to 70 i: -40 to 85 l: -40 to 105 m: -55 to 125 stability 1: 50ppm 2: 25ppm 5: 10ppm t downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1101 | dsc1121 page 3 mk -q-b-p-d-1104 10 - 01 -6 dsc1101 low -jitter precision cmos oscillator dsc1121 nominal performance parameters (unless specified otherwise: t=25 c, v dd =3.3 v) phase jitter (integrated phase noise) power supply rejection ratio output waveform typical termination scheme 0.0 0.5 1.0 1.5 2.0 2.5 0 200 400 600 800 1000 phase jitter (ps rms) low -end of integration bw: x khz to 20 mhz 25mhz-cmos 50mhz-cmos 106mhz-cmos 125mhz-cmos - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 0.1 1 10 100 1000 10000 rejection (dbc) supply noise frequency (khz) 50 - mv 100 - mv v dd 0.1uf 2 3 4 5 6 c l cmos load capacitance v oh v ol v il 1/f o output enable t da t en t f t r v ih downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1101 | dsc1121 page 4 mk -q-b-p-d-1104 10 - 01 -6 dsc1101 low -jitter precision cmos oscillator dsc1121 test circuit board layout (recommended) solder reflow profile 0.1uf v dd 15pf i dd v da 4 1 2 3 msl 1 @ 260 c refer to jstd-020c ramp-up rate (200 c to peak temp) 3 c/sec max. preheat time 150 c to 200 c 60 -180 sec time maintained above 217 c 60 -150 sec peak temperature 255-260 c time within 5 c of actual peak 20 -40 sec ramp-down rate 6 c/sec max. time 25 c to peak temperature 8 min max. 60 -150 sec 20 - 40 sec 60 -180 sec 8 min max pre heat reflow cool time temperature ( c) 3c/sec max. 6c/sec max. 200 c 217 c 150 c 25 c 260 c 3c/sec max. 60 -150 sec 20 - 40 sec 60 -180 sec 8 min max pre heat reflow cool time temperature ( c) 3c/sec max. 6c/sec max. 200 c 217 c 150 c 25 c 260 c 60 -150 sec 20 - 40 sec 60 -180 sec 8 min max pre heat reflow cool time temperature ( c) 3c/sec max. 6c/sec max. 200 c 217 c 150 c 25 c 260 c 3c/sec max. 2 3 4 5 6 1 downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1101 | dsc1121 page 5 mk -q-b-p-d-1104 10 - 01 -6 dsc1101 low -jitter precision cmos oscillator dsc1121 package dimensions 7.0 x 5.0 mm plastic package 1 2 3 4 6 5 70.10 [0.2760.004] 50.10 [0.1970.004] 1 2 3 4 6 5 1.10.01[0.430.004] 3.7 [0.146] ref 0.850.05 1.4 [0.055] 2.6 [0.102] 1 3 4 via to power trace via to ground plane no. pin terminal 1 enable 2 n/c 3 ground 4 5 n/c 6 vdd out 6 external dimensions units: mm [ inches] recommended solder pad layout units: mm [ inches] 2.54 [0.100] 1.40.10 [0.0550.004] 1.8 [0.071] 2.8 [0.110] 1.4 [0.055] 5.08 [0.100] pad tie to gnd 5.0 x 3.2 mm plastic package 1 2 3 4 6 5 50.05 [0.1970.002] 3.20.05 [0.1260.002] 1 2 3 4 6 5 1.27 [0.050] 0.70.1 [0.0790.002] 1.2 [0.047] ref 0.850.05 0.64 [0.025] 1.1 [ 0.043] 1.2 [0.047] ref 1 3 4 via to power trace via to ground plane no. pin terminal 1 enable 2 n/c 3 ground 4 5 6 vdd out n/c 6 external dimensions units: mm [ inches] recommended solder pad layout units: mm [ inches] 0.640.05 2.54 [0.100] downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1101 | dsc1121 page 6 mk -q-b-p-d-1104 10 - 01 -6 dsc1101 low -jitter precision cmos oscillator dsc1121 3.2 x 2.5 mm plastic package 1 2 3 4 6 5 3.20.05 [0.1260.002] 2.50.05 [0.0980.002] 1 2 3 4 6 5 0.50.05 [0.1980.002] 0.90.05 [0.0350.002] 1.05 [0.041] 0.70.1 [0.0790.002] 0.1[0.004] ref 0.9 [0.035] ref 0.850.05 0.9 [0.035] 1 [ 0.039] 0.9 [0.035] ref 1 3 4 via to power trace via to ground plane no. pin terminal 1 enable 2 n/c 3 ground 4 5 n/c 6 vdd out 6 external dimensions units: mm [ inches] recommended solder pad layout units: mm [ inches] 2.1[0.083] 2.5 x 2.0 mm plastic package 1 2 3 4 6 5 2.50.05 [0.0980.002] 2.00.05 [0.0790.002] 1 2 3 4 6 5 0.250.05 [0.0990.002] 0.650.05 [0.0260.002] 0.825 [0.032] 0.70.1 [0.0790.002] 0.7650.1 0.535 ref 0.6 ref 0.70.1 [0.0790.002] 0.850.05 0.650.05 [0.0260.002] 0.85 0.7 ref 1 2 3 4 5 6 via to power trace via to ground plane no. pin terminal 1 enable 2 n/c 3 ground 4 5 n/c 6 vdd out external dimensions units: mm [ inches] recommended solder pad layout units: mm [ inches] 1.65[0.064] downloaded from: http:///
___________________________________________________ ___________________________________________________ _______________________ _________________ dsc1101 | dsc1121 page 7 mk -q-b-p-d-1104 10 - 01 -6 dsc1101 low -jitter precision cmos oscillator dsc1121 7.0 x 5.0 mm plastic package (no center pad) 1 2 3 4 6 5 70.10 [0.2760.004] 50.10 [0.1970.004] 1 2 3 4 6 5 1.10.01[0.430.004] 3.7 [0.146] ref 0.850.05 1.4 [0.055] 2.6 [0.102] 1 3 4 via to power trace via to ground plane no. pin terminal 1 enable 2 n/c 3 ground 4 5 n/c 6 vdd out 6 external dimensions units: mm [ inches] recommended solder pad layout units: mm [ inches] 2.54 [0.100] 1.40.10 [0.0550.004] 1.4 [0.055] 5.08 [0.100] disclaimer: micrel makes no representations or warranties with respect to the accur acy or completeness of the information furnished in this data sheet. this in formation is not intended as a warranty and micrel does not assume responsibility for its use. micrel re serves the right to change circuitry, specifications and descriptions at any time without notice. no license, whether express, implied, arising by estoppel or otherwise, to any intellectu al property rights is granted by this document. except as provided in micrel s terms and conditions of sale for such products, micrel assumes no liability whatsoever, and micrel d isclaims any express or implied warranty relating to the sale and/or use o f micrel products including liability or warranties relating to fitness for a particular purpose, mer chantability, or infringement of any patent, copyright or other intelle ctual property right. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems th at (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably ex pected to result in a significant injury to the user. a purchasers use or s ale of micrel products for use in life support ap pliances, devices or systems is a purchasers own risk and purchaser agrees to fully indemn ify micrel for any damages resulting fro m such use or sale. micrel, inc. 2180 fortune drive, san jose, california 95131 usa phone: +1 (408) 944-0800 fax: +1 (408) 474 -1000 email: hbwhelp@micrel.com www.micrel.com downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DSC1101AE5-0076800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X