Part Number Hot Search : 
LVC1G0 41200 TK20D60 XL4005E1 LP121S1 43C8P4 EFM32G 09SH3
Product Description
Full Text Search
 

To Download CZD13003-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente czd13003 1.5a , 700v npn plastic encapsulated transistor 08-aug-2014 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? base ? ? emitte r collector ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? power switching applications classification of ts rank a1 a2 b1 b2 range 2~2.5( s ) 2.5~3( s ) 3~3.5( s ) 3.5~4( s ) package information package mpq leader size to-252 2.5k 13 inch absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 700 v collector to emitter voltage v ceo 400 v emitter to base voltage v ebo 9 v collector current - continuous i c 1.5 a collector power dissipation p c 1.25 w junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v (br)cbo 700 - - v i c =1ma, i e =0 collector to emitter breakdown voltage v (br)ceo 400 - - v i c =10ma, i b =0 emitter to base breakdown voltage v (br)ebo 9 - - v i e =1ma, i c =0 collector cut ? off current i cbo - - 1 ma v cb =700v, i e =0 collector cut ? off current i ceo - - 0.5 ma v ce =400v, i b =0 emitter cut ? off current i ebo - - 1 ma v eb =9v, i c =0 h fe (1) 20 - 30 v ce =5v, i c =0.5a dc current gain h fe (2) 5 - - v ce =5v, i c =1.5a collector to emitter saturation voltage v ce(sat) - - 0.6 v i c =1a, i b =250ma base to emitter saturation voltage v be(sat) - - 1.2 v i c =1a, i b =250ma base-emitter voltage v be - - 3 v i e =2a transition frequency f t - 5 - mhz v ce =10v, i c =100ma, f =1mhz fall time t f - 0.5 - s i c =1a, i b1 = -i b2 =0.2a,v cc =100v storage time t s 2 - 4 s i c =250ma to-252 a c d n o p g e f h k j m b millimete r millimete r ref. min. max. ref. min. max. a 6.35 6.80 j 2.30 ref. b 4.95 5.50 k 0.64 1.14 c 2.15 2.40 m 0.50 0.95 d 0.43 0.9 n 1.3 1.8 e 6.4 7.5 o 0 0.15 f 2.40 3.0 p 0.58ref. g 5.40 6.25 h 0.60 1.20
elektronische bauelemente czd13003 1.5a , 700v npn plastic encapsulated transistor 08-aug-2014 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curve


▲Up To Search▲   

 
Price & Availability of CZD13003-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X