Part Number Hot Search : 
CHV37H48 A101M 09100 70PDL1 M12864N PCA9550D MC3303 AKD4399
Product Description
Full Text Search
 

To Download BUL310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BUL310 high voltage fast-switching npn power transistor n stmicroelectronics preferred salestype n npn transistor n high voltage capability n low spread of dynamic parameters n minimum lot-to-lot spread for reliable operation n very high switching speed n fully characterised at 125 o c n large rbsoa applications n electronic ballasts for fluorescent lighting n flyback and forward single transistor low power converters description the device is manufactured using high voltage multi epitaxial planar technology for high switching speeds and high voltage capability. it uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining a wide rbsoa. the bul series is designed for use in lighting applications and low cost switch-mode power supplies. internal schematic diagram february 2002 1 2 3 absolute maximum ratings symbol parameter value unit v ces collector-emitter voltage (v be = 0) 1000 v v ceo collector-emitter voltage (i b =0) 500 v v ebo emitter-base voltage (i c =0) 9 v i c collector current 5 v i cm collector peak current (t p <5 ms) 10 a i b base current 3 a i bm base peak current (t p <5 ms) 4 a p tot total dissipation at tc = 25 o c75w t stg storage temperature -65 to 150 o c t j max. operating junction temperature 150 o c to-220 ? 1/6
thermal data r thj-case r thj-amb thermal resistance junction-case max thermal resistance junction-ambient max 1.65 62.5 o c/w o c/w electrical characteristics (t case =25 o c unless otherwise specified) symbol parameter test conditions min. typ. max. unit i ces collector cut-off current (v be =0) v ce =1000v v ce =1000v t j =125 o c 100 500 m a m a i ceo collector cut-off current (i b =0) v ce = 500 v 250 m a v ceo(s us) * collector-emitter sustaining voltage (i b =0) i c = 100 ma l= 25 mh 500 v v ebo emitter-base voltage (i c =0) i e =10ma 9 v v ce(sat) * collector-emitter saturation voltage i c =1a i b =0.2a i c =2a i b =0.4a i c =3a i b =0.6a 0.5 0.7 1.1 v v v v be(sat) * base-emitter saturation voltage i c =1a i b =0.2a i c =2a i b =0.4a i c =3a i b =0.6a 1 1.1 1.2 v v v h fe * dc current gain i c =10ma v ce =5v i c =3a v ce =2.5v 10 61014 t s t f inductive load storage time fall time i c =2a i b1 =0.4a v be(off) =-5v r bb =0 w v cl =250v l=200 m h (see figure 1) 1.2 80 1.9 160 m s ns t s t f inductive load storage time fall time i c =2a i b1 =0.4a v be(off) =-5v r bb =0 w v cl =250v l=200 m h t j =125 o c (seefigure1) 1.8 150 m s ns * pulsed: pulse duration = 300 m s, duty cycle 1.5 % safe operating areas derating curve BUL310 2/6
dc current gain collector emitter saturation voltage inductive load fall time dc current gain base emitter saturation voltage inductive load storage time BUL310 3/6
reverse biased soa figure 1: inductive load switching test circuit (1) fast electronic switch (2) non-inductive resistor (3) fast recovery rectifier BUL310 4/6
dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.052 d 2.40 2.72 0.094 0.107 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.202 g1 2.40 2.70 0.094 0.106 h2 10.00 10.40 0.394 0.409 l2 16.40 0.645 l4 13.00 14.00 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.20 6.60 0.244 0.260 l9 3.50 3.93 0.137 0.154 m 2.60 0.102 dia. 3.75 3.85 0.147 0.151 p011ci to-220 mechanical data BUL310 5/6
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a trademark of stmicroelectronics ? 2002 stmicroelectronics printed in italy all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states. http://www.st.com BUL310 6/6


▲Up To Search▲   

 
Price & Availability of BUL310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X